Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G28KP-YA Datasheet(PDF) 1 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # G28KP-YA
Description  Process Sealed Ultra-Miniature Rockers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

G28KP-YA Datasheet(HTML) 1 Page - Nihon Kaiheiki Industry Co. Ltd.

  G28KP-YA Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. G28KP-YA Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. G28KP-YA Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. G28KP-YA Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Process Sealed Ultra-Miniature Rockers
Series G
Distinctive Characteristics
Actual Size
Ultra-miniature size allows high density mounting, and extremely
light weight of 0.25 gram makes these switches ideal for
handheld equipment.
Totally sealed body construction prevents contact
contamination and allows time-and money-saving
automated soldering and cleaning.
Award-winning STC contact mechanism with
benefits unavailable in conventional mech-
anisms: smoother, positive detent actuation,
increased contact stability and unparalleled
logic-level reliability. (Additional STC details
in Terms & Acronyms; see Supplement
section.)
.100” x .100” (2.54mm x 2.54mm)
terminal spacing conforms to standard
PC board grid spacing. Round terminals
facilitate easier through-hole mounting on
PC boards.
Matching indicators available and shown at the
end of Section M.


Similar Part No. - G28KP-YA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G28KP-YA ETC2-G28KP-YA Datasheet
137Kb / 4P
   Process Sealed Ultra-Miniature Rockers
logo
Nihon Kaiheiki Industry...
G28KP-YA NKK-G28KP-YA Datasheet
124Kb / 4P
   General Specifications
More results

Similar Description - G28KP-YA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G22KP-YA ETC2-G22KP-YA Datasheet
137Kb / 4P
   Process Sealed Ultra-Miniature Rockers
logo
Nihon Kaiheiki Industry...
M2T12TXW13-D NKK-M2T12TXW13-D Datasheet
253Kb / 7P
   Process Sealed Miniature Rockers
logo
List of Unclassifed Man...
M2T22TXG41-DC ETC2-M2T22TXG41-DC Datasheet
597Kb / 8P
   Process Sealed Miniature Rockers
logo
Nihon Kaiheiki Industry...
A12KP NKK-A12KP Datasheet
266Kb / 7P
   Process Sealed Subminiature Rockers
logo
List of Unclassifed Man...
A23K1V-DA ETC2-A23K1V-DA Datasheet
241Kb / 7P
   Process Sealed Subminiature Rockers
A13KW-CA ETC2-A13KW-CA Datasheet
888Kb / 8P
   Process Sealed Subminiature Rockers
GB15AP ETC2-GB15AP Datasheet
125Kb / 4P
   Process Sealed Ultra-Miniature Pushbuttons
G13AH ETC2-G13AH Datasheet
121Kb / 4P
   Process Sealed Ultra-Miniature Toggles
GB15AH-XC ETC2-GB15AH-XC Datasheet
125Kb / 4P
   Process Sealed Ultra-Miniature Pushbuttons
logo
Nihon Kaiheiki Industry...
GB15AP-XA NKK-GB15AP-XA Datasheet
144Kb / 5P
   Process Sealed Ultra-Miniature Pushbuttons
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com