Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LF114ED Datasheet(PDF) 1 Page - MicroPower Direct, LLC

Part # LF114ED
Description  Lowest Cost, Dual Output Ultra-Miniature 1W SMT DC/DC Con vert ers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

LF114ED Datasheet(HTML) 1 Page - MicroPower Direct, LLC

  LF114ED Datasheet HTML 1Page - MicroPower Direct, LLC LF114ED Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LF100ED
Lowest Cost, Dual Output
Ultra-Miniature 1W SMT
DC/DC Converters
Series
Input
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Range
3.3 VDC Input
3.0
3.3
3.6
VDC
5 VDC Input
4.5
5.0
5.5
12 VDC Input
10.8
12.0
13.2
Reverse Polarity Input Current
1.0
A
Input Filter
Capacitor
Output
Parameter
Conditions
Min.
Typ.
Max.
Units
Output Voltage Accuracy
±3.0
%
Output Voltage Balance
Balanced Loads
±1.0
%
Line Regulation
For Vin Change of 1%
±1.2
%
Load Regulation (Note 1)
See Model Selection Guide
Ripple & Noise (20 MHz) (Note 2)
50
75
mV P - P
Temperature Coefficient
±0.03
%/ºC
Output Short Circuit
Momentary (0.5 Sec.)
General
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation Voltage
60 Seconds
1,000
VDC
Isolation Resistance
500 VDC
1,000
Isolation Capacitance
100 kHz, 1V
70
pF
Switching Frequency
100
kHz
Environmental
Parameter
Conditions
Min.
Typ.
Max.
Units
Operating Temperature Range
Ambient
-40
+25
+85
ºC
Storage Temperature Range
-55
+125
ºC
Cooling
Free Air Convection
Humidity
RH, Non-condensing
95
%
Physical
Case Size
0.60 x 0.29 x 0.24 Inches (15.24 x 7.5 x 6.0 mm)
Case Material
Non-Conductive Black Plastic (UL94-V0)
Weight
0.05 Oz (1.5g)
Reliability Specifications
Parameter
Conditions
Min.
Typ.
Max.
Units
MTBF
MIL HDBK 217F, 25ºC, Gnd Benign
3.5
MHours
Safety Standards
UL 1950, EN 60950, IEC 60950
Safety Approvals
UL, cUL; File No. E245422
Absolute Maximum Ratings
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Surge (1 Sec)
3.3 VDC Input
-0.7
7.0
VDC
5 VDC Input
-0.7
7.0
12 VDC Input
-0.7
15.0
Lead Temperature
1.5 mm From Case For 10 Sec
260.0
ºC
Internal Power Dissipation
All Models
450
mW
Caution: Exceeding Absolute Maximum Ratings may damage the module. These are not continuous operating ratings.
MicroPower Direct
292 Page Street
Suite D
Stoughton, MA 02072
USA
T: (781) 344-8226
F: (781) 344-8481
E: sales@micropowerdirect.com
W: www.micropowerdirect.com
Electrical Specifications
Specifications typical @ +25°C, nominal input voltage & rated output current, unless otherwise noted. Specifications subject to change without notice.
Key Features:
1W Output Power
Ultra-Miniature SMT Case
UL Approved (File E245422)
Dual Outputs
Low 0.29” Profile
1,000 VDC Isolation
>3.5 MHour MTBF
3.3V, 5V, & 12V Inputs
LOWEST COST!


Similar Part No. - LF114ED

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
LF114ED MPD-LF114ED Datasheet
233Kb / 2P
   F100ED SERIES
LF114EDI MPD-LF114EDI Datasheet
244Kb / 2P
   Low Cost, Dual Output High Isolation 1W SMT DC/DC Converters
LF114EDI MPD-LF114EDI Datasheet
244Kb / 2P
   LF100EDI SERIES
More results

Similar Description - LF114ED

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
D100D MPD-D100D Datasheet
141Kb / 2P
   Miniature, 1W SIP Dual Isolated Output DC/DC Con vert ers
ME05S MPD-ME05S_18 Datasheet
448Kb / 2P
   Low Cost, 0.5W Ultra-Miniature SIP DC/DC Con vert ers
A100EHI MPD-A100EHI_14 Datasheet
207Kb / 2P
   Low Cost, Miniature DIP 1W, Very High Isolation DC/DC Con vert ers
MD100MEHI MPD-MD100MEHI Datasheet
452Kb / 3P
   Miniature, 1W SIP Medical Approved DC/DC Con vert ers
LF100ES MPD-LF100ES Datasheet
235Kb / 2P
   Lowest Cost, Single Output 1W Ultra-Miniature SMT DC/DC Converters
ML100MRI4 MPD-ML100MRI4 Datasheet
253Kb / 2P
   Medical Approved Compact SMT, 1W DC/DC Con vert ers
MD200XE MPD-MD200XE Datasheet
350Kb / 2P
   Low Cost, 2W Miniature SIP DC/DC Con vert ers
D100ER MPD-D100ER Datasheet
192Kb / 2P
   Low Cost, 1W SIP Tightly Regulated DC/DC Con vert ers
ML100RW MPD-ML100RW Datasheet
419Kb / 2P
   Ultra-Compact, 1W Wide 2:1 Input, SMT DC/DC Con vert ers
MHI100X-XXDI5.7 MPD-MHI100X-XXDI5.7 Datasheet
662Kb / 3P
   High Isolation, 1W SIP Single & Dual Output DC/DC Con vert ers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com