Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B28KH Datasheet(PDF) 6 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # B28KH
Description  Process Sealed Subminiature Antistatic Toggles
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

B28KH Datasheet(HTML) 6 Page - Nihon Kaiheiki Industry Co. Ltd.

  B28KH Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. B28KH Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. B28KH Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. B28KH Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. B28KH Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. B28KH Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. B28KH Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. B28KH Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Process Sealed Subminiature Antistatic Toggles
Series B
TYPICAL SWITCH DIMENSIONS
Straight PC
Single Pole
Straight PC • Bracket
Single Pole
Straight PC
Double Pole
Straight PC • Bracket
Double Pole
B12AP
B22AP
B12AB
B12AH
(2.54) Typ
.100
3
1
2
(0.8) Dia Typ
.031
(1.0)
.039
CL
(0.8) Dia Typ
.031
6
4
5
2
3
1
(2.54) Typ
.100
(5.08)
.200
Right Angle PC
Single Pole
B22AB
(6.0) Dia
.236
(0.6) Typ
.024
(5.08)
.200
(2.6) Dia
.102
Slot
(3.4)
.134
(0.4)
.016
(3.1)
.122
(5.08)
.200
(2.7)
.106
(13.9)
.546
(10.0)
.394
3
2 1
(7.3)
.287
(8.8)
.346
(0.6) Dia Typ
.024
(2.54) Typ
.100
(6.0) Dia
.236
Slot
(8.8)
.346
(6.0)
.236
(2.6) Dia
.102
(0.6) Dia Typ
.024
(0.4) Typ
.016
26
°
(2.54) Typ
.100
(0.8)
.031
(2.7)
.106
(10.16)
.400
(10.0)
.394
(13.1)
.516
(3.1)
.122
(8.8)
.346
(5.08)
.200
(0.6) Typ
.024
1
2
3
4
5
6
CL
1
2
3
(8.8)
.346
(1.0)
.039
(2.6) Dia
.102
(0.6) Dia Typ
.024
26
°
(3.5)
.138
(0.8)
.031
(2.54) Typ
.100
(3.1)
.122
(13.1)
.516
(10.0)
.394
(8.8)
.346
(5.08)
.200
1
2
3
4
5
6
26
°
(2.6) Dia
.102
(0.6) Dia Typ
.024
(2.54) Typ
.100
(3.1)
.122
(13.1)
.516
(10.0)
.394
(3.5)
.138
(0.8)
.031
(6.0) Dia
.236
Slot
(8.8)
.346
CL
(1.0)
.039
(2.54)
.100
1
2
3
(0.6) Typ
.024
(8.8)
.346
(2.6) Dia
.102
(0.4) Typ
.016
(0.6) Dia Typ
.024
26
°
(10.16)
.400
(2.54) Typ
.100
(0.8)
.031
(2.7)
.106
(3.1)
.122
(13.1)
.516
(10.0)
.394
Slot
(6.0) Dia
.236
(6.0)
.236
(8.0)
.315
(5.08)
.200
(0.8) Dia Typ
.031
2
3
1
(2.54) Typ
.100
6
4
5
2
3
1
(2.54) Typ
.100
(0.8) Dia Typ
.031
(5.08)
.200
3
1
2
(2.54) Typ
.100
(0.8) Dia Typ
.031
(1.0)
.039
CL
(2.54)
.100
(6.0) Dia
.236
Slot
(6.8)
.268


Similar Part No. - B28KH

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
B28 DBLECTRO-B28 Datasheet
265Kb / 1P
   FEMALE HEADER (1.27mm X 1.27mm)
logo
Diodes Incorporated
B280 DIODES-B280 Datasheet
44Kb / 2P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30021 Rev. A-2
B280 DIODES-B280 Datasheet
265Kb / 3P
   2.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30021 Rev. 6 - 2
logo
Compact Technology Corp...
B280 CTC-B280 Datasheet
85Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Diodes Incorporated
B280-13-F DIODES-B280-13-F Datasheet
265Kb / 3P
   2.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30021 Rev. 6 - 2
More results

Similar Description - B28KH

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A18AV ETC2-A18AV Datasheet
980Kb / 8P
   Process Sealed Subminiature Toggles
A18EP ETC2-A18EP Datasheet
980Kb / 8P
   Process Sealed Subminiature Toggles
logo
Nihon Kaiheiki Industry...
A11A NKK-A11A Datasheet
243Kb / 7P
   Process Sealed Subminiature Toggles
logo
List of Unclassifed Man...
A22JB ETC2-A22JB Datasheet
213Kb / 7P
   Process Sealed Subminiature Toggles
A12EH ETC2-A12EH Datasheet
980Kb / 8P
   Process Sealed Subminiature Toggles
A2SHV ETC2-A2SHV Datasheet
213Kb / 7P
   Process Sealed Subminiature Toggles
logo
Nihon Kaiheiki Industry...
BB15AP-FA NKK-BB15AP-FA Datasheet
232Kb / 6P
   Process Sealed Subminiature Antistatic Pushbuttons
SK13AEG13 NKK-SK13AEG13 Datasheet
137Kb / 4P
   Antistatic Process Sealed Keylocks
M2T12SA5W03 NKK-M2T12SA5W03 Datasheet
219Kb / 7P
   Process Sealed Miniature Toggles
logo
GREATECS
SK13AEG13 GREATECS-SK13AEG13 Datasheet
758Kb / 1P
   Antistatic Process Sealed Keylock Switches
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com