Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMAJ24C Datasheet(PDF) 3 Page - SeCoS Halbleitertechnologie GmbH

Part # SMAJ24C
Description  400W Peak Power Surface Mount TVS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SMAJ24C Datasheet(HTML) 3 Page - SeCoS Halbleitertechnologie GmbH

  SMAJ24C Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SMAJ24C Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SMAJ24C Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SMAJ24C Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Any changing of specification will not be informed individual
SMAJ SERIES
VOLTAGE 5.0V ~ 170V
400W Peak Power Surface Mount TVS
SMAJ5.0(C)
5.0
6.40
7.30
10
9.6
41.6
800
AJ05
SMAJ54(C)
54
60.0
73.3
1
96.3
4.2
5
AJ54
SMAJ48(C)
48
53.3
65.1
1
85.5
4.7
5
AJ48
SMAJ43(C)
43
47.8
58.4
1
76.7
5.2
5
AJ43
SMAJ36(C)
36
40.0
48.9
1
64.3
6.2
5
AJ36
SMAJ30(C)
30
33.3
40.7
1
53.5
7.5
5
AJ30
SMAJ26(C)
26
28.9
35.3
1
46.6
8.6
5
AJ26
SMAJ22(C)
22
24.4
29.8
1
39.4
10.1
5
AJ22
SMAJ18(C)
18
20.0
24.4
1
32.2
12.4
5
AJ18
SMAJ16(C)
16
17.8
21.8
1
28.8
13.8
5
AJ16
SMAJ14(C)
14
15.6
19.1
1
25.8
15.5
5
AJ14
SMAJ12(C)
12
13.3
16.3
1
22.0
18.1
5
AJ12
SMAJ10(C)
10
11.1
13.6
1
18.8
21.1
5
AJ10
SMAJ8.5(C)
8.5
9.44
11.5
1
15.9
25.1
10
AJ8.5
SMAJ7.5(C)
7.5
8.33
10.3
1
14.3
28.0
100
AJ7.5
SMAJ6.5(C)
6.5
7.22
8.82
10
12.3
32.5
500
AJ6.5
SMAJ5.0(C)A
5.0
6.40
7.00
10
9.2
43.5
800
AJ05A
SMAJ54(C)A
54
60.0
66.3
1
87.1
4.6
5
AJ54A
SMAJ48(C)A
48
53.3
58.9
1
77.4
5.2
5
AJ48A
SMAJ43(C)A
43
47.8
52.8
1
69.4
5.7
5
AJ43A
SMAJ36(C)A
36
40.0
44.2
1
58.1
6.9
5
AJ36A
SMAJ30(C)A
30
33.3
36.8
1
48.4
8.3
5
AJ30A
SMAJ26(C)A
26
28.9
31.9
1
42.1
9.5
5
AJ26A
SMAJ22(C)A
22
24.4
26.9
1
35.5
11.2
5
AJ22A
SMAJ18(C)A
18
20.0
22.1
1
29.2
13.7
5
AJ18A
SMAJ16(C)A
16
17.8
19.7
1
26.0
15.3
5
AJ16A
SMAJ14(C)A
14
15.6
17.2
1
23.2
17.2
5
AJ14A
SMAJ12(C)A
12
13.3
14.7
1
19.9
20.1
5
AJ12A
SMAJ10(C)A
10
11.1
12.3
1
17.0
23.5
5
AJ10A
SMAJ8.5(C)A
8.5
9.44
10.4
1
14.4
27.7
10
AJ8.5A
SMAJ
7.5(C)A
7.5
8.33
9.21
1
12.9
31.0
100
AJ7.5A
SMAJ6.5(C)A
6.5
7.22
7.98
10
11.2
35.7
500
AJ6.5A
SMAJ6.0(C)A
6.0
6.67
7.37
10
10.3
38.8
800
AJ06A
SMAJ58(C)A
58
64.4
71.2
1
93.6
4.3
5
AJ58A
SMAJ51(C)A
51
56.7
62.7
1
82.4
4.9
5
AJ51A
SMAJ45(C)A
45
50.0
55.3
1
72.7
5.5
5
AJ45A
SMAJ40(C)A
40
44.4
49.1
1
64.5
6.2
5
AJ40A
SMAJ33(C)A
33
36.7
40.6
1
53.3
7.5
5
AJ33A
SMAJ28(C)A
28
31.1
34.4
1
45.4
8.8
5
AJ28A
SMAJ24(C)A
24
26.7
29.5
1
38.9
10.3
5
AJ24A
SMAJ20(C)A
20
22.2
24.5
1
32.4
12.3
5
AJ20A
SMAJ17(C)A
17
18.9
20.9
1
27.6
14.5
5
AJ17A
SMAJ15(C)A
15
16.7
18.5
1
24.4
16.4
5
AJ15A
SMAJ13(C)A
13
14.4
15.9
1
21.5
18.6
5
AJ13A
SMAJ11(C)A
11
12.2
13.5
1
18.2
22.0
5
AJ11A
SMAJ9.0(C)A
9.0
10.0
11.1
1
15.4
26.0
5
AJ09A
SMAJ8.0(C)A
8.0
8.89
9.83
1
13.6
29.4
50
AJ08A
SMAJ7.0(C)A
7.0
7.78
8.60
10
12.0
33.3
200
AJ07A
SMAJ6.0(C)
6.0
6.67
8.15
10
11.4
35.1
800
AJ06
SMAJ58(C)
58
64.4
78.7
1
103
3.9
5
AJ58
SMAJ51(C)
51
56.7
69.3
1
91.1
4.4
5
AJ51
SMAJ45(C)
45
50.0
61.1
1
80.3
5.0
5
AJ45
SMAJ40(C)
40
44.4
54.3
1
71.4
5.6
5
AJ40
SMAJ33(C)
33
36.7
44.9
1
59.0
6.8
5
AJ33
SMAJ28(C)
28
31.1
38.0
1
50.0
8.0
5
AJ28
SMAJ24(C)
24
26.7
32.6
1
43.0
9.3
5
AJ24
SMAJ20(C)
20
22.2
27.1
1
35.8
11.1
5
AJ20
SMAJ17(C)
17
18.9
23.1
1
30.5
13.1
5
AJ17
SMAJ15(C)
15
16.7
20.4
1
26.9
14.8
5
AJ15
SMAJ13(C)
13
14.4
17.6
1
23.8
16.8
5
AJ13
SMAJ11(C)
11
12.2
14.9
1
20.1
20.0
5
AJ11
SMAJ9.0(C)
9.0
10.0
12.2
1
16.9
23.6
5
AJ09
SMAJ8.0(C)
8.0
8.89
10.9
1
15.0
26.5
50
AJ08
SMAJ7.0(C)
7.0
7.78
9.51
10
13.3
30.1
200
AJ07
TEST
CURRENT
IT
( m
)
A
BREAKDOWN
VOLTAGE
VBR (V)
MAX. @ IT
REVERSE
LEAKAGE
@VRWM
IR (A)
PEAK
PULSE
CURRENT
IPP (A)
BREAKDOWN
VOLTAGE
VBR (V)
MIN. @ IT
REVERSE
STAND-OFF
VOLTAGE
VRWM (V)
PART NUMBER
ADD C FOR BI-
DIRECTIONAL
See Note 1
MAXIMUM
CLAMPING
VOLTAGE
@IPP VC (V)
MARKING
CODE
http://www.SeCoSGmbH.com
Elektronische Bauelemente
Page 3 of 4
01-Jun-2006 Rev. B


Similar Part No. - SMAJ24C

ManufacturerPart #DatasheetDescription
logo
Bytes
SMAJ24C BYTES-SMAJ24C Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Shenzhen Luguang Electr...
SMAJ24C LUGUANG-SMAJ24C Datasheet
2Mb / 4P
   Transient Voltage Suppressors
logo
List of Unclassifed Man...
SMAJ24C ETC-SMAJ24C Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Anova Technologies CO.,...
SMAJ24C ANOVA-SMAJ24C Datasheet
348Kb / 4P
   Surface Mount Transient Voltage Suppressors
logo
UNIOHM CORPORATION
SMAJ24C UNIOHM-SMAJ24C Datasheet
342Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
More results

Similar Description - SMAJ24C

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
S4FL6.0A SECOS-S4FL6.0A Datasheet
477Kb / 4P
   400W Peak Power Surface Mount TVS
SMAJ SECOS-SMAJ_15 Datasheet
76Kb / 4P
   400W Peak Power Surface Mount TVS
P4KE SECOS-P4KE_15 Datasheet
57Kb / 3P
   400W Peak Power TVS
P4KE6.8 SECOS-P4KE6.8 Datasheet
194Kb / 4P
   400W Peak Power / 1.0W Steady State 400W Peak Power TVS
logo
SUNMATE electronic Co.,...
SMAJ5.0CA SUNMATE-SMAJ5.0CA Datasheet
333Kb / 4P
   400W SURFACE MOUNT TVS
logo
SeCoS Halbleitertechnol...
SMAJ SECOS-SMAJ_18 Datasheet
554Kb / 4P
   Peak Power Surface Mount TVS
S6AF SECOS-S6AF Datasheet
271Kb / 4P
   Peak Power Surface Mount TVS
SMBJ SECOS-SMBJ_16 Datasheet
365Kb / 4P
   Peak Power Surface Mount TVS
SMA6J SECOS-SMA6J_18 Datasheet
313Kb / 3P
   Peak Power Surface Mount TVS
S4AF SECOS-S4AF Datasheet
287Kb / 4P
   Peak Power Surface Mount TVS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com