Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VST-28X04-FA1 Datasheet(PDF) 2 Page - JDS Uniphase Corporation

Part # VST-28X04-FA1
Description  VOA & Power Meter Switch Tray
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

VST-28X04-FA1 Datasheet(HTML) 2 Page - JDS Uniphase Corporation

  VST-28X04-FA1 Datasheet HTML 1Page - JDS Uniphase Corporation VST-28X04-FA1 Datasheet HTML 2Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Copyright © 2007 Polatis Inc. All rights reserved. All information in this document is
provided for informational purposes only and is subject to change without notice.
Polatis Inc. assumes no liability for actions taken based on information contained herein.
The performance characteristics of the switch trays vary according to
the fiber count and the selected VOA and OPM options.
perForMance speciFications
Fiber count Designator
i
K
-100,-300,-400
-200,-500
-100,-300,-400
-200,-500
Input&
Input&
OutputMonitor
OutputMonitor
OutputMonitor
OutputMonitor
orAbsoluteVOA
orRelativeVOA
orAbsoluteVOA
orRelativeVOA
InsertionLoss@1550nm1
<1.2dB
<1.3dB
<1.6dB
<1.7dB
PolarizationDependentLoss
@0dBattenuation
<0.1dB
<0.1dB
<0.15dB
<0.15dB
Crosstalk
<-70dB
<-60dB
OperatingWavelengthRange5
1260-1625nm
WavelengthDependentLoss
<0.3dB(C+LBand)
Repeatability6
<±0.05dB
ReturnLoss2
>55dB
SwitchingTime
<17ms
MaximumOpticalPower3
+24dBm
SwitchLifetime
108cycles
OperatingTemp(Normal)
+10°to+40°C,<85%RHnon-condensing
OperatingTemp(Extended)
-5°to+55°C,<90%RHnon-condensing
StorageTemp(Normal)
-40°to+70°C,<40%RHnon-condensing
StorageTemp(Extended)
-40°to+70°C,<95%RHnon-condensing
Qualification(Normal)
DesignedtomeetEN60950
Qualification(Extended)
DesignedtomeetTelcordiaGR63
EN60950
VOA Performance
OpticalAttenuationRange7
>40dB
VOAResolution
<0.25dB
OutputStability@0dB8
<±0.05dB
OPM Performance
OperatingWavelengthRange5
1290-1330nm+1450-1625nm
OPMDynamicRange4
-30to+24dBm
OPMAccuracy
<±0.5dBm
ordering information
The part numbering scheme for Polatis products is as
follows:
Fiber
Count
04
08
12
16
20
24
28
32
CC
04
I
I
I
I
K
K
K
K
-
08
I
I
I
I
K
K
K
K
K
12
I
I
I
I
K
K
K
K
K
16
I
I
I
I
K
K
K
K
K
20
K
K
K
K
K
K
K
K
K
24
K
K
K
K
K
K
K
K
K
28
K
K
K
K
K
K
K
K
K
32
K
K
K
K
K
K
K
K
K
VST - x - 1--
Fibers
4-32Input
8-32Reconfigurable
Fibers
4-32Output
CC=Reconfigurable
Connector
L=LC
F=FC
C=SC
T=ST
U=MU
Polish
U=UPC
A=APC
Fiber
1=Singlemode9/125µm
Interface
E=Ethernet&RS232
M=Ethernet(Multisession)&RS232
G=GPIB,Ethernet&RS232
Protocol
S=SCPI
T=TL1
N=SNMP
Power
B=Battery(48V)
Mainsconnectortype
A=NorthAmerica/Japan
E=ContinentalEurope
U=UK
C=China/Australia
Environmental
N=Normal
E=Extended
Customization
S=Standard
R=Rearpanelconnectors
V=Non-standardvariant
SwitchConfiguration*
-100=OutputpowermonitorswithabsoluteVOA
-200=Input&outputpowermonitorswithrelativeVOA
-300=Outputpowermonitors
-400=Inputpowermonitors
-500=Input&outputpowermonitors
* Reconfigurable only have options 100, 300 & 400.
packaging information
Fiber Count
Connector
Tray
Power
Dimensions
Dissipation
8-32
LCorMU
19”rackmount
8-16
FC,SCorST
1rackunithigh
25W
17-32
FC,SCorST
19”rackmount
2rackunitshigh
33-64
All
19”rackmount
45W
3rackunitshigh
All parameters are measured excluding connectors at 1550nm and 20°C with an unpolarized source after thermal
equalization unless stated.
1. Measured using a 3 patch-cord method as defined in TIA/EIA-526-14A.
2. With APC connectors return loss >70dB without connectors.
3. Switch will operate on dark fiber.
4. Dynamic range for extended temperature is –20 to +24dBm.
5. Calibrated range for optical power monitors; switch operable over 1260-1625nm.
6. At zero attenuation.
7. When output power is within OPM dynamic range.
8. For stability at various levels of attenuation please contact Polatis for further details.
Partially populated VOA & OPM options also available. Call for details.
For More inForMation
Visit our website: www.jdsu.com
E-mail us: sales@jdsu.com
Phone us:
North American Sales: 1 866 228 3762
Latin American Sales: +55 11 5503 3800
Asia Pacific Sales: +852 2892 0990
EMEA Sales: +49 7121 86 2222


Similar Part No. - VST-28X04-FA1

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
VST-28XCC-CA1-ES JDSU-VST-28XCC-CA1-ES Datasheet
68Kb / 2P
   Reconfigurable VOA & Power Meter Switch Tray VST
VST-28XCC-CA1-ET JDSU-VST-28XCC-CA1-ET Datasheet
68Kb / 2P
   Reconfigurable VOA & Power Meter Switch Tray VST
VST-28XCC-CA1-GS JDSU-VST-28XCC-CA1-GS Datasheet
68Kb / 2P
   Reconfigurable VOA & Power Meter Switch Tray VST
VST-28XCC-CA1-GT JDSU-VST-28XCC-CA1-GT Datasheet
68Kb / 2P
   Reconfigurable VOA & Power Meter Switch Tray VST
VST-28XCC-CA1-MS JDSU-VST-28XCC-CA1-MS Datasheet
68Kb / 2P
   Reconfigurable VOA & Power Meter Switch Tray VST
More results

Similar Description - VST-28X04-FA1

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
VST-08XCC-LU1-ES JDSU-VST-08XCC-LU1-ES Datasheet
68Kb / 2P
   Reconfigurable VOA & Power Meter Switch Tray VST
VSD-04X04-LU1 JDSU-VSD-04X04-LU1 Datasheet
546Kb / 2P
   Touch Screen Display VOA Switch Tray VSD
OST-04XCC-LU1-ES JDSU-OST-04XCC-LU1-ES Datasheet
66Kb / 2P
   Optical Switch Tray
OST-04X04-LP8-ES JDSU-OST-04X04-LP8-ES Datasheet
71Kb / 2P
   Multimode Optical Switch Tray
logo
Siemens Semiconductor G...
PAC3100 SIEMENS-PAC3100 Datasheet
243Kb / 8P
   Power Meter
PAC4200 SIEMENS-PAC4200 Datasheet
292Kb / 8P
   Power Meter
logo
ITECH ELECTRONIC CO.,LT...
IT9121E ITECH-IT9121E Datasheet
1Mb / 4P
   Power Meter
logo
ASM GmbH
PW3335 ASM-SENSOR-PW3335 Datasheet
1,004Kb / 12P
   POWER METER
logo
B&K Precision Corporati...
5335B BK-5335B Datasheet
1Mb / 6P
   Power Meter
logo
Hamamatsu Corporation
C9536-01 HAMAMATSU-C9536-01 Datasheet
155Kb / 2P
   UV POWER METER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com