Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HB13SKW01-E Datasheet(PDF) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # HB13SKW01-E
Description  Subminiature Pushbuttons
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

HB13SKW01-E Datasheet(HTML) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

  HB13SKW01-E Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. HB13SKW01-E Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. HB13SKW01-E Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. HB13SKW01-E Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Subminiature Pushbuttons
Series HB
HOUSING
K
Black only
SHAPES
S
Square
C
Round
POLE
1
SPDT
TYPICAL SWITCH ORDERING EXAMPLE
1
S
K
W01
A
HB
Square Shape
Black Cap
SPDT
ON-(ON) Circuit
Silver Contacts and Solder Lug Terminals;
rated 0.1A @ 30V AC/DC
CIRCUITS
5
ON
(ON)
( ) = Momentary
6
ON
ON
Alternate Action
with Latchdown
CONTACTS & TERMINALS
W01
Silver Contacts and
Solder Lug Terminals
0.1A @ 30V AC/DC
5
IMPORTANT:
Switches are supplied without UL
& C-UL markings unless specified.
Specific models & ratings noted
on General Specifications page.
DESCRIPTION FOR TYPICAL ORDERING EXAMPLE
HB15SKW01-A
Plunger Position
( ) = Momentary
Connected Terminals
Throw & Schematic
Pole
Model
Normal
Down
Normal
Down
Note: Switch is marked with NO, NC, C, L.
SP
HB15
*HB16
ON
ON
(ON)
ON
1-3
1-2
SPDT
* When in latchdown position for the alternate circuit, cap position is .051” (1.3mm) above the built-in bezel.
POLES & CIRCUITS
1
3
2
(COM)
Black Housing
CAP COLORS
A
Black (Square only)
B
White
C
Red
E
Yellow
F
Green
G
Blue


Similar Part No. - HB13SKW01-E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HB13100 ETC1-HB13100 Datasheet
153Kb / 2P
   Breake Away Header .025(0.64mm) Square Posts
HB13101 ETC1-HB13101 Datasheet
153Kb / 2P
   Breake Away Header .025(0.64mm) Square Posts
HB13103 ETC1-HB13103 Datasheet
153Kb / 2P
   Breake Away Header .025(0.64mm) Square Posts
HB13107 ETC1-HB13107 Datasheet
153Kb / 2P
   Breake Away Header .025(0.64mm) Square Posts
HB13110 ETC1-HB13110 Datasheet
153Kb / 2P
   Breake Away Header .025(0.64mm) Square Posts
More results

Similar Description - HB13SKW01-E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HB15SKW01-6G-JB ETC2-HB15SKW01-6G-JB Datasheet
379Kb / 6P
   Subminiature Pushbuttons
logo
Nihon Kaiheiki Industry...
HB15SKW01-5C-AB NKK-HB15SKW01-5C-AB Datasheet
182Kb / 6P
   Subminiature Pushbuttons
HB15SKW01-5C-AB NKK-HB15SKW01-5C-AB_10 Datasheet
163Kb / 6P
   Subminiature Pushbuttons
HB215SKG03CE-JB NKK-HB215SKG03CE-JB_10 Datasheet
136Kb / 4P
   Subminiature Audio/Video Pushbuttons
logo
List of Unclassifed Man...
HB215SKG03CF-JB ETC2-HB215SKG03CF-JB Datasheet
276Kb / 4P
   Subminiature Audio/Video Pushbuttons
logo
Nihon Kaiheiki Industry...
AB11AP-FA NKK-AB11AP-FA Datasheet
241Kb / 6P
   Process Sealed Subminiature Pushbuttons
NP0115AG03LC-JB NKK-NP0115AG03LC-JB Datasheet
940Kb / 6P
   Subminiature Smooth Actuation Pushbuttons
NP0115AG03LC-JB NKK-NP0115AG03LC-JB_10 Datasheet
184Kb / 6P
   Subminiature Smooth Actuation Pushbuttons
BB15AP-FA NKK-BB15AP-FA Datasheet
232Kb / 6P
   Process Sealed Subminiature Antistatic Pushbuttons
logo
C&K Components
1.15108.4510000 CK-COMPONENTS-1.15108.4510000 Datasheet
1Mb / 83P
   Pushbuttons
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com