Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74HC258NE4 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74HC258NE4
Description  QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74HC258NE4 Datasheet(HTML) 1 Page - Texas Instruments

  SN74HC258NE4 Datasheet HTML 1Page - Texas Instruments SN74HC258NE4 Datasheet HTML 2Page - Texas Instruments SN74HC258NE4 Datasheet HTML 3Page - Texas Instruments SN74HC258NE4 Datasheet HTML 4Page - Texas Instruments SN74HC258NE4 Datasheet HTML 5Page - Texas Instruments SN74HC258NE4 Datasheet HTML 6Page - Texas Instruments SN74HC258NE4 Datasheet HTML 7Page - Texas Instruments SN74HC258NE4 Datasheet HTML 8Page - Texas Instruments SN74HC258NE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
SN54HC257, SN54HC258, SN74HC257, SN74HC258
QUADRUPLE 2LINE TO 1LINE DATA SELECTORS/MULTIPLEXERS
WITH 3STATE OUTPUTS
SCLS224B − DECEMBER 1982 − REVISED SEPTEMBER 2003
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Wide Operating Voltage Range of 2 V to 6 V
D High-Current Inverting Outputs Drive Up To
15 LSTTL Loads
D Low Power Consumption, 80-µA Max ICC
D ’HC257 ...Typical tpd = 9 ns
D ’HC258 ...Typical tpd = 12 ns
D ±6-mA Output Drive at 5 V
D Low Input Current of 1 µA Max
D Provides Bus Interface from Multiple
Sources in High-Performance Systems
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
A/B
1A
1B
1Y
2A
2B
2Y
GND
VCC
G
4A
4B
4Y
3A
3B
3Y
SN54HC257, SN54HC258...J PACKAGE
SN74HC257, SN74HC258...D, N, NS, OR PW PACKAGE
(TOP VIEW)
32 1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
4A
4B
NC
4Y
3A
SN54HC257, SN54HC258...FK PACKAGE
(TOP VIEW)
NC − No internal connection
1B
1Y
NC
2A
2B
description/ordering information
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
PDIP − N
Tube of 25
SN74HC257N
SN74HC257N
PDIP − N
Tube of 25
SN74HC258N
SN74HC258N
Tube of 40
SN74HC257D
Reel of 2500
SN74HC257DR
HC257
SOIC − D
Reel of 250
SN74HC257DT
HC257
SOIC − D
Tube of 40
SN74HC258D
HC258
Reel of 2500
SN74HC258DR
HC258
−40
°C to 85°C
SOP − NS
Reel of 2000
SN74HC257NSR
HC257
−40 C to 85 C
SOP − NS
Reel of 2000
SN74HC258NSR
HC258
Tube of 90
SN74HC257PW
Reel of 2000
SN74HC257PWR
HC257
TSSOP − PW
Reel of 250
SN74HC257PWT
HC257
TSSOP − PW
Tube of 90
SN74HC258PW
Reel of 2000
SN74HC258PWR
HC258
Reel of 250
SN74HC258PWT
HC258
CDIP − J
Tube of 25
SNJ54HC257J
SNJ54HC257J
−55
°C to 125°C
CDIP − J
Tube of 25
SNJ54HC258J
SNJ54HC258J
−55
°C to 125°C
LCCC − FK
Tube of 55
SNJ54HC257FK
SNJ54HC257FK
LCCC − FK
Tube of 55
SNJ54HC258FK
SNJ54HC258FK
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines
are available at www.ti.com/sc/package.
Copyright
 2003, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
On products compliant to MILPRF38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


Similar Part No. - SN74HC258NE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HC258NE4 TI-SN74HC258NE4 Datasheet
471Kb / 17P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN74HC258NE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54F257 TI-SN54F257 Datasheet
74Kb / 5P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
SN54AHCT257 TI-SN54AHCT257 Datasheet
110Kb / 7P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
SN54F258 TI-SN54F258 Datasheet
75Kb / 5P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
SN54HCT257 TI-SN54HCT257 Datasheet
272Kb / 9P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
SN54F258 TI1-SN54F258_12 Datasheet
79Kb / 5P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
SN54ALS257A TI-SN54ALS257A Datasheet
139Kb / 9P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
SN54HC257 TI1-SN54HC257_15 Datasheet
1Mb / 21P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
SN54HC257 TI-SN54HC257_06 Datasheet
471Kb / 17P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
SN74LVC257A TI-SN74LVC257A Datasheet
539Kb / 15P
[Old version datasheet]   QUADRUPLE 2 LINE TO 1 LINE DATA SELECTORS/ MULTIPLEXERS WITH 3 STATE OUTPUTS
SN54AHC257 TI-SN54AHC257 Datasheet
136Kb / 9P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com