Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EB2061P-H-J30 Datasheet(PDF) 8 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # EB2061P-H-J30
Description  Light Touch Miniature Pushbuttons
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

EB2061P-H-J30 Datasheet(HTML) 8 Page - Nihon Kaiheiki Industry Co. Ltd.

  EB2061P-H-J30 Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. EB2061P-H-J30 Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. EB2061P-H-J30 Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. EB2061P-H-J30 Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. EB2061P-H-J30 Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. EB2061P-H-J30 Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. EB2061P-H-J30 Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. EB2061P-H-J30 Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd. EB2061P-H-J30 Datasheet HTML 9Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
02-08
Light Touch Miniature Pushbuttons
Series EB
AT070
AT617
AT618
Color
Red
Green
Red
Yellow
Green
Red
Yellow
Green
Forward Peak Current
I
FM
25mA
30mA
30mA
30mA
30mA
10mA
30mA
30mA
Continuous Forward Current
I
F
20mA
20mA
24mA
24mA
24mA
8mA
24mA
24mA
Forward Voltage
V
F
2.8V
2.1V
2.0V
2.0V
2.1V
1.9V
2.0V
2.1V
Reverse Peak Voltage
V
RM
4V
5V
5V
5V
5V
5V
5V
5V
Current Reduction Rate
Above 25°C
∆I
F
0.33
mA/°C
0.40
mA/°C
0.40
mA/°C
0.40
mA/°C
0.40
mA/°C
0.13
mA/°C
0.40
mA/°C
0.40
mA/°C
Ambient Temperature Range
(when used with a bezel)
–10° ~ +70°C
–15° ~ +70°C
–15° ~ +70°C
LED COLORS & SPECIFICATIONS
Bezel Orientation on Switch
AT070 LED
For Bezel AT208
with 1 LED
The electrical specifications shown are determined at a basic temperature of 25°C.
LED circuit is independent of switch operation. LED is colored in OFF state.
If the source voltage is greater than the rated voltage of the LED, a ballast resistor must be connected in series with the lamp.
The ballast resistor calculation and more lamp detail are shown in the Supplement section.
(+)
(-)
AT617 LED
For Bezel AT212
with 2 Round LEDs
AT618 LED
For Bezel AT213
with 2 Rectangular LEDs
Note: Lead lengths may differ from manufacturing lot to lot. The longer lead is the anode (+).
F
E
C
F
E
C
C
F
Top LED
Bottom LED
Top LED
Bottom LED
(5.08) Dia
.200
(7.7)
.303
(+)
(-)
(5.0)
.197
(3.0) Dia
.118
(+)
(-)
(7.0)
.276
(5.0)
.197
(+)
(-)


Similar Part No. - EB2061P-H-J30

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
EB2061P-BA NKK-EB2061P-BA Datasheet
171Kb / 6P
   Light Touch Miniature Pushbuttons
EB2061P-BB NKK-EB2061P-BB Datasheet
171Kb / 6P
   Light Touch Miniature Pushbuttons
EB2061P-BC NKK-EB2061P-BC Datasheet
171Kb / 6P
   Light Touch Miniature Pushbuttons
EB2061P-BE NKK-EB2061P-BE Datasheet
171Kb / 6P
   Light Touch Miniature Pushbuttons
EB2061P-BF NKK-EB2061P-BF Datasheet
171Kb / 6P
   Light Touch Miniature Pushbuttons
More results

Similar Description - EB2061P-H-J30

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EB2011-A-J40 ETC2-EB2011-A-J40 Datasheet
222Kb / 8P
   Light Touch Miniature Pushbuttons
logo
Nihon Kaiheiki Industry...
EB2011-BA NKK-EB2011-BA Datasheet
171Kb / 6P
   Light Touch Miniature Pushbuttons
MB2011SS1W NKK-MB2011SS1W Datasheet
238Kb / 8P
   Miniature Pushbuttons
logo
List of Unclassifed Man...
KB15CKW01-12-FF ETC2-KB15CKW01-12-FF Datasheet
725Kb / 13P
   Miniature Pushbuttons
logo
Nihon Kaiheiki Industry...
MB2011SB1W01 NKK-MB2011SB1W01 Datasheet
333Kb / 11P
   Miniature Pushbuttons
KB15SKW01 NKK-KB15SKW01 Datasheet
400Kb / 10P
   Miniature Pushbuttons
logo
GREATECS
KB15SKW01-05-GG GREATECS-KB15SKW01-05-GG Datasheet
457Kb / 11P
   Miniature Pushbuttons
logo
Nihon Kaiheiki Industry...
MB2011SS1W01-CA NKK-MB2011SS1W01-CA Datasheet
204Kb / 8P
   Miniature Pushbuttons
M2B15AA5W03-F NKK-M2B15AA5W03-F Datasheet
231Kb / 7P
   Process Sealed Miniature Pushbuttons
logo
List of Unclassifed Man...
M2B15AA5G30-FC ETC2-M2B15AA5G30-FC Datasheet
191Kb / 7P
   Process Sealed Miniature Pushbuttons
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com