Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B28LH Datasheet(PDF) 4 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # B28LH
Description  Process Sealed Subminiature Antistatic Toggles
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

B28LH Datasheet(HTML) 4 Page - Nihon Kaiheiki Industry Co. Ltd.

  B28LH Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. B28LH Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. B28LH Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. B28LH Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. B28LH Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. B28LH Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. B28LH Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. B28LH Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Process Sealed Subminiature Antistatic Toggles
Series B
TOGGLES
Toggle Position
( ) = Momentary
Connected Terminals
Throw & Schematics
Pole
Model
Up
Center
Down
Up
Center
Down
Note:
Terminal numbers are
not actually on the switch.
SP
B12
B13
B15
B1R
B18
B19
B1S
ON
ON
ON
(ON)
(ON)
ON
(ON)
NONE
OFF
NONE
NONE
OFF
OFF
OFF
ON
ON
(ON)
ON
(ON)
(ON)
ON
2-3
OPEN
2-1
SPDT
DP
B22
B23
B25
B2R
B28
B29
B2S
ON
ON
ON
(ON)
(ON)
ON
(ON)
NONE
OFF
NONE
NONE
OFF
OFF
OFF
ON
ON
(ON)
ON
(ON)
(ON)
ON
2-3 5-6
OPEN
2-1 5-4
DPDT
.394” (10.0mm)
Bat
POLES & CIRCUITS
2 (COM)
1
3
A
Slot
Slot
Standard Material & Finish: Brass with Bright Nickel
.248” (6.3mm)
Bat
J
A1 .315” (8.0mm) Bat with
Panel Seal Threaded Bushing
H
K
L
.248” (6.3mm) Flatted
Snap Top for Paddles
Locking Lever
.394” (10.0mm)
Flatted
E
(2.6) Dia
.102
26
°
(8.0)
.315
26
°
(2.6) Dia
.102
(10.0)
.394
26
°
(6.3)
.248
(2.6) Dia
.102
(2.7)
.106
26
°
(1.6)
.063
(10.0)
.394
(2.6)
.102
26
°
(6.3)
.248
(1.6)
.063
(2.5)
.098
26
°
(5.0)
.197
26
°
(4.5) Dia
.177
(5.1) Dia
.201
(5.8)
.228
(5.9)
.232
(11.5)
.453
(12.5)
.492
4
6
1
3
2
5
(COM)


Similar Part No. - B28LH

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
B28LH-GA OHMITE-B28LH-GA Datasheet
258Kb / 8P
   General Specifications
logo
Nihon Kaiheiki Industry...
B28LH-GA NKK-B28LH-GA Datasheet
250Kb / 8P
   General Specifications
logo
Ohmite Mfg. Co.
B28LH-GB OHMITE-B28LH-GB Datasheet
258Kb / 8P
   General Specifications
logo
Nihon Kaiheiki Industry...
B28LH-GB NKK-B28LH-GB Datasheet
250Kb / 8P
   General Specifications
logo
Ohmite Mfg. Co.
B28LH-GC OHMITE-B28LH-GC Datasheet
258Kb / 8P
   General Specifications
More results

Similar Description - B28LH

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A18AV ETC2-A18AV Datasheet
980Kb / 8P
   Process Sealed Subminiature Toggles
A18EP ETC2-A18EP Datasheet
980Kb / 8P
   Process Sealed Subminiature Toggles
logo
Nihon Kaiheiki Industry...
A11A NKK-A11A Datasheet
243Kb / 7P
   Process Sealed Subminiature Toggles
logo
List of Unclassifed Man...
A22JB ETC2-A22JB Datasheet
213Kb / 7P
   Process Sealed Subminiature Toggles
A12EH ETC2-A12EH Datasheet
980Kb / 8P
   Process Sealed Subminiature Toggles
A2SHV ETC2-A2SHV Datasheet
213Kb / 7P
   Process Sealed Subminiature Toggles
logo
Nihon Kaiheiki Industry...
BB15AP-FA NKK-BB15AP-FA Datasheet
232Kb / 6P
   Process Sealed Subminiature Antistatic Pushbuttons
SK13AEG13 NKK-SK13AEG13 Datasheet
137Kb / 4P
   Antistatic Process Sealed Keylocks
M2T12SA5W03 NKK-M2T12SA5W03 Datasheet
219Kb / 7P
   Process Sealed Miniature Toggles
logo
GREATECS
SK13AEG13 GREATECS-SK13AEG13 Datasheet
758Kb / 1P
   Antistatic Process Sealed Keylock Switches
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com