Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMD15 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SMD15
Description  300W TVS DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SMD15 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SMD15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SMD15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Any changing of specification will not be informed individual
http://www.SeCoSGmbH.com
Elektronische Bauelemente
0. 01
0.1
1
10
0.1
1
10
100
1000
Pulse Duration - tp (us)
Non-Repetitive Peak Pulse Power vs. Pulse Time
SMD03 THRU SMD36
300W TVS DIODE
0
10
20
30
40
50
60
70
80
90
100
110
0
25
50
75
100
125
150
Ambient Temperature - TA (oC)
Power Derating Curve
0
10
20
30
40
50
60
70
80
90
100
110
0
5
10
15
20
25
30
Time (us)
e
-t
td = IPP /2
Wave form
Paramete rs:
tr = 8 s
td = 20 s
Pulse Waveform
Applications Information
Device Connection Options
The SM series is designed to protect one
unidirectional data or l/O lines operating at 5 to
36 volts.Connection options are as follows:
Unidirectional:Data lines are connected to pin1
and Pin 3 is connected to ground.For best
results,this pin should be connected directly to a
ground plane on the board.The path lengh should
be kept as short as possible to minimize parasitic
inductance.
Circuit Board Layout Recommendations for suppres-
sion of ESD.
Good circuit board layout is critical for the suppression
of fast rise-time transients such as ESD.The following
guidelines are recommended (Refer to application note
Sl99.01 for more detailed information):
Place the TVS near the input terminals or connec-
tors to restrict transient coupling.
Minimize the path length between the TVS and the
protected line.
Minimize all conductive loops including power and
ground loops.
The ESD transient return path toground should be
kept as short as possible.
Never run critical signals near board edges
Use ground planes whenever possib|e.
Number
1.4
4.0
mm
1.2
0.9
0.95
2.6
Suggested Solder Pad Layout
0.9
1.4
16-Oct.-2006 Rev. B
Page 2 of 2
16-Oct.-2008 Rev. D
Page 2 of 2


Similar Part No. - SMD15

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SMD150 MACOM-SMD150 Datasheet
81Kb / 1P
   PolySwitch짰 PTC Devices
logo
List of Unclassifed Man...
SMD150 ETC2-SMD150 Datasheet
20Kb / 1P
   PolySwitch Surface-mount Resettable Devices
SMD150-2 ETC1-SMD150-2 Datasheet
313Kb / 4P
   PolySwitch SMD
SMD150-2018 ETC2-SMD150-2018 Datasheet
20Kb / 1P
   PolySwitch Surface-mount Resettable Devices
SMD150/33 ETC2-SMD150/33 Datasheet
20Kb / 1P
   PolySwitch Surface-mount Resettable Devices
More results

Similar Description - SMD15

ManufacturerPart #DatasheetDescription
logo
Protek Devices
SFC05-4 PROTEC-SFC05-4_12 Datasheet
918Kb / 10P
   300W FLIP CHIP TVS ARRAY
logo
Sirectifier Global Corp...
N502AT23 SIRECT-N502AT23 Datasheet
261Kb / 3P
   300W Surface Mount TVS Diodes
logo
Protek Devices
SFC05-4 PROTEC-SFC05-4_11 Datasheet
917Kb / 10P
   300w flip chip tvs array
logo
RFE international
SMAJ RFE-SMAJ Datasheet
54Kb / 1P
   SURFACE MOUNT TVS DIODE SMAJ, SMBJ & SMCJ, 300W to 1500W P
logo
SeCoS Halbleitertechnol...
SD05 SECOS-SD05_15 Datasheet
152Kb / 3P
   300W Transient Voltage Suppressors Diode
SD24 SECOS-SD24 Datasheet
316Kb / 2P
   300W Transient Voltage Suppressors Diode
SD03 SECOS-SD03_15 Datasheet
332Kb / 3P
   300W Transient Voltage Suppressors Diode
SD03 SECOS-SD03 Datasheet
332Kb / 3P
   300W Transient Voltage Suppressors Diode
SD05 SECOS-SD05 Datasheet
152Kb / 3P
   300W Transient Voltage Suppressors Diode
logo
AUK corp
SDT05SF AUK-SDT05SF Datasheet
168Kb / 3P
   TVS Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com