Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LF317RU Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # LF317RU
Description  Very Wide Input, 3W SMT Single & Dual Output DC/DC Converters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

LF317RU Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  LF317RU Datasheet HTML 1Page - MicroPower Direct, LLC LF317RU Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Derating Curve
Board Layout
Pin Connections
Pin
Single
Dual
1
-Vin
-Vin
2
-Vin
-Vin
3
On/Off
On/Off
10
NC
Common
11
NC
NC
12
NC
-Vout
13
+Vout
+Vout
14
NC
NC
15
-Vout
Common
22
NC
NC
23
+Vin
+Vin
24
+Vin
+Vin
NC: No Connection
Model
Number
Input
Output
Reflected
Ripple Cur.
(mA)
Efficiency
(%, Typ)
Fuse Rating
Slow-Blow
(mA)
Voltage (VDC)
Current (mA)
Voltage
(VDC)
Current
(mA, Max)
Current
(mA, Min)
Nominal
Range
Full-Load
No-Load
LF301RU
24
9.0 - 36.0
138
20
3.3
750
75.0
10
75
1,000
LF302RU
24
9.0 - 36.0
158
20
5.0
600
60.0
10
79
1,000
LF303RU
24
9.0 - 36.0
154
20
12.0
250
25.0
10
81
1,000
LF304RU
24
9.0 - 36.0
154
20
15.0
200
27.0
10
81
1,000
LF305RU
24
9.0 - 36.0
160
20
±5.0
±300
±30.0
10
78
1,000
LF306RU
24
9.0 - 36.0
154
20
±12.0
±125
±12.5
10
81
1,000
LF307RU
24
9.0 - 36.0
154
20
±15.0
±100
±10.0
10
81
1,000
LF311RU
48
18.0 - 75.0
68
10
3.3
750
75.0
5
76
500
LF312RU
48
18.0 - 75.0
78
10
5.0
600
60.0
5
80
500
LF313RU
48
18.0 - 75.0
75
10
12.0
250
25.0
5
83
500
LF314RU
48
18.0 - 75.0
75
10
15.0
200
27.0
5
83
500
LF315RU
48
18.0 - 75.0
78
10
±5.0
±300
±30.0
5
80
500
LF316RU
48
18.0 - 75.0
75
10
±12.0
±125
±12.5
5
83
500
LF317RU
48
18.0 - 75.0
75
10
±15.0
±100
±10.0
5
83
500
MicroPower Direct
www.micropowerdirect.com
292 Page Street Ste D Stoughton, MA 02072
TEL: (781) 344-8226
FAX: (781) 344-8481
E-Mail: sales@micropowerdirect.com
Model Selection Guide
Mechanical Dimensions
Notes:
1. When measuring output ripple, it is recommended that an external 0.47
µF ceramic
capacitor be placed from the +Vout pin to the -Vout pin for single output units and from
each output to common for dual output units. For noise sensitive applications, the use of
3.3
µF capacitors will reduce the output ripple.
2. Transient recovery is measured to within a 1% error band for a load step change of 75%
to 100%.
3. No-load operation will not damage these units, however, they may not meet specifica-
tions.
4. Dual output units may provide a 10V, 24V or 30V output. To do this, connect the load
across the positive (+Vout) and negative (-Vout) outputs and float the output common.
5. The converter should be connected to a low ac-impedance source. An input source with
a highly inductive impedance may affect the stability of the converter. In applications
where the converter output loading is high and input power is supplied over long lines,
it may be necessary to use a capacitor on the input to insure start-up. In this case, it is
recommended that a low ESR (ESR <1.0Ω at 100 kHz) capacitor be mounted close to the
converter. For 24V input units a 4.7
µF is recommended, and for 48V units a 2.2 µF.
6. Maximum capacitive load for single output units is 3,000
µF, for dual output models it is
180
µF for each output.
7. It is recommended that a fuse be used on the input of a power supply for protection. See
the table above for the correct rating.
Remote ON/OFF Notes:
1. Maximum sink current at the on/off pin (pin 1) during a logic
low is 300
µA.
2. Maximum allowable leakage current of a switch connected to the
on/off terminal (Pin 1) at logic high (2.5V to 100V) is 200
µA.
Parameter
Condition
Units
Supply On
2.5 to 5.5 or Open Circuit
VDC
Supply Off
-0.7 to 0.8
VDC
Standby Input Current
10
mA
Control Common
Referenced to Negative Input (-Vin)
Remote ON/OFF
Notes:
All dimensions are typical in
inches (mm)
Tolerance x.xx =
±0.01 (±0.25)
Pin 1 is marked by a “dot” or indentation on the unit


Similar Part No. - LF317RU

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
LF317RW MPD-LF317RW Datasheet
221Kb / 2P
   Wide Input, 3W SMT Single & Dual Output DC/DC Converters
More results

Similar Description - LF317RU

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
LF300RW MPD-LF300RW Datasheet
221Kb / 2P
   Wide Input, 3W SMT Single & Dual Output DC/DC Converters
LF500RU MPD-LF500RU Datasheet
223Kb / 2P
   Very Wide Input, 5W SMT Single & Dual Output DC/DC Converters
A300RW MPD-A300RW Datasheet
166Kb / 2P
   Wide Input Range, 3W Single & Dual Output DC/DC Converters
D300RW MPD-D300RW Datasheet
191Kb / 2P
   Single & Dual Output 3W SIP, Wide Input DC/DC Converters
logo
Murata Manufacturing Co...
KDC_NDTD MURATA-KDC_NDTD Datasheet
165Kb / 7P
   Isolated 3W Wide Input Dual Output DC/DC Converters
logo
List of Unclassifed Man...
NDTD2412 ETC-NDTD2412 Datasheet
157Kb / 2P
   ISOLATED 3W WIDE INPUT DUAL OUTPUT DC-DC CONVERTERS
logo
C&D Technologies
NDT CANDD-NDT Datasheet
157Kb / 2P
   Isolated 3W Wide Input Dual Output DC-DC Converters
logo
Minmax Technology Co., ...
MIW1100 MINMAX-MIW1100 Datasheet
240Kb / 8P
   3W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
A300ERW MPD-A300ERW Datasheet
184Kb / 2P
   Low Cost, Wide Input, 3W Single & Dual Output DC/DC Converters
logo
Minmax Technology Co., ...
MSIW1000 MINMAX-MSIW1000 Datasheet
231Kb / 8P
   3W, Wide Input Range SMD, Single & Dual Output DC/DC Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com