Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LF327RW Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # LF327RW
Description  Wide Input, 3W SMT Single & Dual Output DC/DC Converters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

LF327RW Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  LF327RW Datasheet HTML 1Page - MicroPower Direct, LLC LF327RW Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Model Selection Guide
Mechanical Dimensions
Notes:
All dimensions are typical in inches (mm)
Tolerance x.xx =
±0.01 (±0.25)
Pin 1 is marked by a “dot” or indentation on the unit
Pin Connections
Board Layout
Notes:
1. When measuring output ripple, it is recommended that an external 0.47 μF ceramic
capacitor be placed from the +Vout pin to the -Vout pin for single output units and
from each output to common for dual output units. For noise sensitive applications,
the use of 3.3 μF capacitors will reduce the output ripple.
2. Transient recovery is measured to within a 1% error band for a load step change
of 75% to 100%.
3. Operation at no-load will not damage these units. However, they may not meet all
specifications.
4. Dual output units may be connected to provide a 24 VDC or 30 VDC output. To do
this, connect the load across the positive (+Vout) and negative (-Vout) outputs and
float the output common.
5. The converter should be connected to a low ac-impedance source. An input source
with a highly inductive impedance may affect the stability of the converter. In ap-
plications where the converter output loading is high and input power is supplied
over long lines, it may be necessary to use a capacitor on the input to insure start-
up.
In this case, it is recommended that a low ESR (ESR <1.0Ω at 100 kHz) capacitor be
mounted close to the converter. For 12V input units a 3.3 μF is recommended, and
for 24V & 48V units a 1.5 μF.
6. It is recommended that a fuse be used on the input of a power supply for protec-
tion. See the table above for the correct rating.
MicroPower Direct
www.micropowerdirect.com
292 Page Street Ste D Stoughton, MA 02072
TEL: (781) 344-8226
FAX: (781) 344-8481
E-Mail: sales@micropowerdirect.com
Derating Curve
Single Output
μF Max
Dual Output
μF Max
4,700
±180
Capacitive Load
Model
Number
Input
Output
Efficiency
(%, Typ)
Fuse Rating
Slow-Blow
(mA)
Voltage (VDC)
Current (mA)
Reflected
Ripple
(mA, Typ)
Voltage
(VDC)
Current
(mA, Max)
Current
(mA, Min)
Nominal
Range
Full-Load
No-Load
LF301RW
12
9.0 - 18.0
257
20
25
3.3
700.0
70.0
75
750
LF302RW
12
9.0 - 18.0
316
20
25
5.0
600.0
60.0
79
750
LF303RW
12
9.0 - 18.0
305
20
25
12.0
250.0
25.0
82
750
LF304RW
12
9.0 - 18.0
305
20
25
15.0
200.0
20.0
82
750
LF305RW
12
9.0 - 18.0
321
20
25
±5.0
±300.0
±30.0
78
750
LF306RW
12
9.0 - 18.0
309
20
25
±12.0
±125.0
±12.5
81
750
LF307RW
12
9.0 - 18.0
309
20
25
±15.0
±100.0
±10.0
81
750
LF311RW
24
18.0 - 36.0
127
5
15
3.3
700.0
70.0
76
350
LF312RW
24
18.0 - 36.0
156
5
15
5.0
600.0
60.0
80
350
LF313RW
24
18.0 - 36.0
151
5
15
12.0
250.0
25.0
83
350
LF314RW
24
18.0 - 36.0
151
5
15
15.0
200.0
20.0
83
350
LF315RW
24
18.0 - 36.0
158
5
15
±5.0
±300.0
±30.0
79
350
LF316RW
24
18.0 - 36.0
152
5
15
±12.0
±125.0
±12.5
82
350
LF317RW
24
18.0 - 36.0
152
5
15
±15.0
±100.0
±10.0
82
350
LF321RW
48
36.0 - 75.0
63
3
10
3.3
700.0
70.0
76
200
LF322RW
48
36.0 - 75.0
78
3
10
5.0
600.0
60.0
80
200
LF323RW
48
36.0 - 75.0
75
3
10
12.0
250.0
25.0
83
200
LF324RW
48
36.0 - 75.0
75
3
10
15.0
200.0
20.0
83
200
LF325RW
48
36.0 - 75.0
79
3
10
±5.0
±300.0
±30.0
79
200
LF326RW
48
36.0 - 75.0
79
3
10
±12.0
±125.0
±12.5
82
200
LF327RW
48
36.0 - 75.0
76
3
10
±15.0
±100.0
±10.0
82
200
Pin
Single
Dual
1
-Vin
-Vin
2
-Vin
-Vin
3NC
NC
10
NC
Common
11
NC
NC
12
NC
-Vout
13
+Vout
+Vout
14
NC
NC
15
-Vout
Common
22
NC
NC
23
+Vin
+Vin
24
+Vin
+Vin
NC: No Connection


Similar Part No. - LF327RW

ManufacturerPart #DatasheetDescription
logo
PREMO CORPORATION S.L
LF3221-102 PREMO-LF3221-102 Datasheet
184Kb / 2P
   Common mode chokes with UI cores
LF3221-103 PREMO-LF3221-103 Datasheet
184Kb / 2P
   Common mode chokes with UI cores
LF3221-123 PREMO-LF3221-123 Datasheet
184Kb / 2P
   Common mode chokes with UI cores
LF3221-152 PREMO-LF3221-152 Datasheet
184Kb / 2P
   Common mode chokes with UI cores
LF3221-183 PREMO-LF3221-183 Datasheet
184Kb / 2P
   Common mode chokes with UI cores
More results

Similar Description - LF327RW

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
LF300RU MPD-LF300RU Datasheet
239Kb / 2P
   Very Wide Input, 3W SMT Single & Dual Output DC/DC Converters
A300RW MPD-A300RW Datasheet
166Kb / 2P
   Wide Input Range, 3W Single & Dual Output DC/DC Converters
D300RW MPD-D300RW Datasheet
191Kb / 2P
   Single & Dual Output 3W SIP, Wide Input DC/DC Converters
logo
Murata Manufacturing Co...
KDC_NDTD MURATA-KDC_NDTD Datasheet
165Kb / 7P
   Isolated 3W Wide Input Dual Output DC/DC Converters
logo
List of Unclassifed Man...
NDTD2412 ETC-NDTD2412 Datasheet
157Kb / 2P
   ISOLATED 3W WIDE INPUT DUAL OUTPUT DC-DC CONVERTERS
logo
C&D Technologies
NDT CANDD-NDT Datasheet
157Kb / 2P
   Isolated 3W Wide Input Dual Output DC-DC Converters
logo
Minmax Technology Co., ...
MIW1100 MINMAX-MIW1100 Datasheet
240Kb / 8P
   3W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
A300ERW MPD-A300ERW Datasheet
184Kb / 2P
   Low Cost, Wide Input, 3W Single & Dual Output DC/DC Converters
logo
Minmax Technology Co., ...
MSIW1000 MINMAX-MSIW1000 Datasheet
231Kb / 8P
   3W, Wide Input Range SMD, Single & Dual Output DC/DC Converters
logo
Toppower Electronic Tec...
TP2L-3W TOPPOWER-TP2L-3W Datasheet
201Kb / 3P
   3W Isolated Wide Input Single And Dual Output DC/DC Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com