Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBTSC3356W Datasheet(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

Part # MMBTSC3356W
Description  NPN Silicon Epitaxial Planar Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

MMBTSC3356W Datasheet(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  MMBTSC3356W Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. MMBTSC3356W Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dated : 20/05/2006
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
MMBTSC3356W
NPN Silicon Epitaxial Planar Transistor
for microwave low noise amplifier at VHF, UHF and
CATV band.
The transistor is subdivided into three groups, Q, R
and S, according to its DC current gain.
Absolute Maximum Ratings (Ta = 25 OC)
Parameter
Symbol
Value
Unit
Collector Base Voltage
VCBO
20
V
Collector Emitter Voltage
VCEO
12
V
Emitter Base Voltage
VEBO
3
V
Collector Current
IC
100
mA
Power Dissipation
Ptot
200
mW
Junction Temperature
Tj
150
O
C
Storage Temperature Range
TS
- 65 to + 150
O
C
Characteristics at Tamb = 25 OC
Parameter
Symbol
Min.
Typ.
Max.
Unit
DC Current Gain
at VCE = 10 V, IC = 20 mA Current Gain Group
Q
R
S
hFE
hFE
hFE
50
80
125
-
-
-
100
160
250
-
-
-
Collector Cutoff Current
at VCB = 10 V
ICBO
-
-
1
µA
Emitter Cutoff Current
at VEB = 1 V
IEBO
-
-
1
µA
Gain Bandwidth Product
at VCE = 10 V, IC = 20 mA
fT
-
7
-
GHz
Feed-Back Capacitance
at VCB = 10 V, f = 1 MHz
Cre
1)
-
0.55
1
pF
Insertion Power Gain
at VCE = 10 V, IC = 20 mA, f = 1 GHz
│S21e
2
-
11.5
-
dB
Noise Figure
at VCE = 10 V, IC = 7 mA, f = 1 GHz
NF
-
1.1
2
dB
1) The emitter terminal and the case shall be connected to the guard terminal of the three-terminal capacitance bridge.


Similar Part No. - MMBTSC3356W

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
MMBTSC3356 SEMTECH_ELEC-MMBTSC3356 Datasheet
150Kb / 2P
   NPN Silicon Epitaxial Planar Transistor
logo
Goodwork Semiconductor ...
MMBTSC3356Q GWSEMI-MMBTSC3356Q Datasheet
102Kb / 3P
   NPN Silicon Epitaxial Planar Transistor
MMBTSC3356R GWSEMI-MMBTSC3356R Datasheet
102Kb / 3P
   NPN Silicon Epitaxial Planar Transistor
MMBTSC3356S GWSEMI-MMBTSC3356S Datasheet
102Kb / 3P
   NPN Silicon Epitaxial Planar Transistor
MMBTSC3356X GWSEMI-MMBTSC3356X Datasheet
102Kb / 3P
   NPN Silicon Epitaxial Planar Transistor
More results

Similar Description - MMBTSC3356W

ManufacturerPart #DatasheetDescription
logo
Seme LAB
BFY84 SEME-LAB-BFY84 Datasheet
19Kb / 2P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
logo
AUK corp
SUR541EF AUK-SUR541EF Datasheet
176Kb / 4P
   NPN Epitaxial Planar Silicon Transistor
logo
SeCoS Halbleitertechnol...
2SC4226 SECOS-2SC4226_11 Datasheet
258Kb / 3P
   NPN Silicon Epitaxial Planar Transistor
logo
KODENSHI_AUK CORP.
SUR526H KODENSHI-SUR526H Datasheet
275Kb / 5P
   Epitaxial planar NPN silicon transistor
SUR539J KODENSHI-SUR539J Datasheet
279Kb / 5P
   Epitaxial planar NPN silicon transistor
SUR543EF KODENSHI-SUR543EF Datasheet
276Kb / 5P
   Epitaxial planar NPN silicon transistor
logo
Sanken electric
2SC2921 SANKEN-2SC2921_07 Datasheet
33Kb / 1P
   Silicon NPN Epitaxial Planar Transistor
logo
Seme LAB
2N4239 SEME-LAB-2N4239 Datasheet
122Kb / 3P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
2N3114CSM SEME-LAB-2N3114CSM_09 Datasheet
163Kb / 3P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
logo
Micro Electronics
BC485 MICRO-ELECTRONICS-BC485 Datasheet
57Kb / 1P
   NPN SILICON PLANAR EPITAXIAL TRANSISTOR
2N4123 MICRO-ELECTRONICS-2N4123 Datasheet
85Kb / 2P
   NPN SILICON PLANAR EPITAXIAL TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com