Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMUN5233DW Datasheet(PDF) 3 Page - SeCoS Halbleitertechnologie GmbH

Part # SMUN5233DW
Description  NPN Multi-Chip Built-in Resistors Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SMUN5233DW Datasheet(HTML) 3 Page - SeCoS Halbleitertechnologie GmbH

  SMUN5233DW Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SMUN5233DW Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SMUN5233DW Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SMUN5233DW Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH SMUN5233DW Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH SMUN5233DW Datasheet HTML 6Page - SeCoS Halbleitertechnologie GmbH SMUN5233DW Datasheet HTML 7Page - SeCoS Halbleitertechnologie GmbH SMUN5233DW Datasheet HTML 8Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ELECTRICAL CHARACTERISTICS
(T A = 25°C unless otherwise noted, common for Q 1 and Q 2 ,)
(Continued)
Characteristic
Symbol
Min
Typ
Max
Unit
ON CHARACTERISTICS(Note 5.)
DC Current Gain
SMUN5211DW
(V CE = 10 V, I C = 5.0 mA)
SMUN5212DW
SMUN5213DW
SMUN5214DW
SMUN5215DW
SMUN5216DW
SMUN5230DW
SMUN5231DW
SMUN5232DW
SMUN5233DW
SMUN5234DW
SMUN5235DW
SMUN5236DW
SMUN5237DW
h FE
35
60
80
80
160
160
3.0
8.0
15
80
80
80
80
80
60
100
140
140
350
350
5.0
15
30
200
150
140
150
140
Output Voltage (on)
(V
CC = 5.0 V, V B = 2.5 V, R L = 1.0 kΩ)
SMUN5211DW
SMUN5212DW
SMUN5214DW
SMUN5215DW
SMUN5216DW
SMUN5230DW
SMUN5231DW
SMUN5232DW
SMUN5233DW
SMUN5234DW
SMUN5235DW
SMUN5213DW
SMUN5236DW
SMUN5237DW
V
OL
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
Vdc
(V
CC = 5.0 V, V B = 3.5 V, R L = 1.0 kΩ)
(V
CC = 5.0 V, V B = 5.5 V, R L = 1.0 kΩ)
(V
CC = 5.0 V, V B = 4.0 V, R L = 1.0 kΩ)
Output Voltage (off) (V CC = 5.0 V, V B = 0.5 V, R L = 1.0 k
Ω)
(V CC = 5.0 V, V B = 0.05 V, R L = 1.0 k
Ω)
SMUN5230DW
(V CC = 5.0 V, V B = 0.25 V, R L = 1.0 k
Ω)
SMUN5215DW
SMUN5216DW
SMUN5233DW
Collector-Emitter Saturation Voltage (IC= 10mA,IB= 0.3 mA) V CE(sat)
0.25
Vdc
(I C= 10mA, I B= 5mA)
SMUN5230DW/SMUN5231DW
(I C= 10mA, IB= 1mA)
SMUN5215DW/SMUN5216DW
SMUN5232DW/SMUN5233DW/SMUN5234DW
V OH
4.9
Vdc
5. Pulse Test: Pulse Width < 300 ms, Duty Cycle < 2.0%
Any changing of specification will not be informed individual
SMUN52XXDW
NPN Multi-Chip
Built-in Resistors Transistor
http://www.SeCoSGmbH.com
Elektronische Bauelemente
22-Jun-2007 Rev. A
Page 3 of 8


Similar Part No. - SMUN5233DW

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SMUN5233DW SECOS-SMUN5233DW Datasheet
483Kb / 8P
   Built-in Resistors Transistor
logo
ON Semiconductor
SMUN5233DW1T1G ONSEMI-SMUN5233DW1T1G Datasheet
120Kb / 8P
   Dual NPN Bias Resistor Transistors
May, 2013 ??Rev. 1
More results

Similar Description - SMUN5233DW

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
UMH9N SECOS-UMH9N Datasheet
433Kb / 2P
   NPN Multi-Chip Built-in Resistors Transistor
UMH15N SECOS-UMH15N Datasheet
305Kb / 2P
   NPN Multi-Chip Built-in Resistors Transistor
UMH11N SECOS-UMH11N Datasheet
482Kb / 2P
   NPN Mult i-Chip Built-in Resistors Transistor
logo
Unisonic Technologies
DTC143Z UTC-DTC143Z Datasheet
93Kb / 3P
   NPN DIGITAL TRANSISTOR (BUILT-IN RESISTORS)
DTC114Y UTC-DTC114Y Datasheet
113Kb / 2P
   NPN DIGITAL TRANSISTOR (BUILT-IN RESISTORS)
DTC124E UTC-DTC124E Datasheet
111Kb / 3P
   NPN DIGITAL TRANSISTOR (BUILT-IN RESISTORS)
DTC123J UTC-DTC123J Datasheet
113Kb / 2P
   NPN DIGITAL TRANSISTOR (BUILT-IN RESISTORS)
DTC143E UTC-DTC143E Datasheet
152Kb / 3P
   NPN DIGITAL TRANSISTOR (BUILT-IN RESISTORS)
DTC143X UTC-DTC143X Datasheet
114Kb / 2P
   NPN DIGITAL TRANSISTOR (BUILT-IN RESISTORS)
DTC123Y UTC-DTC123Y Datasheet
104Kb / 2P
   NPN DIGITAL TRANSISTOR (BUILT-IN RESISTORS)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com