Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EB2061-B-J50 Datasheet(PDF) 1 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # EB2061-B-J50
Description  Light Touch Miniature Pushbuttons
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

EB2061-B-J50 Datasheet(HTML) 1 Page - Nihon Kaiheiki Industry Co. Ltd.

  EB2061-B-J50 Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. EB2061-B-J50 Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. EB2061-B-J50 Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. EB2061-B-J50 Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. EB2061-B-J50 Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. EB2061-B-J50 Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. EB2061-B-J50 Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. EB2061-B-J50 Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd. EB2061-B-J50 Datasheet HTML 9Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
02-08
Light Touch Miniature Pushbuttons
Series EB
Distinctive Characteristics
Distinctive Characteristics
Power and logic level capabilities available to suit varying applications.
Bushing and snap-in mount versions available; snap-in models offer
many style and color choices to enhance front panel appearance.
Light touch actuation.
High torque bushing prevents rotation and separation from
metal frame during installation.
Stainless steel frame resists corrosion.
Case of heat resistant resin meets UL 94V-0 flammability
rating.
Higher insulating barriers protect against crossover in
double pole devices.
1,500V dielectric strength between contacts and case
is accomplished by clinching the frame away from the
terminals.
Epoxy sealed terminals prevent entry of solder flux and
other contaminants.
Actual Size


Similar Part No. - EB2061-B-J50

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
EB2061-BA NKK-EB2061-BA Datasheet
171Kb / 6P
   Light Touch Miniature Pushbuttons
EB2061-BB NKK-EB2061-BB Datasheet
171Kb / 6P
   Light Touch Miniature Pushbuttons
EB2061-BC NKK-EB2061-BC Datasheet
171Kb / 6P
   Light Touch Miniature Pushbuttons
EB2061-BE NKK-EB2061-BE Datasheet
171Kb / 6P
   Light Touch Miniature Pushbuttons
EB2061-BF NKK-EB2061-BF Datasheet
171Kb / 6P
   Light Touch Miniature Pushbuttons
More results

Similar Description - EB2061-B-J50

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EB2011-A-J40 ETC2-EB2011-A-J40 Datasheet
222Kb / 8P
   Light Touch Miniature Pushbuttons
logo
Nihon Kaiheiki Industry...
EB2011-BA NKK-EB2011-BA Datasheet
171Kb / 6P
   Light Touch Miniature Pushbuttons
MB2011SS1W NKK-MB2011SS1W Datasheet
238Kb / 8P
   Miniature Pushbuttons
logo
List of Unclassifed Man...
KB15CKW01-12-FF ETC2-KB15CKW01-12-FF Datasheet
725Kb / 13P
   Miniature Pushbuttons
logo
Nihon Kaiheiki Industry...
MB2011SB1W01 NKK-MB2011SB1W01 Datasheet
333Kb / 11P
   Miniature Pushbuttons
KB15SKW01 NKK-KB15SKW01 Datasheet
400Kb / 10P
   Miniature Pushbuttons
logo
GREATECS
KB15SKW01-05-GG GREATECS-KB15SKW01-05-GG Datasheet
457Kb / 11P
   Miniature Pushbuttons
logo
Nihon Kaiheiki Industry...
MB2011SS1W01-CA NKK-MB2011SS1W01-CA Datasheet
204Kb / 8P
   Miniature Pushbuttons
M2B15AA5W03-F NKK-M2B15AA5W03-F Datasheet
231Kb / 7P
   Process Sealed Miniature Pushbuttons
logo
List of Unclassifed Man...
M2B15AA5G30-FC ETC2-M2B15AA5G30-FC Datasheet
191Kb / 7P
   Process Sealed Miniature Pushbuttons
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com