Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JB15BPE-BF Datasheet(PDF) 6 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # JB15BPE-BF
Description  Low Profile Process Sealed Tactiles
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

JB15BPE-BF Datasheet(HTML) 6 Page - Nihon Kaiheiki Industry Co. Ltd.

  JB15BPE-BF Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. JB15BPE-BF Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. JB15BPE-BF Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. JB15BPE-BF Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. JB15BPE-BF Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. JB15BPE-BF Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Low Profile Process Sealed Tactiles
Series JB
Additional Methods
Additional methods for legends are engraving the lens and laser printing on film inserts.
Maximum depth for engraving is .012” (0.3mm) on the cap lens.
Enamel paint is recommended to fill the engraved area.
LEGENDS
Laser Etch, Screen Print or Pad Print
Epoxy based ink
is recommended.
(8.38) Typ
.330
(20.0) R
.787
(9.9)
.390
Lens
Translucent White or
Colored Diffuser
Frame
Film Insert
Suggested Printable Area for Film Insert
Shaded area is printable area.
Film Insert: Clear Polyester 7 mil maximum thickness
Recommended Methods: Laser Etch on clear lens, Screen Print, or Pad Print on lens; Screen Print on film insert.
Epoxy based ink is recommended.
Shaded areas are printable areas.
Suggested Printable Area for Cap, Lens, or Button
Recommended Methods:
(12.0) Sq
.472
(10.48) Sq
.412
(0.76) Typ
.030
(10.0) Sq
.394
(8.46)
.333
(6.94)
.273
(0.76) Typ
.030
(12.0) Sq
.472
(10.48) Sq
.412
(0.76) Typ
.030
PWR
Laser Etch or Pad Print
Epoxy based ink
is recommended.
Easily create and submit your own legends using our new on-line Legend Maker.
Visit www.nkkswitches.com
For other legend support options, customers may either contact the factory and request the JB Legend Packet,
or utilize the general information and basic specifications presented below.


Similar Part No. - JB15BPE-BF

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
JB15BPE-B NKK-JB15BPE-B Datasheet
178Kb / 6P
   Illuminated Low Profile Process Sealed Tactiles
JB15BPE-BB NKK-JB15BPE-BB Datasheet
178Kb / 6P
   Illuminated Low Profile Process Sealed Tactiles
JB15BPE-BC NKK-JB15BPE-BC Datasheet
178Kb / 6P
   Illuminated Low Profile Process Sealed Tactiles
JB15BPE-BE NKK-JB15BPE-BE Datasheet
178Kb / 6P
   Illuminated Low Profile Process Sealed Tactiles
More results

Similar Description - JB15BPE-BF

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
SPJB15 NKK-SPJB15 Datasheet
250Kb / 7P
   Low Profile Process Sealed Tactiles
JB15FP NKK-JB15FP Datasheet
560Kb / 8P
   Low Profile Process Sealed Tactiles
logo
List of Unclassifed Man...
JB15HLPE ETC2-JB15HLPE Datasheet
418Kb / 7P
   Illuminated Low Profile Process Sealed Tactiles
logo
Nihon Kaiheiki Industry...
JB15LPC-B NKK-JB15LPC-B_10 Datasheet
178Kb / 6P
   Illuminated Low Profile Process Sealed Tactiles
logo
List of Unclassifed Man...
JB15LPC-JC ETC2-JB15LPC-JC Datasheet
481Kb / 6P
   Illuminated Low Profile Process Sealed Tactiles
logo
Nihon Kaiheiki Industry...
CB15FP-S NKK-CB15FP-S Datasheet
136Kb / 4P
   6mm Process Sealed Tactiles
JF15CP1C NKK-JF15CP1C Datasheet
191Kb / 6P
   Ultra-Thin Process Sealed Tactiles
CB315FP-R NKK-CB315FP-R Datasheet
159Kb / 4P
   6mm Process Sealed SMT Tactiles
JF15RP1CC NKK-JF15RP1CC Datasheet
205Kb / 6P
   Ultra-Thin Process Sealed Tactiles
JF15RP1CC NKK-JF15RP1CC_10 Datasheet
243Kb / 6P
   Illuminated Ultra-Thin Process Sealed Tactiles
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com