Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML74UL04 Datasheet(PDF) 2 Page - Minilogic Device Corporation Limited

Part # ML74UL04
Description  Inverter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINILOGIC [Minilogic Device Corporation Limited]
Direct Link  http://www.minilogic.com.hk
Logo MINILOGIC - Minilogic Device Corporation Limited

ML74UL04 Datasheet(HTML) 2 Page - Minilogic Device Corporation Limited

  ML74UL04 Datasheet HTML 1Page - Minilogic Device Corporation Limited ML74UL04 Datasheet HTML 2Page - Minilogic Device Corporation Limited ML74UL04 Datasheet HTML 3Page - Minilogic Device Corporation Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Rev. B, Sep 2005
Recommended Operating Conditions
PARAMETER
SYMBOL
Vcc(V)
CONDITIONS
UNITS
Supply Voltage
Vcc
-
2 ~ 5.5
V
Input Voltage
VIN
-
0 ~ 5.5
V
Output Voltage
VOUT
-
0 ~ Vcc
V
Operating Temperature
Topr
-
-40 ~ +85
°C
3.0
-4
IOH
4.5
-8
3.0
4
Output Current
IOL
4.5
8
mA
3.3
0 ~ 100
Input Rise and Fall Time
tr, tf
5.0
0 ~ 20
ns
DC Electrical Characteristics
Ta=25°°°°C
Ta=-40~85°°°°C
PARAMETER
SYMBOL
Vcc(V)
CONDITIONS
MIN
TYP
MAX
MIN
MAX
UNITS
2.0
1.5
-
-
1.5
-
3.0
2.1
-
-
2.1
-
VIH
5.5
3.85
-
-
3.85
-
V
2.0
-
-
0.5
-
0.5
3.0
-
-
0.9
-
0.9
Input Voltage
VIL
5.5
-
-
1.65
-
1.65
V
2.0
1.9
2.0
-
1.9
-
3.0
2.9
3.0
-
2.9
-
4.5
IOH=-50µA
4.4
4.5
-
4.4
-
3.0
IOH=-4mA
2.58
-
-
2.48
-
VOH
4.5
VIN=VIH or VIL
IOH=-8mA
3.94
-
-
2.80
-
V
2.0
-
-
0.1
-
0.1
3.0
-
-
0.1
-
0.1
4.5
IOL=50µA
-
-
0.1
-
0.1
3.0
IOL =4mA
-
-
0.36
-
0.44
Output Voltage
VOL
4.5
VIN=VIH
IOL =8mA
-
-
0.36
-
0.44
V
Input Current
IIN
5.5
VIN=Vcc or GND
-0.1
-
0.1
-1.0
1.0
Quiescent Supply Current
Icc
5.5
VIN=Vcc or GND, IOUT=0µA
-
-
1.0
-
10.0
µA
Switching Electrical Characteristics
Tr=tf=3ns
Ta=25°°°°C
Ta=-40~85°°°°C
PARAMETER
SYMBOL
CL
Vcc(V)
CONDITIONS
MIN
TYP
MAX
MIN
MAX
UNITS
3.3
-
2.7
7.1
1.0
8.5
15pF
5.0
-
2.1
5.5
1.0
6.5
ns
3.3
-
4.1
10.6
1.0
12
tPLH
50pF
5.0
-
3.2
7.5
1.0
8.5
ns
3.3
-
2.5
7.1
1.0
8.5
15pF
5.0
-
2.0
5.5
1.0
6.5
ns
3.3
-
3.9
10.6
1.0
12
Propagation Delay Time
tPHL
50pF
5.0
-
3.0
7.5
1.0
8.5
ns
Input Capacitance
CIN
-
5.0
VIN=Vcc or GND
-
2
10
-
10
pF
Power Dissipation Capacitance
Cpd
No Load, f=1MHz
-
8.9
-
-
-
pF


Similar Part No. - ML74UL04

ManufacturerPart #DatasheetDescription
logo
Minilogic Device Corpor...
ML74UL00 MINILOGIC-ML74UL00 Datasheet
122Kb / 3P
   2-input NAND Gate
ML74UL02 MINILOGIC-ML74UL02 Datasheet
122Kb / 3P
   2-input NOR Gate
ML74UL08 MINILOGIC-ML74UL08 Datasheet
120Kb / 3P
   2-input AND Gate
More results

Similar Description - ML74UL04

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1GU04 PHILIPS-74LVC1GU04 Datasheet
96Kb / 15P
   Inverter
2004 Sep 21
logo
Sumida Corporation
CIUH7D45 SUMIDA-CIUH7D45 Datasheet
160Kb / 1P
   INVERTER
logo
Toshiba Semiconductor
TC7S04FTE85LF TOSHIBA-TC7S04FTE85LF Datasheet
183Kb / 7P
   Inverter
logo
Unisonic Technologies
U74AHCT3G04 UTC-U74AHCT3G04 Datasheet
193Kb / 5P
   INVERTER
logo
NXP Semiconductors
74HC3G04 NXP-74HC3G04 Datasheet
91Kb / 13P
   Inverter
Rev. 03-2 July 2008
logo
Toshiba Semiconductor
TC7SZ04AFE TOSHIBA-TC7SZ04AFE_07 Datasheet
153Kb / 5P
   Inverter
TC7SU04F TOSHIBA-TC7SU04F_01 Datasheet
225Kb / 6P
   INVERTER
TC7S04F TOSHIBA-TC7S04F_01 Datasheet
229Kb / 6P
   INVERTER
TC7SZ04AFS TOSHIBA-TC7SZ04AFS Datasheet
166Kb / 6P
   INVERTER
logo
Renesas Technology Corp
RJP65D05DWA RENESAS-RJP65D05DWA Datasheet
157Kb / 4P
   Inverter
RJP65M04DWA RENESAS-RJP65M04DWA_15 Datasheet
147Kb / 4P
   Inverter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com