Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPA350X-03 Datasheet(PDF) 3 Page - MicroPower Direct, LLC

Part # MPA350X-03
Description  350W AC-DC ACTIVE PFC SWITCHING POWER SUPPLY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MPA350X-03 Datasheet(HTML) 3 Page - MicroPower Direct, LLC

  MPA350X-03 Datasheet HTML 1Page - MicroPower Direct, LLC MPA350X-03 Datasheet HTML 2Page - MicroPower Direct, LLC MPA350X-03 Datasheet HTML 3Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Notes:
AC Input Connector: Howder 6-32. 3 pin Terminal block 9.5MM Center (HI-201-3P) or Molex Part No. 09-91-0500 or equivalent (5
pin,3 used). Pin1: FG; Pin2: Neutral; Pin3: Line.
Output Connector: Howder 6-32. 4 pin Terminal block 9.5MM Center (HI-201-4P)
or Molex Part No. 09-91-1000 or equivalent (10 pins)
Output Pin Assignment: (See table in right)
FAN and PG Connector: Mating JST XHP-2 or equivalent (CHYAO SHIUNN JS-2001-02)
Mounting Inserts: 8 Places 8-32 flush nut, screws must not protrude into unit by more
than 4mm sees outline drawing for location.
VO+ : Pins 6-10
VO+ : Pins 3-4
VO- : Pins 1-5
VO- : Pins 1-2
Molex
Howder
FAN1
PG
Mating JST XHP-2 or equivalent
Mounting hole
8 Places
Type B: U-Chassis + Top Cover with Built-in Fan
MicroPower Direct
Go Direct - MicroPower Direct - For Product, Performance and Price
MicroPower Direct
www.micropowerdirect.com
292 Page Street, Ste D Stoughton, MA 02072
TEL: (781) 344-8226
FAX: (781) 344-8481
E-Mail: sales@micropowerdirect.com


Similar Part No. - MPA350X-03

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MPA300D MPD-MPA300D Datasheet
403Kb / 2P
   Smallest 1U 300W Dual Output Power Factor Corrected AC/DC Power Supplies
MPA300DX-0512Z MPD-MPA300DX-0512Z Datasheet
403Kb / 2P
   Smallest 1U 300W Dual Output Power Factor Corrected AC/DC Power Supplies
MPA300DX-0524Z MPD-MPA300DX-0524Z Datasheet
403Kb / 2P
   Smallest 1U 300W Dual Output Power Factor Corrected AC/DC Power Supplies
MPA300DX-0548Z MPD-MPA300DX-0548Z Datasheet
403Kb / 2P
   Smallest 1U 300W Dual Output Power Factor Corrected AC/DC Power Supplies
MPA300DX-1224Z MPD-MPA300DX-1224Z Datasheet
403Kb / 2P
   Smallest 1U 300W Dual Output Power Factor Corrected AC/DC Power Supplies
More results

Similar Description - MPA350X-03

ManufacturerPart #DatasheetDescription
logo
ULTRA LEVEL TECH CO., L...
PRL0602DN ULC-PRL0602DN Datasheet
451Kb / 4P
   AC-DC Active PFC SWITCHING POWER SUPPLY
PRL1301D ULC-PRL1301D Datasheet
477Kb / 4P
   AC-DC ACTIVE PFC SWITCHING POWER SUPPLY
PRL0602N ULC-PRL0602N Datasheet
454Kb / 4P
   AC-DC Active PFC SWITCHING POWER SUPPLY
PRL1201D ULC-PRL1201D Datasheet
148Kb / 3P
   AC-DC ACTIVE PFC SWITCHING POWER SUPPLY
PRL1201 ULC-PRL1201 Datasheet
264Kb / 3P
   AC TO DC ACTIVE PFC SWITCHING POWER SUPPLY SPECIFICATION
PRL1301 ULC-PRL1301 Datasheet
478Kb / 4P
   AC TO DC ACTIVE PFC SWITCHING POWER SUPPLY SPECIFICATION
PRL0801 ULC-PRL0801 Datasheet
509Kb / 4P
   AC-DC PFC SWITCHING POWER SUPPLY
PRL0801D ULC-PRL0801D Datasheet
561Kb / 4P
   AC-DC PFC SWITCHING POWER SUPPLY
logo
MicroPower Direct, LLC
MPA400M MPD-MPA400M Datasheet
261Kb / 2P
   400W AC-DC ACTIVE PFC MEDICAL POWER SUPPLY
MPA400MD MPD-MPA400MD Datasheet
288Kb / 2P
   400W AC-DC ACTIVE PFC MEDICAL POWER SUPPLY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com