Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR520 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SR520
Description  5.0AMP Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SR520 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SR520 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SR520 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Any changing of specification will not be informed individual
SR520 THRU SR560
VOLTAGE 20V ~ 60V
5.0AMP Schottky Barrier Rectifiers
0.1
1.0
.01
10
20
RATING AND CHARACTERISTIC CURVES (SR520 THRU SR560)
FIG.1-TYPICAL FORWARD CURRENT DERATING CURVE
FORWARD VOLTAGE,(V)
1.0
2.0
3.0
4.0
5.0
6.0
AMBIENT TEMPERATURE,( C)
0
0
20
40
60
80
100
120
140
160
180
200
FIG.2-TYPICAL FORWARD
CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)
Pulse Width 300µs
1% Duty Cycle
.1
.3
.5
.7
.9
1.1 1.3 1.5
3.0
.1
1.0
10
100
FIG.5 - TYPICAL REVERSE
CHARACTERISTICS
0
20
40
60
80
100 120 140
.01
Tj=75 C
Tj=25 C
Tj=25 C
FIG.3-MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
FIG.4-TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE,(V)
1000
1200
1400
800
600
400
200
0
.01
.05
.1
.5
1
5
10
50
100
40
20
0
60
1
00
80
NUMBER OF CYCLES AT 60Hz
1
10
5
50
100
Tj=25 C
8.3ms S ingle Half
S ine Wave
J E DE C method
http://www.SeCoSGmbH.com
Elektronische Bauelemente
01-Jun-2004 Rev. B
Page 2 of 2


Similar Part No. - SR520

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SR520 TSC-SR520 Datasheet
208Kb / 4P
   Schottky Barrier Rectifier
logo
Won-Top Electronics
SR520 WTE-SR520 Datasheet
50Kb / 3P
   5.0A SCHOTTKY BARRIER RECTIFIER
logo
SAMYANG ELECTRONICS CO....
SR520 SAMYANG-SR520 Datasheet
1Mb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Nanjing International G...
SR520 DGNJDZ-SR520 Datasheet
467Kb / 2P
   5.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Jinan Jingheng (Group) ...
SR520 JINANJINGHENG-SR520 Datasheet
75Kb / 2P
   SCHOTTKY BARRIER DIODE CHIPS
More results

Similar Description - SR520

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SDR5100SF SECOS-SDR5100SF_15 Datasheet
383Kb / 2P
   5.0AMP Schottky Barrier Rectifiers
SM560A SECOS-SM560A Datasheet
339Kb / 2P
   5.0Amp Schottky Barrier Rectifiers
SP0560S SECOS-SP0560S Datasheet
479Kb / 2P
   5.0AMP Schottky Barrier Rectifiers
SR5150S SECOS-SR5150S_15 Datasheet
125Kb / 2P
   5.0AMP Schottky Barrier Rectifiers
SM5100B SECOS-SM5100B Datasheet
561Kb / 2P
   5.0Amp Schottky Barrier Rectifiers
SDR5200S SECOS-SDR5200S Datasheet
715Kb / 2P
   5.0AMP Schottky Barrier Rectifiers
SM540A SECOS-SM540A Datasheet
236Kb / 2P
   5.0Amp Schottky Barrier Rectifiers
logo
Cystech Electonics Corp...
SB5150 CYSTEKEC-SB5150 Datasheet
519Kb / 3P
   5.0Amp Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SDR5200SF SECOS-SDR5200SF_15 Datasheet
701Kb / 2P
   5.0AMP Schottky Barrier Rectifiers
SP05100S SECOS-SP05100S Datasheet
803Kb / 2P
   5.0AMP Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com