Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E2012PG-CE Datasheet(PDF) 4 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # E2012PG-CE
Description  Light Duty Miniature Toggles
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

E2012PG-CE Datasheet(HTML) 4 Page - Nihon Kaiheiki Industry Co. Ltd.

  E2012PG-CE Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. E2012PG-CE Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. E2012PG-CE Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. E2012PG-CE Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. E2012PG-CE Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. E2012PG-CE Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Light Duty Miniature Toggles
Series E
2-06
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
CONTACT MATERIALS, RATINGS, & TERMINALS
Toggle Position
( ) = Momentary
Connected Terminals
Throw & Schematics
Pole
Model
Down
Center
Up
Down
Center
Up
Note: Terminal numbers are
not actually on the switch.
SP
E2011
ON
NONE
OFF
2-3
OPEN
OPEN
SPST
SP
E2012
E2013
E2015
E2018
E2019
ON
ON
ON
(ON)
ON
NONE
OFF
NONE
OFF
OFF
ON
ON
(ON)
(ON)
(ON)
2-3
OPEN
2-1
SPDT
DP
E2021
ON
NONE
OFF
2-3 5-6
OPEN
OPEN
DPST
DP
E2022
E2023
E2025
E2028
E2029
ON
ON
ON
(ON)
ON
NONE
OFF
NONE
OFF
OFF
ON
ON
(ON)
(ON)
(ON)
2-3 5-6
OPEN
2-1 5-4
DPDT
PCB Footprints
Solder Lug
Silver Contacts
Power Level
3A @ 125V AC
Complete explanation of operating range in Supplement section.
Wiring Specifications
The .043” x .079” (1.1mm x 2.0mm) oblong
terminal hole accommodates one solid 18-gauge
wire or two solid or stranded 20-gauge wires.
G Solder Lug
Gold Contacts
Logic Level
0.4VA maximum @ 28V AC/DC maximum
Straight PC
Silver Contacts
Power Level
3A @ 125V AC
Straight PC
Gold Contacts
Logic Level
0.4VA maximum @ 28V AC/DC maximum
POLES & CIRCUITS
2 (COM)
3
2 (COM)
3
1
2
5
(COM)
3
6
1
3
4
6
2
5
(COM)
Epoxy Seal
(2.0)
.079
(4.0)
.157
(2.0)
.079
(1.1)
.043
Thk (0.7)
.028
(0.5) Com
.020
Complete explanation of operating range in Supplement section.
Epoxy Seal
(1.2)
.047
(4.3)
.169
(6.4)
.252
Thk (0.7)
.028
(0.5) Com
.020
3
2
1
6
5
4
(4.7)
.185
(3.9) Typ
.154
(1.8) Dia Typ
.071
Double Pole
Single Pole
3
2
1
(3.9) Typ
.154
(1.8) Dia Typ
.071
No
Code
P
PG
Keyway
Keyway


Similar Part No. - E2012PG-CE

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
E2012S GENERAL-E2012S Datasheet
74Kb / 1P
   12C 22 AWG 7/30 BC SR-PVC OAS PVC Sound, Alarm & Security Cable
More results

Similar Description - E2012PG-CE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M2022SS2G13-BC ETC2-M2022SS2G13-BC Datasheet
215Kb / 7P
   Miniature Toggles
M2022ES1W01 ETC2-M2022ES1W01 Datasheet
1Mb / 12P
   Miniature Toggles
M2012S2A2G40 ETC2-M2012S2A2G40 Datasheet
343Kb / 10P
   Miniature Toggles
M2013SS1W01 ETC2-M2013SS1W01 Datasheet
1Mb / 12P
   Miniature Toggles
M-2011L ETC2-M-2011L Datasheet
1Mb / 12P
   Miniature Toggles
35-3170 ETC2-35-3170 Datasheet
3Mb / 4P
   HEAVY DUTY TOGGLES
logo
Nihon Kaiheiki Industry...
M2T12SA5W03 NKK-M2T12SA5W03 Datasheet
219Kb / 7P
   Process Sealed Miniature Toggles
JF01PC NKK-JF01PC Datasheet
45Kb / 1P
   Ultra-Miniature Fully Illuminated Toggles
G12JPC NKK-G12JPC Datasheet
123Kb / 4P
   Fully Illuminated Ultra-Miniature Toggles
G12AP NKK-G12AP Datasheet
126Kb / 4P
   Process Sealed Ultra-Miniature Toggles
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com