Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E2015PG-CE Datasheet(PDF) 6 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # E2015PG-CE
Description  Light Duty Miniature Toggles
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

E2015PG-CE Datasheet(HTML) 6 Page - Nihon Kaiheiki Industry Co. Ltd.

  E2015PG-CE Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. E2015PG-CE Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. E2015PG-CE Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. E2015PG-CE Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. E2015PG-CE Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. E2015PG-CE Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Light Duty Miniature Toggles
Series E
2-06
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
STANDARD HARDWARE
Standard Hardware
2 AT513M Metric Hexagon Nuts
1 AT507M Metric Locking Ring
1 AT509 Internal Tooth Lockwasher
Optional hardware available. See Accessories & Hardware section.
AT513M Metric
Hexagon Nut
Material:
Brass with
Nickel Plating
AT509
Lockwasher
Material:
Steel with Zinc/Chromate
Face Nut
Locking Ring
Lockwasher
Lock Nut
Panel Thicknesses & Panel Cutouts
With Standard Hardware
Maximum Effective Panel Thickness:
.087” (2.2mm)
Without Locking Ring
Maximum Effective Panel Thickness:
.118” (3.0mm)
Without Bottom Hex Nut
Maximum Effective Panel Thickness:
.154” (3.9mm)
Without Locking Ring & Bottom Hex Nut
Maximum Effective Panel Thickness:
.185” (4.7mm)
OPTIONAL SPLASHPROOF BOOT
(6.35) Dia
.250
(5.6)
.220
(0.6)
.024
(6.35) Dia
.250
AT428M (Metric)
Boot for Bat Toggle
Material: Silicone Rubber
AT507M Metric
Locking Ring
Material:
Steel with Zinc/Chromate
(8.0)
.315
M6 P0.75
(9.0)
.354
(1.5)
.059
(2.0)
.079
(5.5)
.217
(6.0) Dia
.236
(12.0) Dia
.472
(1.7)
.067
(0.8)
.031
(6.4) Dia
.252
(10.2) Dia
.402
(0.5)
.020
(11.3)
.445
(14.3)
.563
(1.57)
.062
(2.0)
.079
(2.5)
.098
~
(10.8)
.425
(4.6) Dia
.181
(6.7) Dia
.264
(9.8)
.386
(6.5) Dia
.256
(6.5)
.256
(2.2) Dia
.087


Similar Part No. - E2015PG-CE

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
E201 MPD-E201 Datasheet
175Kb / 2P
   Isolated, Single Output Ultra-Miniature, 2W SIP DC/DC Converters
logo
C&K Components
E201 CK-COMPONENTS-E201 Datasheet
610Kb / 8P
   Sealed Miniature Toggle Switches
E201 CK-COMPONENTS-E201 Datasheet
621Kb / 8P
   Sealed Miniature Toggle Switches
E201 CK-COMPONENTS-E201 Datasheet
972Kb / 14P
   Sealed Miniature Rocker and Lever Handle Switches
E201 CK-COMPONENTS-E201 Datasheet
2Mb / 14P
   Sealed Miniature Rocker and Lever Handle Switches
15 Jan 21
More results

Similar Description - E2015PG-CE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M2022SS2G13-BC ETC2-M2022SS2G13-BC Datasheet
215Kb / 7P
   Miniature Toggles
M2022ES1W01 ETC2-M2022ES1W01 Datasheet
1Mb / 12P
   Miniature Toggles
M2012S2A2G40 ETC2-M2012S2A2G40 Datasheet
343Kb / 10P
   Miniature Toggles
M2013SS1W01 ETC2-M2013SS1W01 Datasheet
1Mb / 12P
   Miniature Toggles
M-2011L ETC2-M-2011L Datasheet
1Mb / 12P
   Miniature Toggles
35-3170 ETC2-35-3170 Datasheet
3Mb / 4P
   HEAVY DUTY TOGGLES
logo
Nihon Kaiheiki Industry...
M2T12SA5W03 NKK-M2T12SA5W03 Datasheet
219Kb / 7P
   Process Sealed Miniature Toggles
JF01PC NKK-JF01PC Datasheet
45Kb / 1P
   Ultra-Miniature Fully Illuminated Toggles
G12JPC NKK-G12JPC Datasheet
123Kb / 4P
   Fully Illuminated Ultra-Miniature Toggles
G12AP NKK-G12AP Datasheet
126Kb / 4P
   Process Sealed Ultra-Miniature Toggles
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com