Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN54HCT623 Datasheet(PDF) 3 Page - Texas Instruments

Part # SN54HCT623
Description  OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54HCT623 Datasheet(HTML) 3 Page - Texas Instruments

  SN54HCT623 Datasheet HTML 1Page - Texas Instruments SN54HCT623 Datasheet HTML 2Page - Texas Instruments SN54HCT623 Datasheet HTML 3Page - Texas Instruments SN54HCT623 Datasheet HTML 4Page - Texas Instruments SN54HCT623 Datasheet HTML 5Page - Texas Instruments SN54HCT623 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SN54HCT623, SN74HCT623
OCTAL BUS TRANSCEIVERS
WITH 3-STATE OUTPUTS
SCLS016B – MARCH 1984 – REVISED MAY 1997
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions
SN54HCT623
SN74HCT623
UNIT
MIN
NOM
MAX
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5
5.5
4.5
5
5.5
V
VIH
High-level input voltage
VCC = 4.5 V to 5.5 V
2
2
V
VIL
Low-level input voltage
VCC = 4.5 V to 5.5 V
0
0.8
0
0.8
V
VI
Input voltage
0
VCC
0
VCC
V
VO
Output voltage
0
VCC
0
VCC
V
tt
Input transition (rise and fall) time
0
500
0
500
ns
TA
Operating free-air temperature
–55
125
–40
85
°C
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
TA = 25°C
SN54HCT623
SN74HCT623
UNIT
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
VOH
VI =VIH or VIL
IOH = –20 µA
45 V
4.4
4.499
4.4
4.4
V
VOH
VI = VIH or VIL
IOH = –6 mA
4.5 V
3.98
4.3
3.7
3.84
V
VOL
VI =VIH or VIL
IOL = 20 µA
45 V
0.001
0.1
0.1
0.1
V
VOL
VI = VIH or VIL
IOL = 6 mA
4.5 V
0.17
0.26
0.4
0.33
V
II
OEAB or
OEBA
VI = VCC or 0
5.5 V
±0.1
±100
±1000
±1000
nA
IOZ
A or B
VO = VCC or GND
5.5 V
±0.01
±0.5
±10
±5
µA
ICC
VI = VCC or 0,
IO = 0
5.5 V
8
160
80
µA
∆ICC†
One input at 0.5 V or 2.4 V,
Other inputs at 0 or VCC
5.5 V
1.4
2.4
3
2.9
mA
Ci
OEAB or
OEBA
4.5 V
to 5.5 V
3
10
10
10
pF
† This is the increase in supply current for each input that is at one of the specified TTL voltage levels rather than 0 V or VCC.
switching characteristics over recommended operating free-air temperature range, CL = 50 pF
(unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
VCC
TA = 25°C
SN54HCT623
SN74HCT623
UNIT
PARAMETER
(INPUT)
(OUTPUT)
VCC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
t d
AorB
BorA
4.5 V
15
22
33
28
ns
tpd
A or B
B or A
5.5 V
13
20
30
25
ns
t
OEBA
A
4.5 V
30
42
63
53
ns
ten
OEBA
A
5.5 V
23
38
57
48
ns
tdi
OEBA
A
4.5 V
18
30
45
38
ns
tdis
OEBA
A
5.5 V
16
28
42
35
ns
t
OEAB
B
4.5 V
30
42
63
53
ns
ten
OEAB
B
5.5 V
23
38
57
48
ns
tdi
OEAB
B
4.5 V
18
30
45
38
ns
tdis
OEAB
B
5.5 V
16
28
42
35
ns
tt
AorB
4.5 V
9
12
18
15
ns
tt
A or B
5.5 V
8
11
16
14
ns
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


Similar Part No. - SN54HCT623

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HCT623 TI-SN54HCT623 Datasheet
149Kb / 8P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54HCT623 TI1-SN54HCT623 Datasheet
528Kb / 12P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54HCT623 TI-SN54HCT623_03 Datasheet
149Kb / 8P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54HCT623 TI1-SN54HCT623_16 Datasheet
528Kb / 12P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN54HCT623

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC620 RENESAS-HD74HC620 Datasheet
128Kb / 12P
   Octal Bus Transceivers (with inverted 3-state outputs),Octal Bus Transceivers (with 3-state outputs)
HD74HCT640 RENESAS-HD74HCT640 Datasheet
221Kb / 10P
   Octal Bus Transceivers (with inverted 3-state outputs) Octal Bus Transceivers (with 3-state outputs)
Mar 30, 2006
logo
Hitachi Semiconductor
HD74BC245A HITACHI-HD74BC245A Datasheet
42Kb / 8P
   Octal Bus Transceivers With 3 State Outputs
HD74HCT245 HITACHI-HD74HCT245 Datasheet
57Kb / 8P
   Octal Bus Transceivers (with 3-state outputs)
logo
Texas Instruments
SN54HC245 TI-SN54HC245 Datasheet
533Kb / 16P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ALS640B TI-SN54ALS640B Datasheet
112Kb / 7P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ACT245 TI-SN54ACT245 Datasheet
509Kb / 15P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT640 TI-SN54ABT640 Datasheet
107Kb / 6P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54AC245 TI-SN54AC245 Datasheet
100Kb / 6P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74BC640A HITACHI-HD74BC640A Datasheet
44Kb / 9P
   Octal Bus Transceivers With 3 State Outputs
logo
Renesas Technology Corp
HD74HCT245 RENESAS-HD74HCT245_15 Datasheet
130Kb / 9P
   Octal Bus Transceivers (with 3-state outputs)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com