Electronic Components Datasheet Search |
|
E2019-BF Datasheet(PDF) 2 Page - Nihon Kaiheiki Industry Co. Ltd. |
|
E2019-BF Datasheet(HTML) 2 Page - Nihon Kaiheiki Industry Co. Ltd. |
2 / 6 page Light Duty Miniature Toggles Series E 2-06 NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com General Specifications Electrical Capacity (Resistive Load) Power Level (No Code or P): 3A @ 125V AC for silver contacts Logic Level (code G or PG): 0.4VA maximum @ 28V AC/DC maximum for gold contacts (Applicable Range 0.1mA ~ 0.1A @ 20mV ~ 28V) Note: Find additional explanation of operating range in Supplement section. Other Ratings Contact Resistance: 10 milliohms maximum for silver; 20 milliohms maximum for gold Insulation Resistance: 1,000 megohms minimum @ 500V DC Dielectric Strength: 1,000V AC minimum between contacts for 1 minute minimum; 1,500V AC minimum between contacts & case for 1 minute minimum Mechanical Life: 100,000 operations minimum Electrical Life: 20,000 operations minimum for silver; 50,000 operations minimum for gold Angle of Throw: 25° Materials & Finishes Toggle: Brass with chrome plating Bushing: Brass with nickel plating Frame: Stainless steel Case: Melamine phenolic resin (UL94V-0) Movable Contacts: Copper with silver or gold plating Stationary Contacts: Silver with silver or gold plating Terminals: Copper with silver or gold plating Environmental Data Operating Temp Range: –10°C through +70°C (+14°F through +158°F) Humidity: 90 ~ 95% humidity for 96 hours @ 40°C (104°F) Vibration: 10 ~ 55Hz with peak-to-peak amplitude of 1.5mm traversing the frequency range & returning in 1 minute; 3 right angled directions for 2 hours Shock: 50G (490m/s2) acceleration (tested in 6 right angled directions, with 5 shocks in each direction) Installation Mounting Torque: 1.47Nm (13 lb•in) for double nut; .686Nm (6 lb•in) for single nut Soldering Time & Temp: Circuits 2 & 5 Manual Soldering: 3 seconds maximum @ 350°C maximum Wave Solder: 5 seconds maximum @ 270°C maximum. Circuits 1, 3, 8, & 9 Manual Soldering: 4 seconds maximum @ 410°C maximum Wave Solder: See Profile A in Supplement section. Note: On circuits 1, 3, 8, & 9 levers must be in center or off position while soldering. Standards & Certifications Flammability Standards: UL94V-0 case UL Recognized: All single & double pole models recognized at 3A @ 125V AC; UL File No. WOYR2.E44145; add “/U” to end of part number to order UL mark on switch. CSA Certified: Single pole, double throw solder lug & PC models certified at 3A @ 125V AC; double pole, double throw PC models certified at 3A @ 125V AC; CSA File No. 023535-0-000; add “/C” to end of part number to order CSA mark on switch. |
Similar Part No. - E2019-BF |
|
Similar Description - E2019-BF |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |