Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPA400MDX-0312Z Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # MPA400MDX-0312Z
Description  400W AC-DC ACTIVE PFC MEDICAL POWER SUPPLY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MPA400MDX-0312Z Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  MPA400MDX-0312Z Datasheet HTML 1Page - MicroPower Direct, LLC MPA400MDX-0312Z Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
*: x
MPA400MDx-00z
= E (Enclosed type) or U(U-Chassis type); z = Blank (terminal strips), M (Molex Connectors) or I (IEC Input Connector, Enclosed unit only).
* 10% minimum load is required for all outputs to maintain the ripple and regulation. Output is fully isolated.
* Total combined power of V1 and V2:
400W Max. with 22.95 CFM forced air and 250W convection cooling for the MPA400MDU-1224 and 400W for the MPA400MDE-1224 by self cooling.
.
300W Max. with 22.95 CFM forced air and 200W convection cooling for all other MPA400MDU models and 300W for all other MPA400MDE models by self cooling.
OUTPUT VOLTAGE / CURRENT RATING CHART: Measured at output power connector.
±1%
±5%
12.5A
8.33A
V2: +24V
±1%
±5%
25A
16.7A
V1: +12V
MPA400MDx-1224z
±1%
±5%
12.5A
8.34A
V2: +24V
±1%
±5%
40A
30A
V1: +5V
MPA400MDx-0524z
±1%
±5%
25A
16.7A
V2: +12V
±1%
±5%
40A
30A
V1: +5V
MPA400MDx-0512z
±1%
±5%
12.5A
8.34A
V2: +24V
±1%
±5%
40A
30A
V1: +3.3V
MPA400MDx-0324z
±1%
±5%
25A
16.7A
V2: +12V
±1%
±5%
40A
30A
V1: +3.3V
MPA400MDx-0312z
22.95 CFM
Convection
Ripple & Noise
Total Regulation
Max. Output current
Output Voltage
Model Number
OUTLINE DRAWING:
Overall Size for U-Chassis Type: 8(L) x 5(W) x 1.6(H)inches; Weight: Maximum weight is 1.3kg; Option: Top Cover.
Overall Size for Enclosed Type: 9(L) x 5(W) x 1.6(H)inches; Weight: Maximum weight is 1.6kg
C
B
B
C
B
C
B
CN3
CN1
B
C
B: MOUNTING HOLE 8 PLACE
6-32 UNC(Zn-plated)
SCALE 4:1
C
B
CN2
C
B
V1
RTN
V2
V1
RTN
V2
FAN
B
C
C
B
C:MOUNTING HOLE 8 PLACE
M4X0.7 UNC
SCALE 4:1
C
B
B
C
B
C
V1
V2
RTN
V2
RTN
B
C
B
C
C
B
B
C
V1
MOUNTING HOLE:
B: 6-32 UNC(Zn-plated) 8 PLACE
C: M4X0.7 UNC 8 PLACE
B
C
PINS 1-2
PINS 1-6
V1
PINS 3-5
PINS 6
HOWDER
PINS 7-13
PINS 14-16
MOLEX
RTN
V2
I/O Connector pin assignment:
Input Connector(CN1):
Type – mating
U-Chassis
Molex Part No. 09-91-
0700 equivalent(7 pin, 5 used), or Howder
Terminal block Part No. HD-121-3P.
Enclosed type – IEC320 or equivalent Snap-in
mounting type or DINKLE Terminal block Part No.
DT-35-A02W-03 (3 pin)
Output Connector (CN2): Mating Molex 16 pins
(09-91-1600), or Howder (HD-121-6P) M3.5, 8
pins terminal block, 9.5MM Center.
Output Pin Assignment: (See table below)
Logic signal connectors (CN3):
Mating JST XHP-8 or equivalent (CHYAO
SHIUNN JS-2001-08) Mating Pins: JST SXH-
002T-P0.6 for AWG 30 to 26.
Mounting Inserts: 6-32, M4 4 Places individually
with maximum penetration 0.15” on bottom side
and 0.25” on both side.
Fan driver connector (FAN): 12 VDC / 400 mA
is available to drive an external fan. Mating connector
is a JST XHP-2 or Molex P/N 48-151-0210 ( 2 pins
0.98 pitch). Mating Pins: JST SXH-001T-P0.62T
or Molex 48150 .
MicroPower Direct
www.micropowerdirect.com
292 Page Street, Ste D Stoughton, MA 02072
: (781) 344-8226
(781) 344-8481
sales@micropowerdirect.com
TEL
FAX:
EMAIL:
••


Similar Part No. - MPA400MDX-0312Z

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MPA400M MPD-MPA400M Datasheet
261Kb / 2P
   400W AC-DC ACTIVE PFC MEDICAL POWER SUPPLY
MPA400MXY-03Z MPD-MPA400MXY-03Z Datasheet
261Kb / 2P
   400W AC-DC ACTIVE PFC MEDICAL POWER SUPPLY
MPA400MXY-05Z MPD-MPA400MXY-05Z Datasheet
261Kb / 2P
   400W AC-DC ACTIVE PFC MEDICAL POWER SUPPLY
MPA400MXY-12Z MPD-MPA400MXY-12Z Datasheet
261Kb / 2P
   400W AC-DC ACTIVE PFC MEDICAL POWER SUPPLY
MPA400MXY-18Z MPD-MPA400MXY-18Z Datasheet
261Kb / 2P
   400W AC-DC ACTIVE PFC MEDICAL POWER SUPPLY
More results

Similar Description - MPA400MDX-0312Z

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MPA400M MPD-MPA400M Datasheet
261Kb / 2P
   400W AC-DC ACTIVE PFC MEDICAL POWER SUPPLY
logo
ULTRA LEVEL TECH CO., L...
PRL0602DN ULC-PRL0602DN Datasheet
451Kb / 4P
   AC-DC Active PFC SWITCHING POWER SUPPLY
PRL1301D ULC-PRL1301D Datasheet
477Kb / 4P
   AC-DC ACTIVE PFC SWITCHING POWER SUPPLY
PRL0602N ULC-PRL0602N Datasheet
454Kb / 4P
   AC-DC Active PFC SWITCHING POWER SUPPLY
PRL1201D ULC-PRL1201D Datasheet
148Kb / 3P
   AC-DC ACTIVE PFC SWITCHING POWER SUPPLY
PRL1103 ULC-PRL1103 Datasheet
332Kb / 4P
   AC-DC PFC MEDICAL SWITCHING POWER SUPPLY
PRL1103D ULC-PRL1103D Datasheet
372Kb / 4P
   AC-DC PFC MEDICAL SWITCHING POWER SUPPLY
logo
Wall Industries,Inc.
DTAM200 WALL-DTAM200 Datasheet
85Kb / 2P
   Active PFC 200 Watt Single Output AC - DC Medical Desktop Power Supply
logo
MicroPower Direct, LLC
MPA350X MPD-MPA350X Datasheet
296Kb / 3P
   350W AC-DC ACTIVE PFC SWITCHING POWER SUPPLY
logo
SynQor Worldwide Headqu...
AQ0300MU12EACFD SYNQOR-AQ0300MU12EACFD Datasheet
2Mb / 13P
   Medical Grade AC/DC Power Supply With PFC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com