Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS3060 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SS3060
Description  30AMP Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SS3060 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SS3060 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SS3060 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Any changing of specification will not be informed individual
SS3020 THRU SS30100
VOLTAGE 20V ~ 100V
30AMP Schottky Barrier Rectifiers
RATING AND CHARACTERISTIC CURVES (SS3020 THRU SS30100)
FIG.1-TYPICAL FORWARD CURRENT DERATING CURVE
FIG.3-MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
FIG.4-TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE,(V)
FORWARD VOLTAGE,(V)
0.2
2
.0
.01
20
10
0
Pulse Width 300us
1% Duty Cycle
6
12
18
24
30
36
2000
2400
2800
1600
1200
800
400
0
.01
.05
.1
.5
1
5
10
50
100
.1
.3
.5
.7
.9
1.1
1.3
1.5
1
0
.1
1.0
10
100
FIG.5 - TYPICAL REVERSE
CHARACTERISTICS
0
20
40
60
80
100 120 140
.01
Tj=75 C
T j=25 C
SS206
0
SS3080~
SS30100
SS3
020~
SS3
040
Tj=25 C
2
00
100
0
30
0
50
0
4
00
NUMBER OF CYCLES AT 60Hz
1
10
5
50
100
SS3
020~S
S3
040
Tj=25 C
8.3ms Single Half
Sine Wave
JEDEC method
PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)
0
0
20
40
60
80
100
120
140
160
180
200
CASE TEMPERATURE,( C)
FIG.2-TYPICAL FORWARD
CHARACTERISTICS
SS3
060~S
S30100
http://www.SeCoSGmbH.com
Elektronische Bauelemente
01-Jun-2002 Rev. A
Page
2 of 2


Similar Part No. - SS3060

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SS3060-HE PANJIT-SS3060-HE Datasheet
80Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
DAESAN ELECTRONIC CORP.
SS3060FL DAESAN-SS3060FL Datasheet
283Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SS3060HE-AU PANJIT-SS3060HE-AU Datasheet
427Kb / 5P
   Surface Mount Schottky Barrier Rectifier
June 18,2020 SS3060HE-AU-REV.14
SS3060HE-AU_R1_000A1 PANJIT-SS3060HE-AU_R1_000A1 Datasheet
368Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SS3060HE-AU_R1_000A1 PANJIT-SS3060HE-AU_R1_000A1 Datasheet
427Kb / 5P
   Surface Mount Schottky Barrier Rectifier
June 18,2020 SS3060HE-AU-REV.14
More results

Similar Description - SS3060

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MBR30150E3 CYSTEKEC-MBR30150E3 Datasheet
158Kb / 4P
   30Amp. Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
MBR3040F SECOS-MBR3040F Datasheet
212Kb / 2P
   30Amp Schottky Barrier Rectifiers
logo
Cystech Electonics Corp...
MBR30100E3 CYSTEKEC-MBR30100E3 Datasheet
159Kb / 4P
   30Amp. Schottky Barrier Rectifiers
logo
International Rectifier
30FQ030 IRF-30FQ030 Datasheet
275Kb / 6P
   30Amp Schottky Power Rectifiers
logo
Shanghai Lunsure Electr...
MBR30100CT CHENYI-MBR30100CT Datasheet
238Kb / 2P
   30Amp schottky barrier rectifier 100volts
SBL3030CT CHENYI-SBL3030CT Datasheet
87Kb / 2P
   30Amp schottky barrier rectifier 30to45 volts
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
SB220 LRC-SB220 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Cystech Electonics Corp...
SKM3045CTFP CYSTEKEC-SKM3045CTFP Datasheet
547Kb / 5P
   30Amp. MOS BARRIER RECTIFIER
SKM3050CTE3 CYSTEKEC-SKM3050CTE3 Datasheet
510Kb / 5P
   30Amp. MOS BARRIER RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com