Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VST-24X04-UA1 Datasheet(PDF) 1 Page - JDS Uniphase Corporation

Part # VST-24X04-UA1
Description  VOA & Power Meter Switch Tray
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

VST-24X04-UA1 Datasheet(HTML) 1 Page - JDS Uniphase Corporation

  VST-24X04-UA1 Datasheet HTML 1Page - JDS Uniphase Corporation VST-24X04-UA1 Datasheet HTML 2Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
High performance optical switch solutions
Key Features
applications
• Integrated Variable Attenuation (VOA) option
• Integrated Power Meter (OPM) option
• Instrumentation grade performance
• Ultra-low insertion loss
• High repeatability
• Low polarization dependent loss
• High power handling
• Dark fiber switching
• Bi-directional operation
• Protocol and bit rate independent
• Ethernet, RS232 and GPIB options
• Standard protocols: SCPI, TL1, SNMP
• Automated component test
• Automated manufacturing test
• Network span emulation
• Systems verification testing
• Centralized optical equipment sharing
• Secure communication networks
• Centralized PON/FTTH test capability
• ROADM
Voa & power Meter switch tray
The Polatis VST family of products offers an ideal integration
of optical switching, attenuation and power monitoring in
a single, compact package. This class of switch is unique
to Polatis and delivers significant cost savings for a highly
versatile tool with a single, easy-to-use interface.
Ideal for test environments, the VST provides physical-layer
connectivity for sharing of high value equipment and for
automation of test sequences in design verification and
manufacturing systems. Its instrument-grade performance
ensures the maximum signal fidelity, with ultra-high stability
and repeatability. VST integrated power meters permit rapid
trouble-shooting across the entire test set without patching
in separate meters. The unique VOA function permits
easy control of attenuation for trimming power, or of
preset maximum power levels to protect sensitive
downstream equipment.
Users may fully configure all ports for power meter and VOA
functionality, or choose from sub-populated options. Power
meter options include Input and/or Output detectors, while
optical attenuation options include both Relative attenuation
(power drop across switch) or Absolute attenuation (fixed
output power).
The VST is available in both symmetric (NxN) and
asymmetric (MxN) port configurations, provided in a
standard 19” rack mount enclosure.
Directlight® technology
All Polatis products are based on the patented DirectLight
beam-steering technology, setting the benchmark for
reliable, high performance switching.
Polatis also offers Reconfigurable port and Multimode
optical switch systems, as well as a range of optical switch
modules and standard backplane optical cards.
Voa & power Meter switch tray
Vst


Similar Part No. - VST-24X04-UA1

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
VST-24XCC-CA1-ES JDSU-VST-24XCC-CA1-ES Datasheet
68Kb / 2P
   Reconfigurable VOA & Power Meter Switch Tray VST
VST-24XCC-CA1-ET JDSU-VST-24XCC-CA1-ET Datasheet
68Kb / 2P
   Reconfigurable VOA & Power Meter Switch Tray VST
VST-24XCC-CA1-GS JDSU-VST-24XCC-CA1-GS Datasheet
68Kb / 2P
   Reconfigurable VOA & Power Meter Switch Tray VST
VST-24XCC-CA1-GT JDSU-VST-24XCC-CA1-GT Datasheet
68Kb / 2P
   Reconfigurable VOA & Power Meter Switch Tray VST
VST-24XCC-CA1-MS JDSU-VST-24XCC-CA1-MS Datasheet
68Kb / 2P
   Reconfigurable VOA & Power Meter Switch Tray VST
More results

Similar Description - VST-24X04-UA1

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
VST-08XCC-LU1-ES JDSU-VST-08XCC-LU1-ES Datasheet
68Kb / 2P
   Reconfigurable VOA & Power Meter Switch Tray VST
VSD-04X04-LU1 JDSU-VSD-04X04-LU1 Datasheet
546Kb / 2P
   Touch Screen Display VOA Switch Tray VSD
OST-04XCC-LU1-ES JDSU-OST-04XCC-LU1-ES Datasheet
66Kb / 2P
   Optical Switch Tray
OST-04X04-LP8-ES JDSU-OST-04X04-LP8-ES Datasheet
71Kb / 2P
   Multimode Optical Switch Tray
logo
Siemens Semiconductor G...
PAC3100 SIEMENS-PAC3100 Datasheet
243Kb / 8P
   Power Meter
PAC4200 SIEMENS-PAC4200 Datasheet
292Kb / 8P
   Power Meter
logo
ITECH ELECTRONIC CO.,LT...
IT9121E ITECH-IT9121E Datasheet
1Mb / 4P
   Power Meter
logo
ASM GmbH
PW3335 ASM-SENSOR-PW3335 Datasheet
1,004Kb / 12P
   POWER METER
logo
B&K Precision Corporati...
5335B BK-5335B Datasheet
1Mb / 6P
   Power Meter
logo
Hamamatsu Corporation
C9536-01 HAMAMATSU-C9536-01 Datasheet
155Kb / 2P
   UV POWER METER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com