Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML9266 Datasheet(PDF) 4 Page - Minilogic Device Corporation Limited

Part # ML9266
Description  Step-up DC/DC converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINILOGIC [Minilogic Device Corporation Limited]
Direct Link  http://www.minilogic.com.hk
Logo MINILOGIC - Minilogic Device Corporation Limited

ML9266 Datasheet(HTML) 4 Page - Minilogic Device Corporation Limited

  ML9266 Datasheet HTML 1Page - Minilogic Device Corporation Limited ML9266 Datasheet HTML 2Page - Minilogic Device Corporation Limited ML9266 Datasheet HTML 3Page - Minilogic Device Corporation Limited ML9266 Datasheet HTML 4Page - Minilogic Device Corporation Limited ML9266 Datasheet HTML 5Page - Minilogic Device Corporation Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
■ Applications
■ Application Note
● High Current Application
● Output Voltage Setting
switching regulator (VOUT) can be set
R1
R2
Feedback Loop Design
◆ Follow Equation A
recommended.
● High Voltage Application
leakage, and improper probing to FB pins.
to hundreds K .
● Multi-Output Applications
feedback needed. Such "high impedance loops" are
sensitive to any interference, which require careful
layout and avoid any interference, e.g. probing to FB pin.
suspend modes, the higher values of R1and R2 are
R1 can improve the noise immunity of the feedback
loops, especially in an improper layout. An empirical
suggestion is around 0~33pF for feedback resistors
of M , and 10nF~0.1µF for feedback resistors of tens
For applications without standby or suspend modes,
lower values of R1 and R2 are preferred. For applications
concerning the current consumption in standby or
=1.25V/R2), however resistors beyond 5M
are not
Lower R gives better noise immunity, and is less
sensitive to interference, layout parasitics, FB node
A proper value of feed forward capacitor parallel with
R2 based on the trade-off between quiescent current
consumption and interference immunity is stated below:
Higher R reduces the quiescent current (Path current
Referring to application circuits, the output voltage of the
Referring to application circuits, The selection of R1and
VOUT1 = (1 +
) × 1.25V
・・・A
ML9266
IPCore
CE
EXT
VDD
ML9266
GND
FB
LX
L1
3.3--10uH
C2
1uF
C5
100uF
D1
C1
100uF
1N5819
Vin
Q1
NMOS
Vout
3.3V/5V
R1
1.6M/3M
R2
980k/1M
+
+
CE
EXT
VDD
ML9266
GND
FB
LX
L1
4.7uH
R1
R2
C2
C1
C3
CVDD
C4
100uF
D1
RVDD
100
RM
12V / 9V
300mA
Vin=3.1V~5V Vout=12V
+
1N5819
Vin=2.8V ~5V Vout=9V
+
Q1
NMOS
CVDD=1uF
RM=0.22
C3=0.1uF
R1=860K/620K
R2=100K
C1=100uF
C2=1uF
R2=100
R1=620K
C6=0.1uF
CE
EXT
VDD
ML9266
GND
FB
LX
L1
3.3--10uH
C3
10uF
C1
1uF
D1
C4
10uF
1N5819
Vin
3.3V/5V
Vout2
+18V 10mA
R1
R3
100
C2
10uF
Q1
NMOS
C5
10uF
R2
C6
C7
1uF
C8
1uF
Vout1
+9V 100mA
Vout3
-9V 10mA
P4 / 5
Rev. D, May 2008


Similar Part No. - ML9266

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML9266 ETC1-ML9266 Datasheet
112Kb / 5P
   Step-up DC/DC converter
ML9266MRG ETC1-ML9266MRG Datasheet
112Kb / 5P
   Step-up DC/DC converter
ML9266PRG ETC1-ML9266PRG Datasheet
112Kb / 5P
   Step-up DC/DC converter
More results

Similar Description - ML9266

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UC8383 UTC-UC8383_15 Datasheet
444Kb / 9P
   STEP-UP DC/DC CONVERTER
logo
Diodes Incorporated
AP1603 DIODES-AP1603 Datasheet
159Kb / 8P
   STEP-UP DC/DC CONVERTER
AP1603 Rev. 1
logo
Anachip Corp
AP1602 ANACHIP-AP1602 Datasheet
164Kb / 7P
   Step-Up DC/DC Converter
AP1522 ANACHIP-AP1522 Datasheet
166Kb / 8P
   Step-Up DC/DC Converter
logo
Micon Design Technology...
MDT7727 MDTIC-MDT7727 Datasheet
107Kb / 4P
   Step-up DC/DC Converter
logo
SiGe Semiconductor, Inc...
AATIAN36 SIGE-AATIAN36 Datasheet
231Kb / 7P
   Step-Up DC/DC Converter
logo
Diodes Incorporated
AP1603 DIODES-AP1603_V01 Datasheet
278Kb / 8P
   STEP-UP DC-DC CONVERTER
Rev. 4 - 2 February 2014
AP1522 DIODES-AP1522 Datasheet
323Kb / 10P
   STEP-UP DC/DC CONVERTER
December 2017 Rev. 4 - 4
logo
Micon Design Technology...
MDT7733 MDTIC-MDT7733 Datasheet
63Kb / 3P
   Step-up DC/DC Converter
logo
Kingbor Technology Co
KB2301 KINGBOR-KB2301 Datasheet
137Kb / 10P
   Step-Up DC-DC Converter
logo
Anachip Corp
AP1601 ANACHIP-AP1601 Datasheet
207Kb / 9P
   Step-Up DC/DC Converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com