Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPA400MXY-24Z Datasheet(PDF) 1 Page - MicroPower Direct, LLC

Part # MPA400MXY-24Z
Description  400W AC-DC ACTIVE PFC MEDICAL POWER SUPPLY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MPA400MXY-24Z Datasheet(HTML) 1 Page - MicroPower Direct, LLC

  MPA400MXY-24Z Datasheet HTML 1Page - MicroPower Direct, LLC MPA400MXY-24Z Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PRODUCT SPECIFICATIONS:
400W AC-DC ACTIVE PFC MEDICAL POWER SUPPLY
MPA400M SINGLE OUTPUT SERIES
FEATURES:
Medical Safety Approvals
Optional N+1 Forced Active Current Sharing
Power Factor Corrected to EN61000-3-2 class D
Providing Peak Power 700W within 500uS duty duration
U-Chassis & Enclosed with built-in fan Mechanical Options
1U height size and High power density: 6.25 watts/cu inches
Current Monitoring and Remote Voltage adjustment (Margin)
Input Voltage: 90-264 Vac full range, 47~63 Hz.
Input Current: 6.35A at 90VAC full load.
Inrush Current: 35A Max @ 230 Vac with full load and cold start.
PFC: Active power factor correction meet EN61000-3-2 class D.
Fan Drive: 12VDC/400mA is available to drive an external fan.
Transient Response: Returns to within 1% in less than 2.5 mS for
a 50% load change and the peak transient does not excess 5%.
Overshoot: Turn-on/off not exceed 5% over nominal voltage.
Efficiency: 82% minimum (Measuring at 230V and full load).
:
Turn On Delay 1 second maximum at 120 VAC.
Hold Up Time: 20 mS min. at 80% of full load.
Adjustability: Output user adjustable ±5% minimum.
Remote Sense: Designated “RS+” and “RS-” on the CN3.
Remote On-Off:
(Not available for current sharing models)
Designated as “RSW” on the CN3, requires a low
signal to inhibit output.
Power Supply On: Green LED designated as “LED 1” on the PCB.
LED display: Bi-color “LED1” emit green light on operating. Any
protection occurred or RSW applied low signal will emit orange.
Power Good: Designated as “PG” on the CN3 will go high 100-
500 mS after regulation and goes low 1mS before loss of regulation.
Current Sharing: Designated as “CSH” on the CN3, optional
single wired for forced current sharing function and parallel up to 4
units within 10% accuracy at full load.
Current Monitor: Designated as “CMN” on the CN3 for current
sense for a 0.5V to 3 VDC to represent 0% to 100% output current.
Margin: Designated as “MGN” on the CN3 providing 50% of output
voltage remote adjustment by applying 0.4 ~ 5V signal on “MGN”.
AC Fail (optional): Designated as “ACF” on the CN3 to monitor the
input voltage, when input goes under 80 +/- 5VAC the signal will go
low (0V) and then go high (+5V) once reappears over 86 Vac.
Input Circuit (primary):
(Input voltage protection must be disabled when AC Fail is enable.)
Two protected fuse inserted, shall be
blown only by an internal power fault.
Input Voltage Protection: Power shut down under 80 ±5 Vac,
and recovered over 86 Vac.
Over-Power Protection:
(Disabled unless AC Fail is requested)
C.C. mode 110-140% and auto-recovery.
Over-Voltage Protection: Latching down will occur when output
voltage exceed 130% and recycle AC input to reset.
Short Circuit Protection: Trip without damage and auto-recovery.
Over Temperature Protection: Protected in the event of
excessive operating ambient 85°C, with automatic recovery.
Switching Frequency: 30 kHz fixed frequency.
Operating Temperature: O to 70°C ambient, de-rating at 2.5%
per degree from 50°C
° to 70°C
°.
Storage Temperature: -20 to 85°C.
Operating Humidity: 5% to 90% RH, Non-condensing.
Storage Humidity: 5% to 95% RH, Non-condensing.
Vibration: Frequency 5 to 50 Hz, acceleration +/-7.35 M/(SxS) on
X,Y and Z Axis.
Emissions: FCC Part 15, CISPR 22 class B, Conducted.
Safety Regulation: Approved to UL60950-1/ 60601-1, CSA
C22.2 No. 60950-1-03/ 601.1-M90, TUV EN60950-1/ 60601-1, CE
Mark (LVD) EN61204-3/ 60601-1-2/ 61000-3-2,3 & IEC61000-4
Series Regulations and CB.
Leakage Current: 300uA
HI-POT Test: 1500 Vac between input line and chassis (2mA DC
cut off current); 4000 Vac between primary and secondary
windings; Primary to core 1500 VAC. All for 3 sec.
Grounding Test: Apply 40 A from ground pin to the earthed
connection point. Maximum allowable resistance is 0.1ohm.
Warranty: 2 years.
MTBF: 100000 Hrs (according to MIL-HBK-217F) at 30
.
?
Cooling: External forced air requires achieving full ratings.
Burn in: 45 +/- 5°C for 1 hour @ 230 Vac with full load.
Enclosure: U-Chassis type - 8(L) x 5(W) x 1.6(H) inches.
Enclosed type - 9(L) x 5(W) x 1.6(H) inches.
Weight: U-Chassis Type – 1.3KG; Enclosed Type – 1.6KG;
CB
U - Chassis Type: 8 x 5 x 1.6”
Enclosed with built-in fan Type: 9 x 5 x 1.6”
MicroPower Direct
Go Direct -
- For Product, Performance and Price
MicroPower Direct
MicroPower Direct
idi
www.m cropower rect.com
292 Page Street, Ste D Stoughton, MA 02072 TEL: (781) 344-8226 FAX: (781) 344-8481 EMAIL: sales@micropowerdirect.com


Similar Part No. - MPA400MXY-24Z

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MPA400MD MPD-MPA400MD Datasheet
288Kb / 2P
   400W AC-DC ACTIVE PFC MEDICAL POWER SUPPLY
MPA400MDX-0312Z MPD-MPA400MDX-0312Z Datasheet
288Kb / 2P
   400W AC-DC ACTIVE PFC MEDICAL POWER SUPPLY
MPA400MDX-0324Z MPD-MPA400MDX-0324Z Datasheet
288Kb / 2P
   400W AC-DC ACTIVE PFC MEDICAL POWER SUPPLY
MPA400MDX-0512Z MPD-MPA400MDX-0512Z Datasheet
288Kb / 2P
   400W AC-DC ACTIVE PFC MEDICAL POWER SUPPLY
MPA400MDX-0524Z MPD-MPA400MDX-0524Z Datasheet
288Kb / 2P
   400W AC-DC ACTIVE PFC MEDICAL POWER SUPPLY
More results

Similar Description - MPA400MXY-24Z

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MPA400MD MPD-MPA400MD Datasheet
288Kb / 2P
   400W AC-DC ACTIVE PFC MEDICAL POWER SUPPLY
logo
ULTRA LEVEL TECH CO., L...
PRL0602DN ULC-PRL0602DN Datasheet
451Kb / 4P
   AC-DC Active PFC SWITCHING POWER SUPPLY
PRL1301D ULC-PRL1301D Datasheet
477Kb / 4P
   AC-DC ACTIVE PFC SWITCHING POWER SUPPLY
PRL0602N ULC-PRL0602N Datasheet
454Kb / 4P
   AC-DC Active PFC SWITCHING POWER SUPPLY
PRL1201D ULC-PRL1201D Datasheet
148Kb / 3P
   AC-DC ACTIVE PFC SWITCHING POWER SUPPLY
PRL1103 ULC-PRL1103 Datasheet
332Kb / 4P
   AC-DC PFC MEDICAL SWITCHING POWER SUPPLY
PRL1103D ULC-PRL1103D Datasheet
372Kb / 4P
   AC-DC PFC MEDICAL SWITCHING POWER SUPPLY
logo
Wall Industries,Inc.
DTAM200 WALL-DTAM200 Datasheet
85Kb / 2P
   Active PFC 200 Watt Single Output AC - DC Medical Desktop Power Supply
logo
MicroPower Direct, LLC
MPA350X MPD-MPA350X Datasheet
296Kb / 3P
   350W AC-DC ACTIVE PFC SWITCHING POWER SUPPLY
logo
SynQor Worldwide Headqu...
AQ0300MU12EACFD SYNQOR-AQ0300MU12EACFD Datasheet
2Mb / 13P
   Medical Grade AC/DC Power Supply With PFC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com