Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JPL16P-B Datasheet(PDF) 1 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # JPL16P-B
Description  Internationally Approved Pushbuttons
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

JPL16P-B Datasheet(HTML) 1 Page - Nihon Kaiheiki Industry Co. Ltd.

  JPL16P-B Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. JPL16P-B Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. JPL16P-B Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. JPL16P-B Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. JPL16P-B Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Internationally Approved Pushbuttons
Series JP
Distinctive Characteristics
Industry’s first molded pushbutton with TV rating. Designed to
handle large inrush current. JPM models certified for TV-5
rating and JPL models for TV-8 rating.
Prominent external insulating barriers increase
insulation resistance and dielectric strength.
Constructed for dust resistance with
interior seal of polyphenylene
sulfide (PPS) between actuator
and contact area.
Specially designed to break light
contact welds.
Snap-action contact mechanism.
Terminals are molded in and epoxy
sealed to lock out flux, dust, and
other contaminants.
Outer case of heat resistant resin meet UL’s 94V-0
flammability standard.
Actual Size JPM


Similar Description - JPL16P-B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
JWS21RAA ETC2-JWS21RAA Datasheet
537Kb / 6P
   Internationally Approved Rockers
logo
Nihon Kaiheiki Industry...
P2022B NKK-P2022B Datasheet
491Kb / 4P
   Internationally Approved Toggles
JWS11RAA-A NKK-JWS11RAA-A Datasheet
351Kb / 6P
   Internationally Approved Rockers
P2011 NKK-P2011 Datasheet
172Kb / 4P
   Internationally Approved Toggles
P2011N-DA NKK-P2011N-DA Datasheet
195Kb / 5P
   Internationally Approved Rockers/Paddles
JWM11RA NKK-JWM11RA Datasheet
286Kb / 8P
   Internationally Approved TV Rated Rockers
logo
C&K Components
1.15108.4510000 CK-COMPONENTS-1.15108.4510000 Datasheet
1Mb / 83P
   Pushbuttons
logo
List of Unclassifed Man...
HB15SKW01-6G-JB ETC2-HB15SKW01-6G-JB Datasheet
379Kb / 6P
   Subminiature Pushbuttons
logo
Nihon Kaiheiki Industry...
MB2011SS1W NKK-MB2011SS1W Datasheet
238Kb / 8P
   Miniature Pushbuttons
logo
List of Unclassifed Man...
KB15CKW01-12-FF ETC2-KB15CKW01-12-FF Datasheet
725Kb / 13P
   Miniature Pushbuttons
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com