Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KB02KW01-01 Datasheet(PDF) 5 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # KB02KW01-01
Description  Complement to KB Pushbuttons
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

KB02KW01-01 Datasheet(HTML) 5 Page - Nihon Kaiheiki Industry Co. Ltd.

  KB02KW01-01 Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. KB02KW01-01 Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. KB02KW01-01 Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. KB02KW01-01 Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. KB02KW01-01 Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Complement to KB Pushbuttons
KB Indicators
Material: Polycarbonate
Finish: Glossy
(11.6) Sq
.457
(6.2)
.244
(4.5)
.177
(11.6) Dia
.457
(6.2)
.244
(4.5)
.177
AT4133
Square
AT4132
Round
AT4134
Rectangular
Cap for Super Bright LED
JB
Lens/Diffuser
Colors Available:
(11.6)
.457
(6.3)
.248
(4.5)
.177
(16.1)
.634
Translucent Clear Lens
Translucent White Diffuser
CAP TYPES & COLOR COMBINATIONS
Super Bright LEDs
AT625, AT631, AT632
TYPICAL SWITCH DIMENSIONS
Bushing Mount
Snap-in Mount
KB01KW01-05-GG
KB05KW01-05-FF
Clear Lens
White Diffuser
(11.6) Sq
.457
(14.0) Sq
.551
(11.6) Dia
.457
(14.0) Dia
.551
(11.6)
.457
(16.1)
.634
(18.5)
.728
(14.0)
.551
(5.0)
.197
(1.0)
.039
(14.2)
.559
(24.7)
.972
(5.3)
.209
(3.5)
.138
(5.0)
.197
M12 P1
(1.0) x (2.0) Typ
.039 x .079
(1.8)
.071
Keyway
(1.8) Typ
.071
(0.2) Typ
.008
(9.0)
.354
(2.3)
.090
(11.6) Sq
.457
(14.0) Sq
.551
(1.8)
.071
Keyway
(1.8) Typ
.071
(0.2) Typ
.008
(9.0)
.354
(1.0)
.039
(24.7)
.972
(5.3)
.209
(3.5)
.138
(5.0)
.197
(1.0) x (2.0) Typ
.039 x .079
(11.6) Dia
.457
(14.0) Dia
.551
(2.3)
.090
(11.6)
.457
(16.1)
.634
(18.5)
.728
(14.0)
.551


Similar Part No. - KB02KW01-01

ManufacturerPart #DatasheetDescription
logo
Lumberg
KB02 LUMBERG-KB02 Datasheet
580Kb / 3P
   Pluggable screw terminal blocks on socket boards, pitch 5.0 mm
More results

Similar Description - KB02KW01-01

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
UB201KW035C-1JB NKK-UB201KW035C-1JB_16 Datasheet
196Kb / 3P
   Complement to UB2 Pushbuttons
YB01KW01-05-BB NKK-YB01KW01-05-BB Datasheet
224Kb / 6P
   Complement to YB Pushbuttons
HB01KW01-5C-CB NKK-HB01KW01-5C-CB Datasheet
82Kb / 2P
   Complement to HB Pushbuttons
LB01KW01-05-BJ NKK-LB01KW01-05-BJ Datasheet
198Kb / 5P
   Complement to LB Pushbuttons
UB01KW015C NKK-UB01KW015C Datasheet
112Kb / 3P
   Complement to UB Pushbuttons
UB201KW035C-1JB NKK-UB201KW035C-1JB Datasheet
147Kb / 3P
   Complement to UB2 Pushbuttons
LB01KW01 NKK-LB01KW01 Datasheet
183Kb / 5P
   Complement to LB Pushbuttons
YB01KW01 NKK-YB01KW01 Datasheet
199Kb / 6P
   Complement to YB Pushbuttons
logo
List of Unclassifed Man...
FJV1845PMTF ETC2-FJV1845PMTF Datasheet
74Kb / 5P
   Complement to FJV992
logo
Inchange Semiconductor ...
2SA1265 ISC-2SA1265 Datasheet
111Kb / 2P
   Complement to Type 2SC3182
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com