Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JPM16P-H Datasheet(PDF) 2 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # JPM16P-H
Description  Internationally Approved Pushbuttons
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

JPM16P-H Datasheet(HTML) 2 Page - Nihon Kaiheiki Industry Co. Ltd.

  JPM16P-H Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. JPM16P-H Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. JPM16P-H Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. JPM16P-H Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. JPM16P-H Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Internationally Approved Pushbuttons
Series JP
General Specifications
Electrical Capacity (Resistive Load)
Power Level:
10A @ 125/250V AC for JPM models & 16A @ 125/250V AC for JPL models
Other Ratings
Contact Resistance:
20 milliohms maximum
Insulation Resistance:
1,000 megohms minimum @ 500V DC
Dielectric Strength:
2,000V AC minimum between contacts for 1 minute minimum;
4,000V AC minimum between contacts & case for 1 minute minimum
Mechanical Life:
25,000 operations minimum
Electrical Life:
25,000 operations minimum
Nominal Operating Force:
JPM Single Pole 3.53N & Double Pole 6.47N
JPL Single Pole 4.51N & Double Pole 9.02 N
Contact Timing:
Nonshorting (break before make)
Latchdown:
Normal position - flush with barrier; latchdown position - .079” (2.0mm) below normal
Travel:
Pretravel .059” (1.5mm); Overtravel .071” (1.8mm); Total Travel .130” (3.3mm)
Materials & Finishes
Housing/Frame & Barrier:
Polyamide (UL94V-0)
Movable Contacts:
Silver alloy
Interior Seal:
Polyphenylene sulfide (UL94V-0)
Stationary Contacts:
Silver alloy
Case/Base:
Melamine (UL94V-0)
Terminals:
Brass with silver plating
Environmental Data
Operating Temp Range:
–10°C through +70°C (+14°F through +158°F)
Humidity:
90 ~ 95% humidity for 96 hours @ 40°C (104°F)
Vibration:
10 ~ 55Hz with peak-to-peak amplitude of 1.5mm traversing the frequency range & returning
in 1 minute; 3 right angled directions for 2 hours
Shock:
50G (490m/s2) acceleration (tested in 6 right angled directions, with 5 shocks in each direction)
Process Seal:
Dust resistant inner seal
Installation
Soldering Time & Temp:
Manual Soldering: See Profile A in Supplement section.
Standards & Certifications
Flammability Standards:
UL94V-0 for housing/frame, barrier, interior seal, & case/base
TV Ratings for UL & CSA:
JPM (TV-5) Overload Test @ 125V AC for 50 operations:
UL File No. WOYR2.E44145
Steady State Current (rms) 7.5A; Minimum Inrush Current (peak) 111A
C-UL File No. WOYR8.E44145
JPM (TV-5) Endurance Test @ 125V AC for 25,000 operations:
Steady State Current (rms) 5A; Minimum Inrush Current (peak) 78A
JPL (TV-8) Overload Test @ 125V AC for 50 operations:
Steady State Current (rms) 12A; Minimum Inrush Current (peak) 163A
JPL (TV-8) Endurance Test @ 125V AC for 25,000 operations:
Steady State Current (rms) 8A; Minimum Inrush Current (peak) 117A
UL Recognized:
All JPM models certified at 10A @ 125V AC, TV5 & JPL models at 16A @ 125V AC, TV8;
add “/U” after part number to request marking on case; C-UL File No. WOYR2.E44145.
C-UL Certified:
All JPM models certified at 10A @ 125V AC, TV5 & JPL models at 16A @ 125V AC, TV8;
add “/C-UL” after part number to request marking on case; C-UL File No. WOYR8.E44145.
VDE Approved:
All JPM models approved at steady state 5A, inrush 80A, resistive 10A, &
motor load 6A all at 250V AC; add “/V” after part number to request marking on case;
VDE License No. 113494.
All JPL models approved at steady state 8A, inrush 128A, resistive 16A, &
motor load 8A all at 250V AC; add “/V” after part number to request marking on case;
VDE License No. 097579.
V
D E
R


Similar Part No. - JPM16P-H

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
JPM160 ETC1-JPM160 Datasheet
581Kb / 2P
   AC/DC Industrial Type 160 Watts
JPM160PS03 ETC1-JPM160PS03 Datasheet
581Kb / 2P
   AC/DC Industrial Type 160 Watts
JPM160PS05 ETC1-JPM160PS05 Datasheet
581Kb / 2P
   AC/DC Industrial Type 160 Watts
JPM160PS07 ETC1-JPM160PS07 Datasheet
581Kb / 2P
   AC/DC Industrial Type 160 Watts
JPM160PS12 ETC1-JPM160PS12 Datasheet
581Kb / 2P
   AC/DC Industrial Type 160 Watts
More results

Similar Description - JPM16P-H

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
JWS21RAA ETC2-JWS21RAA Datasheet
537Kb / 6P
   Internationally Approved Rockers
logo
Nihon Kaiheiki Industry...
P2022B NKK-P2022B Datasheet
491Kb / 4P
   Internationally Approved Toggles
JWS11RAA-A NKK-JWS11RAA-A Datasheet
351Kb / 6P
   Internationally Approved Rockers
P2011 NKK-P2011 Datasheet
172Kb / 4P
   Internationally Approved Toggles
P2011N-DA NKK-P2011N-DA Datasheet
195Kb / 5P
   Internationally Approved Rockers/Paddles
JWM11RA NKK-JWM11RA Datasheet
286Kb / 8P
   Internationally Approved TV Rated Rockers
logo
C&K Components
1.15108.4510000 CK-COMPONENTS-1.15108.4510000 Datasheet
1Mb / 83P
   Pushbuttons
logo
List of Unclassifed Man...
HB15SKW01-6G-JB ETC2-HB15SKW01-6G-JB Datasheet
379Kb / 6P
   Subminiature Pushbuttons
logo
Nihon Kaiheiki Industry...
MB2011SS1W NKK-MB2011SS1W Datasheet
238Kb / 8P
   Miniature Pushbuttons
logo
List of Unclassifed Man...
KB15CKW01-12-FF ETC2-KB15CKW01-12-FF Datasheet
725Kb / 13P
   Miniature Pushbuttons
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com