Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KB25KKW01 Datasheet(PDF) 9 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # KB25KKW01
Description  Miniature Pushbuttons
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

KB25KKW01 Datasheet(HTML) 9 Page - Nihon Kaiheiki Industry Co. Ltd.

Back Button KB25KKW01 Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. KB25KKW01 Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. KB25KKW01 Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. KB25KKW01 Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. KB25KKW01 Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. KB25KKW01 Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. KB25KKW01 Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd. KB25KKW01 Datasheet HTML 9Page - Nihon Kaiheiki Industry Co. Ltd. KB25KKW01 Datasheet HTML 10Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Miniature Pushbuttons
Series KB
OPTIONAL ACCESSORIES
PCB Adaptors
Dust Covers
AT701
Single Pole
Straight PC
Terminals
AT702
Double Pole
Straight PC
Terminals
AT077
Single Pole
Right Angle PC
Terminals
Material: Glass fiber reinforced polyamide
Note: Order adaptors separately.
+
-
6
5
4
1
2
3
NC
COM
NO
(0.2) Typ
.008
(2.54) Typ
.100
(10.16)
.400
(2.54) Typ
.100
(0.2) Typ
.008
Keyway
(12.0) Dia
.472
Switch
Depth
(2.8)
.110
(0.3)
.012
(9.8)
.386
(3.1)
.122
(0.6) Typ
.024
+
-
6
5
4
1
2
3
NC
COM
NO
(0.2) Typ
.008
(2.54) Typ
.100
(10.16)
.400
(2.54) Typ
.100
(0.2) Typ
.008
Keyway
(12.0) Dia
.472
Switch
Depth
(2.8)
.110
(0.3)
.012
(9.8)
.386
(3.1)
.122
(0.6) Typ
.024
+
-
3
2
1
(11.4)
.449
(6.0)
.236
(1.4) Typ
.055
(13.0)
.512
(2.54) Typ
.100
(1.2) Typ
.047
(0.4)
.016
(7.62)
.300
(0.8) Typ
.031
(0.4) Typ
.016
(12.0) Dia
.472
(9.8)
.386
Switch
Depth
(2.8)
.110
3 NC
1
2 COM
(2.54) Typ
.100
(2.54) Typ
.100
(0.8) Dia Typ
.031
(10.16)
.400
NO
3 NC
1
2 COM
(2.54) Typ
.100
(2.54) Typ
.100
(0.8) Dia Typ
.031
(10.16)
.400
NO
6
5
4
1
2
3
(2.54) Typ
.100
(7.62)
.300
(1.8) Dia Typ
.071
(10.16)
.400
Material: Lid: PVC
PVC loses pliability below 0°C (32°F).
Base: Polyamide
Panel Thickness Range: .020” ~ .268” (0.5 ~ 6.8mm) for Bushing Mounting; .020” ~ .079” (0.5 ~ 2.0mm) for Snap-in Mounting.
Dust Covers reduce the depth of switch behind panel by .047” (1.2mm).
AT495
For Square & Round
(not for Barrier type)
AT4025
For Rectangular
(not for Barrier type)
(11.8)
.465
Assembled
Cap Height
(13.0) Sq
.512
(6.5)
.256
(12.3) Dia
.484
(5.1)
.201
(21.0) Sq
.827
(7.0)
.276
(1.2) R
.047
(1.6)
.063
Assembled
Cap Height
(13.0) Sq
.512
(6.5)
.256
(11.8)
.465
(25.4)
1.004
(1.2) R
.047
(21.0)
.827
(12.3) Dia
.484
(7.0)
.276


Similar Part No. - KB25KKW01

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
KB25KKW01-05-A NKK-KB25KKW01-05-A Datasheet
433Kb / 14P
   General Specifications
KB25KKW01-05-BB NKK-KB25KKW01-05-BB Datasheet
433Kb / 14P
   General Specifications
KB25KKW01-05-CB NKK-KB25KKW01-05-CB Datasheet
433Kb / 14P
   General Specifications
KB25KKW01-05-CC NKK-KB25KKW01-05-CC Datasheet
433Kb / 14P
   General Specifications
KB25KKW01-05-EB NKK-KB25KKW01-05-EB Datasheet
433Kb / 14P
   General Specifications
More results

Similar Description - KB25KKW01

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
MB2011SS1W NKK-MB2011SS1W Datasheet
238Kb / 8P
   Miniature Pushbuttons
logo
List of Unclassifed Man...
KB15CKW01-12-FF ETC2-KB15CKW01-12-FF Datasheet
725Kb / 13P
   Miniature Pushbuttons
logo
Nihon Kaiheiki Industry...
MB2011SB1W01 NKK-MB2011SB1W01 Datasheet
333Kb / 11P
   Miniature Pushbuttons
logo
GREATECS
KB15SKW01-05-GG GREATECS-KB15SKW01-05-GG Datasheet
457Kb / 11P
   Miniature Pushbuttons
logo
Nihon Kaiheiki Industry...
MB2011SS1W01-CA NKK-MB2011SS1W01-CA Datasheet
204Kb / 8P
   Miniature Pushbuttons
M2B15AA5W03-F NKK-M2B15AA5W03-F Datasheet
231Kb / 7P
   Process Sealed Miniature Pushbuttons
logo
List of Unclassifed Man...
EB2011-A-J40 ETC2-EB2011-A-J40 Datasheet
222Kb / 8P
   Light Touch Miniature Pushbuttons
M2B15AA5G30-FC ETC2-M2B15AA5G30-FC Datasheet
191Kb / 7P
   Process Sealed Miniature Pushbuttons
logo
Nihon Kaiheiki Industry...
KP0115ACAKG036CF-2SJB NKK-KP0115ACAKG036CF-2SJB Datasheet
302Kb / 10P
   Miniature Audio/Video Pushbuttons
logo
GREATECS
KP0115ACAKG03CF-1SJB GREATECS-KP0115ACAKG03CF-1SJB Datasheet
367Kb / 6P
   Miniature Audio/Video Pushbuttons
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com