Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JWS11RBAC-A Datasheet(PDF) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # JWS11RBAC-A
Description  Internationally Approved Rockers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

JWS11RBAC-A Datasheet(HTML) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

  JWS11RBAC-A Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. JWS11RBAC-A Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. JWS11RBAC-A Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. JWS11RBAC-A Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. JWS11RBAC-A Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. JWS11RBAC-A Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
02-08
Internationally Approved Rockers
Series JWS
TYPICAL SWITCH ORDERING EXAMPLE
Black Housing/No Barrier
DPST
ON-NONE-OFF Circuit
DESCRIPTION FOR TYPICAL ORDERING EXAMPLE
JWS21RAA
Black Rocker Cap
Rated 6A @ 125/250V AC
BARRIER COLOR
A
Black
SPOT ILLUMINATION
No
Code
Nonilluminated
C
Red LED
D
Amber LED
F
Green LED
1
R
JW
CIRCUIT
1
ON
NONE
OFF
BARRIER TYPES
R
No Barrier
B
With Barrier
2
IMPORTANT:
Standard markings: UL, C–UL,
& CSA on 6A models; VDE on 5A
models. Specific models & ratings
for international approvals noted
on General Specifications page.
A
RATING
S
10A @ 125/250V AC
CAP COLORS
A
Black
* B
Ivory
C
Red
* For Nonilluminated only
POLES
1
SPST
Nonilluminated &
Illuminated
2
DPST
Nonilluminated only
A
S
HOUSING COLORS
A
Black
* B
Ivory
* For Nonilluminated only


Similar Part No. - JWS11RBAC-A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
JWS11RBAC-A ETC2-JWS11RBAC-A Datasheet
537Kb / 6P
   Internationally Approved Rockers
logo
Nihon Kaiheiki Industry...
JWS11RBAC-A NKK-JWS11RBAC-A Datasheet
212Kb / 6P
   General Specifications
JWS11RBAC-A NKK-JWS11RBAC-A Datasheet
449Kb / 6P
   General Specifications
More results

Similar Description - JWS11RBAC-A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
JWS21RAA ETC2-JWS21RAA Datasheet
537Kb / 6P
   Internationally Approved Rockers
logo
Nihon Kaiheiki Industry...
P2011N-DA NKK-P2011N-DA Datasheet
195Kb / 5P
   Internationally Approved Rockers/Paddles
JWM11RA NKK-JWM11RA Datasheet
286Kb / 8P
   Internationally Approved TV Rated Rockers
P2022B NKK-P2022B Datasheet
491Kb / 4P
   Internationally Approved Toggles
JPM16B-A NKK-JPM16B-A Datasheet
182Kb / 5P
   Internationally Approved Pushbuttons
P2011 NKK-P2011 Datasheet
172Kb / 4P
   Internationally Approved Toggles
M2012TNW NKK-M2012TNW Datasheet
332Kb / 10P
   Miniature Rockers
logo
List of Unclassifed Man...
M2012TNW01-DC ETC2-M2012TNW01-DC Datasheet
282Kb / 10P
   Miniature Rockers
M2013TXG41-DC ETC2-M2013TXG41-DC Datasheet
367Kb / 12P
   Miniature Rockers
M2012TJW01-FC-1A ETC2-M2012TJW01-FC-1A Datasheet
1,001Kb / 9P
   Miniature Rockers
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com