Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KB03KW01-5D Datasheet(PDF) 1 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # KB03KW01-5D
Description  Complement to KB Pushbuttons
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

KB03KW01-5D Datasheet(HTML) 1 Page - Nihon Kaiheiki Industry Co. Ltd.

  KB03KW01-5D Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. KB03KW01-5D Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. KB03KW01-5D Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. KB03KW01-5D Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. KB03KW01-5D Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Complement to KB Pushbuttons
KB Indicators
HOUSING
K Black only
SHAPES
Bushing Mounting
01
Square
02
Round
03
Rectangular
Snap-in Mounting
04
Square
05
Round
06
Rectangular
02
K
W01
KB
12-volt Incandescent Lamp
Solid Cap with Green Lens
and Green Filter
Black Housing
Round with Bushing Mounting
Silver Solder Lug Terminals
TERMINALS
W01 Silver Solder Lug
DESCRIPTION FOR TYPICAL
ORDERING EXAMPLE
KB02KW01-12-FF
LAMPS
TYPICAL INDICATOR ORDERING EXAMPLE
Solid Cap: Lens/Filter Colors
BB
White/White
FB
Green/White
CB
Red/White
FF
Green/Green
CC
Red/Red
GB
Blue/White
EB
Yellow/White
GG
Blue/Blue
12
Incandescent Lamp used w/Solid Cap
05
5-volt
12
12-volt
FF
CAP TYPES & COLORS
Incandescent or Neon Lamp
used with Insert Cap
05
5-volt
12
12-volt
01
110-volt Neon
LED Cap: Lens/Diffuser Colors
AB
Square Spot Illuminated
Black Cap/White Window
JB
Clear/White
JC
Clear/Red
JD
Clear/Amber
JF
Clear/Green
LED Cap: Lens/Diffuser Colors
JB
Clear/White
Super Bright LED used w/Cap for LED
6B
White
6F
Green
6G
Blue
Bright LED used with Cap for LED
Colors
Resistor
No Code
No Resistor
05
5-volt
12
12-volt
24
24-volt
5C Red
5D Amber
5F Green
Insert Cap: Lens/Filter Colors
JB
Clear/White
JC
Clear/Red
JE
Clear/Yellow
JF
Clear/Green
JG
Clear/Blue
* JF & JG not suitable with neon.
*
*


Similar Part No. - KB03KW01-5D

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
KB03 BILIN-KB03 Datasheet
137Kb / 3P
   Silicon Bridge Rectifiers
logo
Lumberg
KB03 LUMBERG-KB03 Datasheet
580Kb / 3P
   Pluggable screw terminal blocks on socket boards, pitch 5.0 mm
More results

Similar Description - KB03KW01-5D

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
UB201KW035C-1JB NKK-UB201KW035C-1JB_16 Datasheet
196Kb / 3P
   Complement to UB2 Pushbuttons
YB01KW01-05-BB NKK-YB01KW01-05-BB Datasheet
224Kb / 6P
   Complement to YB Pushbuttons
HB01KW01-5C-CB NKK-HB01KW01-5C-CB Datasheet
82Kb / 2P
   Complement to HB Pushbuttons
LB01KW01-05-BJ NKK-LB01KW01-05-BJ Datasheet
198Kb / 5P
   Complement to LB Pushbuttons
UB01KW015C NKK-UB01KW015C Datasheet
112Kb / 3P
   Complement to UB Pushbuttons
UB201KW035C-1JB NKK-UB201KW035C-1JB Datasheet
147Kb / 3P
   Complement to UB2 Pushbuttons
LB01KW01 NKK-LB01KW01 Datasheet
183Kb / 5P
   Complement to LB Pushbuttons
YB01KW01 NKK-YB01KW01 Datasheet
199Kb / 6P
   Complement to YB Pushbuttons
logo
List of Unclassifed Man...
FJV1845PMTF ETC2-FJV1845PMTF Datasheet
74Kb / 5P
   Complement to FJV992
logo
Inchange Semiconductor ...
2SA1265 ISC-2SA1265 Datasheet
111Kb / 2P
   Complement to Type 2SC3182
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com