Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KB04KW01-5D Datasheet(PDF) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # KB04KW01-5D
Description  Complement to KB Pushbuttons
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

KB04KW01-5D Datasheet(HTML) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

  KB04KW01-5D Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. KB04KW01-5D Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. KB04KW01-5D Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. KB04KW01-5D Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. KB04KW01-5D Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Complement to KB Pushbuttons
KB Indicators
(-)
(+)
(+)
(-)
(+)
(-)
AT634
5-volt
2-element
with 1 Resistor
AT634
12-volt
4-element
with 2 Resistors
AT634
24-volt
4-element
with 2 Resistors
LAMP COLORS & SPECIFICATIONS
The electrical specifications shown are determined at a basic temperature of 25°C.
If the source voltage exceeds the rated voltage,a ballast resistor is required.
The ballast resistor calculation and more lamp detail are shown in the Supplement section.
Resistor Codes
Color Codes:
Forward Peak Current
I
FM
Continuous Forward Current
I
F
25mA
20mA
10mA
Forward Voltage
V
F
5V
12V
24V
Reverse Peak Voltage
V
RM
4V
8V
16V
Current Reduction Rate Above 25°C
∆I
F
Ambient Temperature Range
–25° ~ +50°C
5C
5D
5F
12
24
05
Red
Amber
Green
AT634
LEDs are colored
in OFF state.
T-114 Bi-pin
Bright LED with Resistor
Color
White
Green
Blue
Forward Peak Current
I
FM
30mA
30mA
30mA
Continuous Forward Current
I
F
20mA
20mA
20mA
Forward Voltage
V
F
3.6V
3.5V
3.6V
Reverse Peak Voltage
V
RM
5V
5V
5V
Current Reduction Rate Above 25°C
∆I
F
0.50mA/°C 0.50mA/°C 0.50mA/°C
Ambient Temperature Range
–25° ~ +50°C
6F
6G
6B
AT625G Blue
AT631B White
AT632F Green
T-1 Bi-pin
Super Bright Single Element LED
Attention
Electrostatic
Sensitive Devices
(+)
(-)
CAP TYPES & COLOR COMBINATIONS
BB
Solid Cap for Incandescent Lamp
Lens/Filter Colors Available:
CB
CC
EB
AT485
Square
FB
FF
GB
GG
Color Codes:
B White
C Red
E Yellow
F Green
G Blue
J Clear
Material: Polycarbonate
Finish: Glossy
AT486
Round
AT4021
Rectangular
(11.6) Sq
.457
(6.2)
.244
(4.5)
.177
(11.6) Dia
.457
(6.2)
.244
(4.5)
.177
(6.3)
.248
(4.5)
.177
(16.1)
.634
(11.6)
.457
Translucent Colored Lens
Translucent Colored Filter
Lamp AT611


Similar Part No. - KB04KW01-5D

ManufacturerPart #DatasheetDescription
logo
Lumberg
KB04 LUMBERG-KB04 Datasheet
580Kb / 3P
   Pluggable screw terminal blocks on socket boards, pitch 5.0 mm
More results

Similar Description - KB04KW01-5D

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
UB201KW035C-1JB NKK-UB201KW035C-1JB_16 Datasheet
196Kb / 3P
   Complement to UB2 Pushbuttons
YB01KW01-05-BB NKK-YB01KW01-05-BB Datasheet
224Kb / 6P
   Complement to YB Pushbuttons
HB01KW01-5C-CB NKK-HB01KW01-5C-CB Datasheet
82Kb / 2P
   Complement to HB Pushbuttons
LB01KW01-05-BJ NKK-LB01KW01-05-BJ Datasheet
198Kb / 5P
   Complement to LB Pushbuttons
UB01KW015C NKK-UB01KW015C Datasheet
112Kb / 3P
   Complement to UB Pushbuttons
UB201KW035C-1JB NKK-UB201KW035C-1JB Datasheet
147Kb / 3P
   Complement to UB2 Pushbuttons
LB01KW01 NKK-LB01KW01 Datasheet
183Kb / 5P
   Complement to LB Pushbuttons
YB01KW01 NKK-YB01KW01 Datasheet
199Kb / 6P
   Complement to YB Pushbuttons
logo
List of Unclassifed Man...
FJV1845PMTF ETC2-FJV1845PMTF Datasheet
74Kb / 5P
   Complement to FJV992
logo
Inchange Semiconductor ...
2SA1265 ISC-2SA1265 Datasheet
111Kb / 2P
   Complement to Type 2SC3182
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com