Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML6102X472XX Datasheet(PDF) 10 Page - Minilogic Device Corporation Limited

Part # ML6102X472XX
Description  Positive Voltage Detector (Inverted Output)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINILOGIC [Minilogic Device Corporation Limited]
Direct Link  http://www.minilogic.com.hk
Logo MINILOGIC - Minilogic Device Corporation Limited

ML6102X472XX Datasheet(HTML) 10 Page - Minilogic Device Corporation Limited

Back Button ML6102X472XX Datasheet HTML 3Page - Minilogic Device Corporation Limited ML6102X472XX Datasheet HTML 4Page - Minilogic Device Corporation Limited ML6102X472XX Datasheet HTML 5Page - Minilogic Device Corporation Limited ML6102X472XX Datasheet HTML 6Page - Minilogic Device Corporation Limited ML6102X472XX Datasheet HTML 7Page - Minilogic Device Corporation Limited ML6102X472XX Datasheet HTML 8Page - Minilogic Device Corporation Limited ML6102X472XX Datasheet HTML 9Page - Minilogic Device Corporation Limited ML6102X472XX Datasheet HTML 10Page - Minilogic Device Corporation Limited ML6102X472XX Datasheet HTML 11Page - Minilogic Device Corporation Limited  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
P10/11
Preliminary, June 2005
ML6102
SOT-89 Taping Specifications :
Direction of feed
“R” type [Orientation of Device: Right]
Standard Type
SOT-89 :
SIZE (mm)
A
∅ 178 ± 0.8
B
2 ± 0.2
C
∅ 13 ± 0.2
D
∅ 21 ± 0.8
G
12 ± 0.5
H
∅ 60
1,000 pcs / reel
4.0 ± 0.1
8.0 ± 0.1
2.0 ± 0.05
∅ 1.5
+ 0.1
0
“L” type [Orientation of Device: Left]
Reverse Type
Direction of feed


Similar Part No. - ML6102X472XX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML6102 ETC1-ML6102 Datasheet
383Kb / 11P
   ML6102 Series Positive Voltage Detector (Inverted Output)
ML6102C302MBG ETC1-ML6102C302MBG Datasheet
383Kb / 11P
   ML6102 Series Positive Voltage Detector (Inverted Output)
ML6102C302MHG ETC1-ML6102C302MHG Datasheet
383Kb / 11P
   ML6102 Series Positive Voltage Detector (Inverted Output)
ML6102C302MLG ETC1-ML6102C302MLG Datasheet
383Kb / 11P
   ML6102 Series Positive Voltage Detector (Inverted Output)
ML6102C302MRG ETC1-ML6102C302MRG Datasheet
383Kb / 11P
   ML6102 Series Positive Voltage Detector (Inverted Output)
More results

Similar Description - ML6102X472XX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML6102 ETC1-ML6102 Datasheet
383Kb / 11P
   ML6102 Series Positive Voltage Detector (Inverted Output)
logo
First Silicon Co., Ltd
FC61 FS-FC61 Datasheet
460Kb / 13P
   Positive Voltage Detector
logo
Minilogic Device Corpor...
ML61 MINILOGIC-ML61 Datasheet
892Kb / 14P
   Series Positive Voltage Detector
logo
Tyco Electronics
DT65-0009 MACOM-DT65-0009 Datasheet
216Kb / 2P
   Positive Output Plastic Detector, 840 - 2200 MHz
logo
RICOH electronics devic...
RN5VD RICOH-RN5VD Datasheet
198Kb / 28P
   VOLTAGE DETECTOR WITH OUTPUT DELAY
logo
Rohm
BD52XXG ROHM-BD52XXG Datasheet
316Kb / 6P
   Voltage Detector IC Adjustable Output Delay
logo
Microchip Technology
TC51N5002ECBTR MICROCHIP-TC51N5002ECBTR Datasheet
449Kb / 14P
   1A Voltage Detector with Output Delay
05/01/02
TC51N2702ECBTR MICROCHIP-TC51N2702ECBTR Datasheet
449Kb / 14P
   1UA Voltage Detector with Output Delay
05/01/02
logo
RICOH electronics devic...
R3112X RICOH-R3112X Datasheet
951Kb / 30P
   LOW VOLTAGE DETECTOR WITH OUTPUT DELAY
logo
Toshiba Semiconductor
TC7WT240FU TOSHIBA-TC7WT240FU Datasheet
178Kb / 4P
   INVERTED, 3-STATE OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com