Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KB15MKG01 Datasheet(PDF) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # KB15MKG01
Description  Miniature Pushbuttons
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

KB15MKG01 Datasheet(HTML) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

  KB15MKG01 Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. KB15MKG01 Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. KB15MKG01 Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. KB15MKG01 Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. KB15MKG01 Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. KB15MKG01 Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. KB15MKG01 Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. KB15MKG01 Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd. KB15MKG01 Datasheet HTML 9Page - Nihon Kaiheiki Industry Co. Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Miniature Pushbuttons
Series KB
HOUSING
K Black only
SHAPES
Bushing Mounting
S
Square
C
Round
R
Rectangular
Snap-in Mounting
K
Square
M
Round
N
Rectangular
POLES
1
SPDT
2
DPDT
2
C
K
W01
KB
CIRCUITS
5
ON
(ON)
( ) = Momentary
6
ON
ON
Alternate Action
with Latchdown
CONTACTS & TERMINALS
W01
Silver Contacts and
Solder Lug Terminals
1A @ 125/250V AC
G01
Gold Contacts and
Solder Lug Terminals
0.4VA @ 28V AC/DC
5
TYPICAL SWITCH ORDERING EXAMPLE
FF
A
Black/None
EB
Yellow/White
BB
White/White
FF
Green/Green
CC
Red/Red
GG
Blue/Blue
* Black available in square and round only.
CAP COLORS
*
Note: Insert Cap with clear lens and colored
filter available;
see Illuminated Pushbuttons section
BARRIER TYPE
No
Code No Barrier
B
With Barrier
Black Housing
Silver Contacts and
Solder Lug Terminals;
Rated 1A @ 125/250V AC
Green Cap
Round with Bushing Mounting
DPDT
ON-(ON) Circuit
IMPORTANT:
Switches are supplied without UL,
C-UL & CSA marking unless speci-
fied. Specific models & ratings noted
on General Specifications page.
DESCRIPTION FOR TYPICAL ORDERING EXAMPLE
KB25CKW01-FF


Similar Part No. - KB15MKG01

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
KB15MKG01-05-A NKK-KB15MKG01-05-A Datasheet
433Kb / 14P
   General Specifications
KB15MKG01-05-BB NKK-KB15MKG01-05-BB Datasheet
433Kb / 14P
   General Specifications
KB15MKG01-05-CB NKK-KB15MKG01-05-CB Datasheet
433Kb / 14P
   General Specifications
KB15MKG01-05-CC NKK-KB15MKG01-05-CC Datasheet
433Kb / 14P
   General Specifications
KB15MKG01-05-EB NKK-KB15MKG01-05-EB Datasheet
433Kb / 14P
   General Specifications
More results

Similar Description - KB15MKG01

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
MB2011SS1W NKK-MB2011SS1W Datasheet
238Kb / 8P
   Miniature Pushbuttons
logo
List of Unclassifed Man...
KB15CKW01-12-FF ETC2-KB15CKW01-12-FF Datasheet
725Kb / 13P
   Miniature Pushbuttons
logo
Nihon Kaiheiki Industry...
MB2011SB1W01 NKK-MB2011SB1W01 Datasheet
333Kb / 11P
   Miniature Pushbuttons
logo
GREATECS
KB15SKW01-05-GG GREATECS-KB15SKW01-05-GG Datasheet
457Kb / 11P
   Miniature Pushbuttons
logo
Nihon Kaiheiki Industry...
MB2011SS1W01-CA NKK-MB2011SS1W01-CA Datasheet
204Kb / 8P
   Miniature Pushbuttons
M2B15AA5W03-F NKK-M2B15AA5W03-F Datasheet
231Kb / 7P
   Process Sealed Miniature Pushbuttons
logo
List of Unclassifed Man...
EB2011-A-J40 ETC2-EB2011-A-J40 Datasheet
222Kb / 8P
   Light Touch Miniature Pushbuttons
M2B15AA5G30-FC ETC2-M2B15AA5G30-FC Datasheet
191Kb / 7P
   Process Sealed Miniature Pushbuttons
logo
Nihon Kaiheiki Industry...
KP0115ACAKG036CF-2SJB NKK-KP0115ACAKG036CF-2SJB Datasheet
302Kb / 10P
   Miniature Audio/Video Pushbuttons
logo
GREATECS
KP0115ACAKG03CF-1SJB GREATECS-KP0115ACAKG03CF-1SJB Datasheet
367Kb / 6P
   Miniature Audio/Video Pushbuttons
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com