Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KB26NKG01 Datasheet(PDF) 10 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # KB26NKG01
Description  Miniature Pushbuttons
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

KB26NKG01 Datasheet(HTML) 10 Page - Nihon Kaiheiki Industry Co. Ltd.

Back Button KB26NKG01 Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. KB26NKG01 Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. KB26NKG01 Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. KB26NKG01 Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. KB26NKG01 Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. KB26NKG01 Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. KB26NKG01 Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd. KB26NKG01 Datasheet HTML 9Page - Nihon Kaiheiki Industry Co. Ltd. KB26NKG01 Datasheet HTML 10Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Miniature Pushbuttons
Series KB
(6.5)
.256
(11.5)
.453
Assembled
Cap Height
(5.1)
.201
(12.3) Dia
.484
(9.0)
.354
(19.0) Sq
.748
(7.0)
.276
(1.2) R
.047
(1.6)
.063
(6.5)
.256
(11.5)
.453
Assembled
Cap Height
Indentation
Long Tab
Notch
Slot
Round Tab
Cap
OPTIONAL ACCESSORIES
AT494 Protective Guard
For Square & Round (not for Barrier type)
Cover Material: Polycarbonate
Base Material: Polyamide
AT4024 Protective Guard
For Rectangular (not for Barrier type)
ASSEMBLY INSTRUCTIONS
Panel Thickness Range: .020” ~ .268” (0.5 ~ 6.8mm) for Bushing Mounting; .020” ~ .091” (0.5 ~ 2.3mm) for Snap-in Mounting.
Protective Guards reduce the depth of switch behind panel by .047” (1.2mm).
(23.5)
.925
(9.0)
.354
(12.3) Dia
.484
(7.0)
.276
(1.2) R
.047
(19.0)
.748
Cap Removal & Installation
For alternate action models cap must be in UP position for cap
removal. Indentations on opposite sides of the cap provide an
easy way to lift the cap out of the holder, using either the finger
nails, or cap extractor AT109.
Cap Replacement
Note that the cap has a pair
of round tabs and a pair of
long tabs which should be
used for correctly replacing
the cap in its holder. Using
the long tabs as guides,
slide the cap with the long
tabs moving into the slots
on opposite sides of the cap
holder. Then, the round tabs
will snap into notches on the
other two sides of the holder.
AT109 Cap Extractor
LEGENDS
Additional Method: Maximum depth for engraving is .012” (0.3mm) on the cap lens.
Enamel paint is recommended to fill the engraved area.
Shaded areas are printable areas.
Suggested Printable Area for Lens
(10.08) Sq
.397
(11.6) Sq
.457
(0.76) Typ
.030
(10.08) Dia
.397
(11.6) Dia
.457
(0.76) Typ
.030
(14.58)
.574
(16.1)
.634
(0.76) Typ
.030
(10.08)
.397
(11.6)
.457
(0.76)Typ
.030
Easily create and submit your own legends using our new on-line Legend Maker.
Visit www.nkkswitches.com
For other legend support options, customers may either contact the factory and request the EB Legend Packet,
or utilize the general information and basic specifications presented below.
Recommended Methods:
Laser Etch on clear lens, Screen Print
or Pad Print on lens.
Epoxy based ink is recommended.


Similar Part No. - KB26NKG01

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
KB26NKG01-05-A NKK-KB26NKG01-05-A Datasheet
433Kb / 14P
   General Specifications
KB26NKG01-05-BB NKK-KB26NKG01-05-BB Datasheet
433Kb / 14P
   General Specifications
KB26NKG01-05-CB NKK-KB26NKG01-05-CB Datasheet
433Kb / 14P
   General Specifications
KB26NKG01-05-CC NKK-KB26NKG01-05-CC Datasheet
433Kb / 14P
   General Specifications
KB26NKG01-05-EB NKK-KB26NKG01-05-EB Datasheet
433Kb / 14P
   General Specifications
More results

Similar Description - KB26NKG01

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
MB2011SS1W NKK-MB2011SS1W Datasheet
238Kb / 8P
   Miniature Pushbuttons
logo
List of Unclassifed Man...
KB15CKW01-12-FF ETC2-KB15CKW01-12-FF Datasheet
725Kb / 13P
   Miniature Pushbuttons
logo
Nihon Kaiheiki Industry...
MB2011SB1W01 NKK-MB2011SB1W01 Datasheet
333Kb / 11P
   Miniature Pushbuttons
logo
GREATECS
KB15SKW01-05-GG GREATECS-KB15SKW01-05-GG Datasheet
457Kb / 11P
   Miniature Pushbuttons
logo
Nihon Kaiheiki Industry...
MB2011SS1W01-CA NKK-MB2011SS1W01-CA Datasheet
204Kb / 8P
   Miniature Pushbuttons
M2B15AA5W03-F NKK-M2B15AA5W03-F Datasheet
231Kb / 7P
   Process Sealed Miniature Pushbuttons
logo
List of Unclassifed Man...
EB2011-A-J40 ETC2-EB2011-A-J40 Datasheet
222Kb / 8P
   Light Touch Miniature Pushbuttons
M2B15AA5G30-FC ETC2-M2B15AA5G30-FC Datasheet
191Kb / 7P
   Process Sealed Miniature Pushbuttons
logo
Nihon Kaiheiki Industry...
KP0115ACAKG036CF-2SJB NKK-KP0115ACAKG036CF-2SJB Datasheet
302Kb / 10P
   Miniature Audio/Video Pushbuttons
logo
GREATECS
KP0115ACAKG03CF-1SJB GREATECS-KP0115ACAKG03CF-1SJB Datasheet
367Kb / 6P
   Miniature Audio/Video Pushbuttons
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com