Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP0115CCKW01A Datasheet(PDF) 5 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # LP0115CCKW01A
Description  Short Body Pushbuttons
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

LP0115CCKW01A Datasheet(HTML) 5 Page - Nihon Kaiheiki Industry Co. Ltd.

  LP0115CCKW01A Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. LP0115CCKW01A Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. LP0115CCKW01A Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. LP0115CCKW01A Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. LP0115CCKW01A Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. LP0115CCKW01A Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
05-08
Short Body Pushbuttons
Series LP01
TYPICAL SWITCH DIMENSIONS
Bushing Mount • Single Pole
Bushing Mount • Double Pole
LP0115CCKW01A
LP0125CCKW01F
(13.6) Dia
.535
(20.0) Dia
.787
(2.5)
.098
(7.3)
.287
(21.3)
.838
M16 P1
(1.2) x (2.0) Typ
.047 x .079
(0.5) Typ
.020
(5.5)
.217
(2.8) Typ
.110
(9.7)
.382
NC
L
–+
COM
3
2
1
(3.0)
.118
(5.55)
.219
(13.6) Dia
.535
(20.0) Dia
.787
(9.7)
.382
NC
L
–+
COM
36
5
2
14
(6.0)
.236
(11.1)
.437
(2.5)
.098
(7.3)
.287
(21.3)
.838
M16 P1
(1.2) x (2.0) Typ
.047 x .079
(0.5) Typ
.020
(5.5)
.217
(2.8) Typ
.110
W01
CONTACT MATERIALS, RATINGS, & TERMINALS
Silver
Power Level
Solder Lug/.110” (2.8mm) Quick Connect
3A @ 125V AC/250V AC; 3A @ 30V DC
Note: If used at 1A @ 125V AC/250V AC
or 1A @ 30V DC, electrical life will be
100,000 operations minimum.
CAP COLORS
The cap is an integral part of the switch and is not available separately.
A
C
F
Black
Red
Green
Material: Polycarbonate
Finish: Matte
(7.3)
.287
Epoxy Seal
(2.8)
.110
(1.2)
.047
(2.0)
.079
Thk = (0.5)
.020
(0.6) R
.024


Similar Part No. - LP0115CCKW01A

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
LP0115CCKW01A NKK-LP0115CCKW01A Datasheet
208Kb / 6P
   Short Body Pushbuttons
LP0115CCKW01A NKK-LP0115CCKW01A Datasheet
325Kb / 6P
   General Specifications
More results

Similar Description - LP0115CCKW01A

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
YB15SKW01 NKK-YB15SKW01 Datasheet
294Kb / 8P
   Short Body Pushbuttons
logo
GREATECS
YB15SKW01-12-CB GREATECS-YB15SKW01-12-CB Datasheet
342Kb / 9P
   Short Body Pushbuttons
logo
Nihon Kaiheiki Industry...
LP0115CCKW015CB NKK-LP0115CCKW015CB Datasheet
206Kb / 6P
   Short Body Pushbuttons
YB15SKW01-05-JB NKK-YB15SKW01-05-JB Datasheet
366Kb / 12P
   Short Body Pushbuttons
LP0115CCKW015CB NKK-LP0115CCKW015CB Datasheet
208Kb / 6P
   Short Body Pushbuttons
YB15CKW01-6F-JB NKK-YB15CKW01-6F-JB Datasheet
754Kb / 12P
   Short Body Pushbuttons
logo
C&K Components
1.15108.4510000 CK-COMPONENTS-1.15108.4510000 Datasheet
1Mb / 83P
   Pushbuttons
logo
List of Unclassifed Man...
HB15SKW01-6G-JB ETC2-HB15SKW01-6G-JB Datasheet
379Kb / 6P
   Subminiature Pushbuttons
logo
Nihon Kaiheiki Industry...
MB2011SS1W NKK-MB2011SS1W Datasheet
238Kb / 8P
   Miniature Pushbuttons
logo
List of Unclassifed Man...
KB15CKW01-12-FF ETC2-KB15CKW01-12-FF Datasheet
725Kb / 13P
   Miniature Pushbuttons
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com