Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP0125CMKW015DB Datasheet(PDF) 1 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # LP0125CMKW015DB
Description  Short Body Pushbuttons
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

LP0125CMKW015DB Datasheet(HTML) 1 Page - Nihon Kaiheiki Industry Co. Ltd.

  LP0125CMKW015DB Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. LP0125CMKW015DB Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. LP0125CMKW015DB Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. LP0125CMKW015DB Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. LP0125CMKW015DB Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. LP0125CMKW015DB Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Series LP01
Short Body Pushbuttons
www.nkk.com
D66
D
General Specifications
Electrical Capacity (Resistive Load)
Power Level (silver):
3A @ 125V AC or 3A @ 250V AC or 3A @ 30V DC
Other Ratings
Contact Resistance:
50 milliohms maximum
Insulation Resistance:
200 megohms minimum @ 500V DC
Dielectric Strength:
1,000V AC minimum between contacts for 1 minute minimum
1,500V AC minimum between contacts and case for 1 minute minimum
Mechanical Life:
500,000 operations minimum
Electrical Life:
50,000 operations minimum for 3A @ 125V/250V AC & 3A @ 30V DC
100,000 operations minimum for 1A @ 125V/250V AC & 1A @ 30V DC
Nominal Operating Force:
1.5N for Single Pole; 3.0N for Double Pole
Contact Timing:
Nonshorting (break-before-make)
Travel:
Total Travel .118” (3.0mm)
Materials & Finishes
Actuator:
Polycarbonate
Housing:
Bushing mount: Glass fiber reinforced polyamide (UL94V-0);
Snap in mount: Polyphenylene ether (UL94V-0)
Base:
Diallyl phthalate (UL94V-0)
Movable Contact:
Phosphor bronze & silver with silver plating
Stationary Contacts:
Common terminal: Phosphor bronze with silver plating;
Contact terminals: Phosphor bronze with tin & copper plating
Lamp Terminals:
Phospher bronze with tin and copper plating
Environmental Data
Operating Temperature Range:
–10°C through +50°C (+14°F through +122°F) for Illuminated
–25°C through +70°C (+13°F through +158°F) for Nonilluminated
Humidity:
90 ~ 95% humidity for 240 hours @ 40°C (104°F)
Vibration:
10 ~ 55Hz with peak-to-peak amplitude of 1.5mm traversing the frequency range & returning
in 1 minute; 3 right angled directions for 2 hours
Shock:
50G (490m/s2) acceleration (tested in 6 right angled directions, with 5 shocks in each direction)
Installation
Mounting Torque:
0.8Nm (7.08 lbin)
Soldering Time & Temperature:
Manual Soldering: See Profile A in Supplement section.
Cleaning:
Hand clean locally with alcohol based solution
Standards & Certifications
Flammability Standards:
UL94V-0 housing & base
UL:
File No. E44145
All single & double pole models recognized at 3A @ 125V/250V AC or 3A @ 30V DC.
Add “/U” to end of part number to order UL mark on switch.
Add “/CUL” to end of part number to order cULus mark on switch.


Similar Part No. - LP0125CMKW015DB

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
LP0125CMKW015DB NKK-LP0125CMKW015DB Datasheet
208Kb / 6P
   Short Body Pushbuttons
LP0125CMKW015DB NKK-LP0125CMKW015DB Datasheet
325Kb / 6P
   General Specifications
More results

Similar Description - LP0125CMKW015DB

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
YB15SKW01 NKK-YB15SKW01 Datasheet
294Kb / 8P
   Short Body Pushbuttons
logo
GREATECS
YB15SKW01-12-CB GREATECS-YB15SKW01-12-CB Datasheet
342Kb / 9P
   Short Body Pushbuttons
logo
Nihon Kaiheiki Industry...
LP0115CCKW01A NKK-LP0115CCKW01A Datasheet
197Kb / 6P
   Short Body Pushbuttons
YB15SKW01-05-JB NKK-YB15SKW01-05-JB Datasheet
366Kb / 12P
   Short Body Pushbuttons
LP0115CCKW015CB NKK-LP0115CCKW015CB Datasheet
208Kb / 6P
   Short Body Pushbuttons
YB15CKW01-6F-JB NKK-YB15CKW01-6F-JB Datasheet
754Kb / 12P
   Short Body Pushbuttons
logo
C&K Components
1.15108.4510000 CK-COMPONENTS-1.15108.4510000 Datasheet
1Mb / 83P
   Pushbuttons
logo
List of Unclassifed Man...
HB15SKW01-6G-JB ETC2-HB15SKW01-6G-JB Datasheet
379Kb / 6P
   Subminiature Pushbuttons
logo
Nihon Kaiheiki Industry...
MB2011SS1W NKK-MB2011SS1W Datasheet
238Kb / 8P
   Miniature Pushbuttons
logo
List of Unclassifed Man...
KB15CKW01-12-FF ETC2-KB15CKW01-12-FF Datasheet
725Kb / 13P
   Miniature Pushbuttons
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com