Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JF15RP1GF Datasheet(PDF) 1 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # JF15RP1GF
Description  Ultra-Thin Process Sealed Tactiles
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

JF15RP1GF Datasheet(HTML) 1 Page - Nihon Kaiheiki Industry Co. Ltd.

  JF15RP1GF Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. JF15RP1GF Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. JF15RP1GF Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. JF15RP1GF Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. JF15RP1GF Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. JF15RP1GF Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Ultra-Thin Process Sealed Tactiles
Series JF
Distinctive Characteristics
Extremely low profile of .224” (5.7mm) from PCB to top of switch.
Red, green, or yellow LED with spot or full face illumination.
Rubber seal construction prevents contact contamination
and allows automated soldering and cleaning.
Minimal operating force and short stroke
permit light touch operation.
Dome contact gives crisp tactile and
audible feedback to positively indicate
circuit transfer and assures high reliability
and long life.
Space saving body dimensions provide for compact,
side-by-side mounting on a standard grid.
Crimped terminals ensure secure mounting and prevent
dislodging during wave soldering.
Terminal spacing conforms to standard .100” (2.54mm) PCB grid.
Matching indicator available and shown at the end of Section M.
Actual Size
Common Bus Matrix
These single pole, single throw switches can be used in a keyboard
matrix and, using strapped terminals, achieve a common bus electri-
cal configuration on a single-sided PC board.
X-Y Matrix
These single pole, single throw switches can be arranged
on a single-sided PC board matrix with strapped termi-
nals to achieve an X-Y type electrical interconnection.
1
2
3
6
5
4
7
8
9
B
0
A
9
13
10
6
11
8
12
7
2
1
3
4
5
1
2
3
6
5
4
7
8
9
B
0
A
1
2
6
7
3
4
5
1
2
3
4
5
6
7
8
9
0
A
B
1 2 3 4 5 6 7
= ON
PC Terminations
1
2
3
4
5
6
7
8
9
0
A
B
1 2 3 4 5 6 7 8 9 10 11 12 13
= ON
P C Te r m i n a t i o n s
Blue = PCB Trace Black = Switch Circuit


Similar Part No. - JF15RP1GF

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
JF15RP1GF NKK-JF15RP1GF Datasheet
243Kb / 6P
   Illuminated Ultra-Thin Process Sealed Tactiles
More results

Similar Description - JF15RP1GF

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
JF15CP1C NKK-JF15CP1C Datasheet
191Kb / 6P
   Ultra-Thin Process Sealed Tactiles
JF15RP1CC NKK-JF15RP1CC_10 Datasheet
243Kb / 6P
   Illuminated Ultra-Thin Process Sealed Tactiles
CB15FP-S NKK-CB15FP-S Datasheet
136Kb / 4P
   6mm Process Sealed Tactiles
JB15LPC-B NKK-JB15LPC-B Datasheet
214Kb / 6P
   Low Profile Process Sealed Tactiles
SPJB15 NKK-SPJB15 Datasheet
250Kb / 7P
   Low Profile Process Sealed Tactiles
CB315FP-R NKK-CB315FP-R Datasheet
159Kb / 4P
   6mm Process Sealed SMT Tactiles
JB15FP NKK-JB15FP Datasheet
560Kb / 8P
   Low Profile Process Sealed Tactiles
JL15SKSBCP2 NKK-JL15SKSBCP2 Datasheet
134Kb / 4P
   Illuminated Ultra-Thin Tactiles
logo
List of Unclassifed Man...
JB15HLPE ETC2-JB15HLPE Datasheet
418Kb / 7P
   Illuminated Low Profile Process Sealed Tactiles
logo
Nihon Kaiheiki Industry...
JB15LPC-B NKK-JB15LPC-B_10 Datasheet
178Kb / 6P
   Illuminated Low Profile Process Sealed Tactiles
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com