Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRK112-A Datasheet(PDF) 1 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # MRK112-A
Description  Half-Inch Diameter Process Sealed Rotaries
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

MRK112-A Datasheet(HTML) 1 Page - Nihon Kaiheiki Industry Co. Ltd.

  MRK112-A Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. MRK112-A Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. MRK112-A Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. MRK112-A Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. MRK112-A Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. MRK112-A Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
05-08
Half-Inch Diameter Process Sealed Rotaries
Series MR
Distinctive Characteristics
Actual Size
Low profile body of MRF model accommodates space limitations
required for PCB mounting. For the MRA and MRK bushing
mount models, the range of behind panel body depths is .323”
to .669” (8.2mm to 17.0mm).
Positive detent mechanism for distinct feel and audible feedback.
Metal bushing and housing construction increases durability.
Adjustable stopper plate allows 2–12 position settings.
High contact reliability achieved by the self-cleaning
contact mechanism.
Break-before-make contact timing with sliding contacts in
MRA and rotary contactor disk in MRF and MRK models.
Interior housing seal and molded-in PC terminals, plus shaft
rubber o-ring on MRF and MRK and polyamide cover on MRF
model, allow cleaning after automated soldering.
Exterior rubber washer and double flatted bushing on MRA and MRK
give protection in splashproof applications.


Similar Part No. - MRK112-A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MRK112 ETC2-MRK112 Datasheet
262Kb / 6P
   Half-Inch Diameter Process Sealed Rotaries
More results

Similar Description - MRK112-A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MRA112 ETC2-MRA112 Datasheet
262Kb / 6P
   Half-Inch Diameter Process Sealed Rotaries
logo
Nihon Kaiheiki Industry...
MRB12B-A NKK-MRB12B-A Datasheet
255Kb / 5P
   Miniature PCB Process Sealed Rotaries
NDFR10P NKK-NDFR10P Datasheet
121Kb / 4P
   8mm Process Sealed DIP Rotaries
ND3FR10P NKK-ND3FR10P Datasheet
359Kb / 7P
   8mm Process Sealed SMT DIP Rotaries
SK12AG13 NKK-SK12AG13 Datasheet
262Kb / 6P
   Process Sealed Keylocks
logo
List of Unclassifed Man...
A22JB ETC2-A22JB Datasheet
213Kb / 7P
   Process Sealed Subminiature Toggles
A12EH ETC2-A12EH Datasheet
980Kb / 8P
   Process Sealed Subminiature Toggles
A2SHV ETC2-A2SHV Datasheet
213Kb / 7P
   Process Sealed Subminiature Toggles
logo
Nihon Kaiheiki Industry...
CB15FP-S NKK-CB15FP-S Datasheet
136Kb / 4P
   6mm Process Sealed Tactiles
M2B15AA5W03-F NKK-M2B15AA5W03-F Datasheet
231Kb / 7P
   Process Sealed Miniature Pushbuttons
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com