Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB2011SB1G01 Datasheet(PDF) 10 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # MB2011SB1G01
Description  Miniature Pushbuttons
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

MB2011SB1G01 Datasheet(HTML) 10 Page - Nihon Kaiheiki Industry Co. Ltd.

Back Button MB2011SB1G01 Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. MB2011SB1G01 Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. MB2011SB1G01 Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. MB2011SB1G01 Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. MB2011SB1G01 Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. MB2011SB1G01 Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd. MB2011SB1G01 Datasheet HTML 9Page - Nihon Kaiheiki Industry Co. Ltd. MB2011SB1G01 Datasheet HTML 10Page - Nihon Kaiheiki Industry Co. Ltd. MB2011SB1G01 Datasheet HTML 11Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Large Bushing Miniature Pushbuttons
Series MB2000
CUSTOM ASSEMBLY WITH ROUND SHROUD
MB2011SB1W01-4C-A
Effective Panel Thickness:
.217” (5.5mm) maximum
CUSTOM ASSEMBLY WITH RECTANGULAR SHROUD
Effective Panel Thickness:
.217” (5.5mm) maximum
(12.5) Dia
.492
(11.5)
.453
(1.5)
.060
(12.5) Dia
.492
(11.5)
.453
(1.5)
.060
COM
6
3
2
5
4
1
(13.0)
.512
(2.0) Typ
.079
(12.7)
.500
(4.8)
.189
COM
6
3
2
5
4
1
(13.0)
.512
(2.0) Typ
.079
(12.7)
.500
(4.8)
.189
(18.4) Dia
.724
(22.0) Dia
.866
(24.0) Dia
.945
3
2
1
(13.0)
.512
COM
(7.9)
.311
(2.0)
.079
(17.7) Dia
.697
(2.0)
.079
(14.0)
.551
(27.5)
1.083
(13.0)
.512
(0.5)
.020
(4.5)
.177
(4.7) Typ
.185
(0.8) Typ
.031
(1.1) x (2.0) Typ
.043 x .079
M12P1
Keyway
(16.1)
.634
(20.6)
.811
(21.0)
.827
(20.1)
.791
(24.6)
.969
COM
3
2
1
(13.0)
.512
(7.9)
.311
(2.0)
.079
(26.2)
1.031
(19.4)
.764
(2.0)
.079
(14.0)
.551
(27.5)
1.083
(13.0)
.512
(0.5)
.020
(4.5)
.177
(4.7) Typ
.185
(0.8) Typ
.031
(1.1) x (2.0) Typ
.043 x .079
M12P1
Keyway
Single Pole
Double Pole
MB2011SB1W01-5C-A
Single Pole
Double Pole


Similar Part No. - MB2011SB1G01

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
MB2011SD1A NKK-MB2011SD1A Datasheet
238Kb / 8P
   Miniature Pushbuttons
MB2011SD1G NKK-MB2011SD1G Datasheet
238Kb / 8P
   Miniature Pushbuttons
MB2011SD1W NKK-MB2011SD1W Datasheet
238Kb / 8P
   Miniature Pushbuttons
MB2011SD3A NKK-MB2011SD3A Datasheet
238Kb / 8P
   Miniature Pushbuttons
MB2011SD3G NKK-MB2011SD3G Datasheet
238Kb / 8P
   Miniature Pushbuttons
More results

Similar Description - MB2011SB1G01

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
MB2011SS1W NKK-MB2011SS1W Datasheet
238Kb / 8P
   Miniature Pushbuttons
logo
List of Unclassifed Man...
KB15CKW01-12-FF ETC2-KB15CKW01-12-FF Datasheet
725Kb / 13P
   Miniature Pushbuttons
logo
Nihon Kaiheiki Industry...
KB15SKW01 NKK-KB15SKW01 Datasheet
400Kb / 10P
   Miniature Pushbuttons
logo
GREATECS
KB15SKW01-05-GG GREATECS-KB15SKW01-05-GG Datasheet
457Kb / 11P
   Miniature Pushbuttons
logo
Nihon Kaiheiki Industry...
MB2011SS1W01-CA NKK-MB2011SS1W01-CA Datasheet
204Kb / 8P
   Miniature Pushbuttons
M2B15AA5W03-F NKK-M2B15AA5W03-F Datasheet
231Kb / 7P
   Process Sealed Miniature Pushbuttons
logo
List of Unclassifed Man...
EB2011-A-J40 ETC2-EB2011-A-J40 Datasheet
222Kb / 8P
   Light Touch Miniature Pushbuttons
M2B15AA5G30-FC ETC2-M2B15AA5G30-FC Datasheet
191Kb / 7P
   Process Sealed Miniature Pushbuttons
logo
Nihon Kaiheiki Industry...
KP0115ACAKG036CF-2SJB NKK-KP0115ACAKG036CF-2SJB Datasheet
302Kb / 10P
   Miniature Audio/Video Pushbuttons
logo
GREATECS
KP0115ACAKG03CF-1SJB GREATECS-KP0115ACAKG03CF-1SJB Datasheet
367Kb / 6P
   Miniature Audio/Video Pushbuttons
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com