Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KP0215ACBKG03CF-1FJB Datasheet(PDF) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # KP0215ACBKG03CF-1FJB
Description  Miniature Audio/Video Pushbuttons
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

KP0215ACBKG03CF-1FJB Datasheet(HTML) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

  KP0215ACBKG03CF-1FJB Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. KP0215ACBKG03CF-1FJB Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. KP0215ACBKG03CF-1FJB Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. KP0215ACBKG03CF-1FJB Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. KP0215ACBKG03CF-1FJB Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. KP0215ACBKG03CF-1FJB Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. KP0215ACBKG03CF-1FJB Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. KP0215ACBKG03CF-1FJB Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd. KP0215ACBKG03CF-1FJB Datasheet HTML 9Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Miniature Audio/Video Pushbuttons
Series KP
TYPICAL SWITCH ORDERING EXAMPLE
CF
N
POLE & CIRCUIT
15A SPST OFF
(ON)
( ) = Momentary
Normally Open Contacts
CONTACTS & TERMINALS
G03
Gold Contacts and
Straight PC Terminals;
100mA @ 12V DC
15A
B
G03
JB
K
HOUSING
K
Black only
PLUNGERS
A
9.2mm Plunger
for 12.0mm Cap
B
11.6mm Plunger for
15.0mm & 17.4mm
Caps
CAP COLORS
JB
Clear Lens
& White
Diffuser
S
2
CAP TYPES
F
Flat
S
Sculptured
T
Home Key
KP 01
ACTUATION
TRAVEL & FORCE
01
Stroke: 4.5mm (.177”)
Actuation Force: 1.9N
02
Stroke: 3.5mm (.138”)
Actuation Force: 1.6N
11.6mm Plunger and
15.0mm Sculptured Cap
Clear Lens and White Diffuser
SPST
OFF-Momentary ON Circuit
Normally Open Contacts
DESCRIPTION FOR TYPICAL ORDERING EXAMPLE
KP0115ANBKG03CF-2SJB
Red/Green Bicolor LED
Black Housing
Gold Contacts with 100mA Rating
Straight PC Terminals
Nontactile Actuation
LEDS
CF
Red/Green Bicolor
RGB Red/Green/Blue
(Custom)
* See Note
CAP SIZES
1
12.0mm Square
2
15.0mm Square
3
17.4mm Square
See Note
**
Notes
* Custom RGB LED Page L42
** Custom Rectangular Cap Page L43
01
C
Tactile
N
Nontactile
02
C
Tactile
N
Nontactile
S
Tactile/Audible


Similar Part No. - KP0215ACBKG03CF-1FJB

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
KP0215ACBKG03 NKK-KP0215ACBKG03 Datasheet
1Mb / 8P
   General Specifications
KP0215ACBKG03 NKK-KP0215ACBKG03 Datasheet
363Kb / 12P
   General Specifications
KP0215ACBKG036CF-1FJB NKK-KP0215ACBKG036CF-1FJB Datasheet
302Kb / 10P
   Miniature Audio/Video Pushbuttons
KP0215ACBKG036CF-1SJB NKK-KP0215ACBKG036CF-1SJB Datasheet
302Kb / 10P
   Miniature Audio/Video Pushbuttons
KP0215ACBKG036CF-1TJB NKK-KP0215ACBKG036CF-1TJB Datasheet
302Kb / 10P
   Miniature Audio/Video Pushbuttons
More results

Similar Description - KP0215ACBKG03CF-1FJB

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
KP0115ACAKG036CF-2SJB NKK-KP0115ACAKG036CF-2SJB Datasheet
302Kb / 10P
   Miniature Audio/Video Pushbuttons
logo
GREATECS
KP0115ACAKG03CF-1SJB GREATECS-KP0115ACAKG03CF-1SJB Datasheet
367Kb / 6P
   Miniature Audio/Video Pushbuttons
logo
Nihon Kaiheiki Industry...
HB215SKG03CE-JB NKK-HB215SKG03CE-JB_10 Datasheet
136Kb / 4P
   Subminiature Audio/Video Pushbuttons
logo
List of Unclassifed Man...
HB215SKG03CF-JB ETC2-HB215SKG03CF-JB Datasheet
276Kb / 4P
   Subminiature Audio/Video Pushbuttons
logo
Nihon Kaiheiki Industry...
MB2011SS1W NKK-MB2011SS1W Datasheet
238Kb / 8P
   Miniature Pushbuttons
logo
List of Unclassifed Man...
KB15CKW01-12-FF ETC2-KB15CKW01-12-FF Datasheet
725Kb / 13P
   Miniature Pushbuttons
logo
Nihon Kaiheiki Industry...
MB2011SB1W01 NKK-MB2011SB1W01 Datasheet
333Kb / 11P
   Miniature Pushbuttons
KB15SKW01 NKK-KB15SKW01 Datasheet
400Kb / 10P
   Miniature Pushbuttons
logo
GREATECS
KB15SKW01-05-GG GREATECS-KB15SKW01-05-GG Datasheet
457Kb / 11P
   Miniature Pushbuttons
logo
Nihon Kaiheiki Industry...
MB2011SS1W01-CA NKK-MB2011SS1W01-CA Datasheet
204Kb / 8P
   Miniature Pushbuttons
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com