Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KB15KKG01B Datasheet(PDF) 2 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # KB15KKG01B
Description  Miniature Pushbuttons
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

KB15KKG01B Datasheet(HTML) 2 Page - Nihon Kaiheiki Industry Co. Ltd.

  KB15KKG01B Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. KB15KKG01B Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. KB15KKG01B Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. KB15KKG01B Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. KB15KKG01B Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. KB15KKG01B Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. KB15KKG01B Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. KB15KKG01B Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd. KB15KKG01B Datasheet HTML 9Page - Nihon Kaiheiki Industry Co. Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Miniature Pushbuttons
Series KB
General Specifications
Electrical Capacity (Resistive Load)
Power Level (code W):
1A @ 125/250V AC or 1A @ 30V DC
Logic Level (code G):
0.4VA maximum @ 28V AC/DC maximum
(Applicable Range 0.1mA ~ 0.1A @ 20mV ~ 28V)
Note: Find additional explanation of operating range in Supplement section.
Other Ratings
Contact Resistance:
50 milliohms maximum
Insulation Resistance:
1,000 megohms minimum @ 500V DC
Dielectric Strength:
1,000V AC minimum between contacts & 1,500 minimum between contacts & case (silver)
for 1 minute minimum;
750V AC minimum between contacts & 1,500 minimum between contacts & case (gold)
for 1 minute minimum;
Mechanical Life:
100,000 operations minimum
Electrical Life:
50,000 operations minimum for silver; 100,000 operations minimum for gold
Nominal Operating Force:
Single pole 0.98 ~ 2.45N for maintained & 0.98 ~ 1.96N for momentary;
Double pole 1.47 ~ 3.43N for maintained & 1.47 ~ 2.94N for momentary
Contact Timing:
Nonshorting (break-before-make)
Travel:
Pretravel .087” (2.2mm); Overtravel .031” (0.80mm); Total Travel .118” (3.0mm)
Materials & Finishes
Housing:
Polyamide (UL94V-0)
Movable Contactor:
Silver for power circuit; copper with gold plating for logic level circuit
Stationary Contacts:
Silver for power circuit; copper with gold plating for logic level circuit
Housing Base:
Polyamide (UL94V-0)
Terminal Base:
Polyester
Common Terminal:
Phosphor bronze with silver flash plating for power circuit;
Phosphor bronze with gold flash plating for logic level circuit
End Terminals:
Brass with silver flash plating for power circuit;
Brass with gold flash plating for logic level circuit
Environmental Data
Operating Temp Range:
–25°C through +70°C (–13°F through +158°F)
Humidity:
90 ~ 95% humidity for 96 hours @ 40°C (104°F)
Vibration:
10 ~ 55Hz with peak-to-peak amplitude of 1.5mm traversing the frequency range & returning in
1 minute; 3 right angled directions for 2 hours
Shock:
50G (490m/s2) acceleration (tested in 6 right angled directions, with 3 shocks in each direction)
Installation
Mounting Torque:
0.78Nm (6.9 lbin) maximum
Cap Installation Force:
4.51N (1.0 lbf) maximum downward force on cap
Soldering Time & Temperature:
Manual Soldering: See Profile A in Supplement section.
Standards & Certifications
Flammability Standards:
UL94V-0 housing & housing base
UL & C-UL Recognized:
Single & double pole models recognized at 1A @ 125/250V AC, 1A @ 30V DC, & 0.4A @ 28V DC;
UL File No. WOYR2.E44145; add “/U” to end of part number to order UL mark on switch;
C-UL File No. WOYR8.E44145; add “/C-UL” to end of part number to order C-UL mark on switch
CSA Certified:
Single & double pole models recognized at 1A @ 125/250V AC, 1A @ 30V DC,
& 0.4VA @ 28V maximum; CSA File No. 023535-0-000;
add “/C” to end of part number to order CSA mark on switch.
R


Similar Part No. - KB15KKG01B

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
KB15KKG01B-05-A NKK-KB15KKG01B-05-A Datasheet
433Kb / 14P
   General Specifications
KB15KKG01B-05-BB NKK-KB15KKG01B-05-BB Datasheet
433Kb / 14P
   General Specifications
KB15KKG01B-05-CB NKK-KB15KKG01B-05-CB Datasheet
433Kb / 14P
   General Specifications
KB15KKG01B-05-CC NKK-KB15KKG01B-05-CC Datasheet
433Kb / 14P
   General Specifications
KB15KKG01B-05-EB NKK-KB15KKG01B-05-EB Datasheet
433Kb / 14P
   General Specifications
More results

Similar Description - KB15KKG01B

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
MB2011SS1W NKK-MB2011SS1W Datasheet
238Kb / 8P
   Miniature Pushbuttons
logo
List of Unclassifed Man...
KB15CKW01-12-FF ETC2-KB15CKW01-12-FF Datasheet
725Kb / 13P
   Miniature Pushbuttons
logo
Nihon Kaiheiki Industry...
MB2011SB1W01 NKK-MB2011SB1W01 Datasheet
333Kb / 11P
   Miniature Pushbuttons
logo
GREATECS
KB15SKW01-05-GG GREATECS-KB15SKW01-05-GG Datasheet
457Kb / 11P
   Miniature Pushbuttons
logo
Nihon Kaiheiki Industry...
MB2011SS1W01-CA NKK-MB2011SS1W01-CA Datasheet
204Kb / 8P
   Miniature Pushbuttons
M2B15AA5W03-F NKK-M2B15AA5W03-F Datasheet
231Kb / 7P
   Process Sealed Miniature Pushbuttons
logo
List of Unclassifed Man...
EB2011-A-J40 ETC2-EB2011-A-J40 Datasheet
222Kb / 8P
   Light Touch Miniature Pushbuttons
M2B15AA5G30-FC ETC2-M2B15AA5G30-FC Datasheet
191Kb / 7P
   Process Sealed Miniature Pushbuttons
logo
Nihon Kaiheiki Industry...
KP0115ACAKG036CF-2SJB NKK-KP0115ACAKG036CF-2SJB Datasheet
302Kb / 10P
   Miniature Audio/Video Pushbuttons
logo
GREATECS
KP0115ACAKG03CF-1SJB GREATECS-KP0115ACAKG03CF-1SJB Datasheet
367Kb / 6P
   Miniature Audio/Video Pushbuttons
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com