Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRX108-AA Datasheet(PDF) 2 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # MRX108-AA
Description  Miniature Power Level Rotaries
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

MRX108-AA Datasheet(HTML) 2 Page - Nihon Kaiheiki Industry Co. Ltd.

  MRX108-AA Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. MRX108-AA Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. MRX108-AA Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. MRX108-AA Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. MRX108-AA Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Miniature Power Level Rotaries
Series MR
General Specifications
Electrical Capacity (Resistive Load)
For MRX:
2A @ 125V AC or 1A @ 30V DC
For MRY:
For MRY106G: 0.4VA maximum @ 28V AC/DC maximum
(Applicable Range 0.1mA ~ 0.1A @ 20mV ~ 28V)
Note: See Supplement Index to find explanation of operating range.
For all other MRY models: 3A @ 125V AC or 2A @ 30V DC
For MRT:
For MRT22: 10A @ 125V AC or 4A @ 30V DC
For MRT23: 5A @ 125V AC or 3A @ 30V DC
Other Ratings
Contact Resistance:
10 milliohms maximum for MRX, MRY, & MRT; 20 milliohms maximum for MRY106G
Insulation Resistance:
100 megohms minimum @ 500V DC for MRX & MRY
200 megohms minimum @ 500V DC for MRT
Dielectric Strength:
1,000V AC minimum for 1 minute minimum
Mechanical Life:
15,000 operations minimum
Electrical Life:
7,500 operations minimum
Range of Operating Torque:
0.03 ~ 0.15Nm for MRX; 0.02 ~ 0.10Nm for MRY; 0.02 ~ 0.05Nm for MRT
Contact Timing:
Nonshorting (break-before-make)
MRX: Self-cleaning, sliding contact; MRY: Rotary contactor dish; MRT: Butt contacts
Indexing:
45° for MRX; 60° for MRY; 120° for MRT22; 60° for MRT23
Materials & Finishes
Shaft:
Brass with nickel plating
Stopper Plate:
Steel with zinc plating for MRX & MRY
Bushing/Housing:
Brass with nickel plating
Movable Contacts:
Silver alloy for MRX & MRT; copper with silver plating for MRY106;
copper with gold plating for MRY106G
End Contacts & Terminals:
Silver alloy & copper with silver plating for MRX & MRT; silver alloy plus brass with silver plating
for MRY106; silver alloy with gold plating for MRY106G
Common Contacts & Terminals:
Copper with silver plating for MRX, MRY106 & MRT22; brass with gold plating for MRY106G;
brass with silver plating for MRT23
Base:
Phenolic resin
Environmental Data
Operating Temperature Range:
–10°C through +70°C (+14°F through +158°F)
Humidity:
90 ~ 95% humidity for 96 hours @ 40°C (104°F)
Vibration:
10 ~ 55Hz with peak-to-peak amplitude of 1.5mm traversing the frequency range & returning in
1 minute; 3 right angled directions for 2 hours
Shock:
50G (490m/s2) acceleration (tested in 3 right angled directions, with 3 shocks in each direction)
Installation
Mounting Torque:
.686Nm (6.08 lbin)
Cap Installation Force:
19.6 ~ 29.4N (4.41 ~ 6.61 lbf)
Soldering Time & Temperature:
Manual Soldering: See Profile A in Supplement section.
Standards & Certifications
UL & C-UL
MRT22 models recognized at 10A @ 125V AC; MRT23 models recognized at 5A @ 125V AC
Recognized:
UL File No. WOYR2.E44145
Add “/U” to end of part number to order UL mark on switch
C-UL File No. WOYR8.E44145
Add “/C-UL” to end of part number to order C-UL mark on switch
R


Similar Part No. - MRX108-AA

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
MRX108-AA NKK-MRX108-AA Datasheet
730Kb / 6P
   Miniature Power Level Rotaries
More results

Similar Description - MRX108-AA

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
MRX108-AA NKK-MRX108-AA Datasheet
730Kb / 6P
   Miniature Power Level Rotaries
MRB12B-A NKK-MRB12B-A Datasheet
255Kb / 5P
   Miniature PCB Process Sealed Rotaries
logo
List of Unclassifed Man...
FR01FC16P ETC2-FR01FC16P Datasheet
425Kb / 9P
   10mm DIP Rotaries
logo
Nihon Kaiheiki Industry...
FR01FR10PB-S NKK-FR01FR10PB-S Datasheet
267Kb / 7P
   10mm DIP Rotaries
logo
PIC GmbH
PLS-031A-3 PIC-PLS-031A-3 Datasheet
32Kb / 2P
   Miniature Level Sensor
PLS-031B-3 PIC-PLS-031B-3 Datasheet
32Kb / 2P
   Miniature Level Sensor
logo
Nihon Kaiheiki Industry...
MRA112-A NKK-MRA112-A Datasheet
390Kb / 6P
   Half-Inch Diameter Process Sealed Rotaries
NDFR10P NKK-NDFR10P Datasheet
121Kb / 4P
   8mm Process Sealed DIP Rotaries
logo
P-tec Corporation
PL102-1Y1G0113 P-TEC-PL102-1Y1G0113_14 Datasheet
31Kb / 1P
   Miniature Bi-Level LED Holder
PL102-1Y1G0113 P-TEC-PL102-1Y1G0113 Datasheet
31Kb / 1P
   Miniature Bi-Level LED Holder
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com