Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MS13LNW01E Datasheet(PDF) 4 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # MS13LNW01E
Description  Miniature Slides
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

MS13LNW01E Datasheet(HTML) 4 Page - Nihon Kaiheiki Industry Co. Ltd.

  MS13LNW01E Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. MS13LNW01E Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. MS13LNW01E Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. MS13LNW01E Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
07-07
Miniature Slides
Series MS
MOUNTING TYPES & TERMINALS
2-screw Flange
(Combines with Solder
Lug Terminal 01 only)
F
Straight PC Mount
(Combines with
Straight PC Terminal
03 only)
N
Straight PC
03
Solder Lug
01
TYPICAL SWITCH DIMENSIONS
Solder Lug Terminals
MS12LNW03C
Actuator in LEFT Position
Maximum Panel Thickness
.197” (5.0mm)
Straight PC Terminals
MS12LFW01C
Actuator in LEFT Position
Maximum Panel Thickness
.197” (5.0mm)
(6.1)
.240
(19.6)
.772
(17.53)
.690
(1.2) R Typ
.047
(8.2)
.323
(2.0)
.079
(5.0)
.197
(3.8)
.150
(0.8) Typ
.031
(4.7) Typ
.185
(4.5)
.177
(5.1)
.201
(7.6)
.299
(6.35)
.250
(0.4)
.016
(1.1) x (2.0) Typ
.043 x .079
Circuit Mark
This Side
(8.2)
.323
(2.0)
.079
(5.0)
.197
(6.8)
.268
(9.0)
.354
Epoxy Seal
(6.35)
.250
(4.8)
.189
(4.8)
.189
Thk = (0.8) Typ
.031
(1.17) Typ
.046
Epoxy Seal
(6.35)
.250
(4.8)
.189
(4.8)
.189
(1.17)
.046
(4.0)
.157
(2.0)
.079
(1.1)
.043
(2.0)
.079
Thk = (0.8) Typ
.031
(1.8) Dia Typ
.073
2
1
3
(4.7) Typ
.185
4
6
(4.8)
.189
(9.0)
.354
(17.53)
.690
(6.8)
.268
(2.4)
.094 Dia Typ
(3.8)
.150
(0.8) Typ
.031
(4.7) Typ
.185
(4.8)
.189
(5.1)
.201
(7.6)
.299
(6.35)
.250
Circuit Mark
This Side
6
4
1
2
3
(1.17) Typ
.046
(12.7)
.500
(4.8)
.189
(0.5)
.020
(11.9)
.469
(2.0) Typ
.079
6
4
1
2
3
(1.17) Typ
.046
(12.7)
.500
(4.8)
.189
(0.5)
.020
(11.9)
.469
LEDs are supplied as an integral part
of the switch (not available separate-
ly). The lamp circuit is independent of
switch operation. Electrical specifica-
tions shown are determined at a basic
temperature of 25°C.
If the source voltage exceeds the rated
voltage, a ballast resistor is required.
The resistor value can be calculated
by using the formula given in the
Supplement.
Color
Red
Yellow
Green
Forward Peak Current
I
FM
30mA
30mA
25mA
Continuous Forward Current
I
F
16mA
16mA
16mA
Forward Voltage
V
F
1.98V
2.06V
2.16V
Reverse Peak Voltage
V
RM
5V
5V
5V
Current Reduction Rate Above 25°C
∆I
F
0.40mA/°C 0.42mA/°C 0.33mA/°C
Ambient Temperature Range
–15° ~ +60°C
C
(+)
(-)
E
F
LED COLORS & SPECIFICATIONS


Similar Part No. - MS13LNW01E

ManufacturerPart #DatasheetDescription
logo
Kwang Myoung I.S. CO.,L...
MS13 KISEMICONDUCTOR-MS13 Datasheet
5Mb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER BRIDGE RECTIFIER
logo
EMP-Centauri s.r.o.
MS1310ECP-4 EMP-CENTAURI-MS1310ECP-4 Datasheet
529Kb / 1P
   Multiswitch 13in / 10out
MS1310ECU-4 EMP-CENTAURI-MS1310ECU-4 Datasheet
185Kb / 2P
   Multiswitch 13in / 10out
MS1310NEU-4 EMP-CENTAURI-MS1310NEU-4 Datasheet
550Kb / 1P
   EoC Multiswitch 13in / 10out
MS1312ECP-12 EMP-CENTAURI-MS1312ECP-12 Datasheet
574Kb / 1P
   Multiswitch 13in / 12out
More results

Similar Description - MS13LNW01E

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
MS12AFW NKK-MS12AFW Datasheet
256Kb / 7P
   Miniature Slides
SM0320102 NKK-SM0320102 Datasheet
64Kb / 2P
   Ultra-Miniature Slides
SS12SDP2LC NKK-SS12SDP2LC Datasheet
185Kb / 4P
   Ultra-Miniature Slides
SS12SBP2 NKK-SS12SBP2 Datasheet
149Kb / 5P
   Ultra-Miniature Slides
SS312SAH4-R NKK-SS312SAH4-R Datasheet
196Kb / 6P
   Ultra-Miniature SMT Slides
CS12ANW03 NKK-CS12ANW03 Datasheet
142Kb / 4P
   Miniature Power Rated Slides
FS22AAP NKK-FS22AAP Datasheet
97Kb / 3P
   Miniature Slides for High Frequency
JS0204AP4-S NKK-JS0204AP4-S Datasheet
265Kb / 6P
   Ultra-Miniature SMT DIP Slides
AS11AP NKK-AS11AP Datasheet
198Kb / 5P
   Subminiature Slides
logo
Advantech Co., Ltd.
C-300-S ADVANTECH-C-300-S Datasheet
86Kb / 3P
   General Devices ChassisTrak Slides
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com