Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E2018-CG Datasheet(PDF) 1 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # E2018-CG
Description  Light Duty Miniature Toggles
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

E2018-CG Datasheet(HTML) 1 Page - Nihon Kaiheiki Industry Co. Ltd.

  E2018-CG Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. E2018-CG Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. E2018-CG Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. E2018-CG Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. E2018-CG Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. E2018-CG Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Light Duty Miniature Toggles
Series E
2-06
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
Distinctive Characteristics
Power and logic level capabilities available to suit varying applications.
High torque bushing prevents rotation and separation from metal
frame during installation.
Stainless steel frame resists corrosion.
Case of heat resistant resin meets UL94V-0 flammability
rating.
Antijamming design protects contact mechanism from
damage if lever is subjected to sharp downward force
or other harsh treatment.
Bias guard achieved by interlocking actuator block
with lever and interior guide; diagonal force on
toggle is not transmitted to actuator block and
misalignment of contacts is prevented.
Higher insulating barriers protect against crossover
in double pole devices.
1,500V dielectric strength between contacts and case
is accomplished by clinching the frame away from the terminals.
Epoxy sealed terminals prevent entry of solder flux and other contaminants.
Actual Size


Similar Part No. - E2018-CG

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
E201 MPD-E201 Datasheet
175Kb / 2P
   Isolated, Single Output Ultra-Miniature, 2W SIP DC/DC Converters
logo
C&K Components
E201 CK-COMPONENTS-E201 Datasheet
610Kb / 8P
   Sealed Miniature Toggle Switches
E201 CK-COMPONENTS-E201 Datasheet
621Kb / 8P
   Sealed Miniature Toggle Switches
E201 CK-COMPONENTS-E201 Datasheet
972Kb / 14P
   Sealed Miniature Rocker and Lever Handle Switches
E201 CK-COMPONENTS-E201 Datasheet
2Mb / 14P
   Sealed Miniature Rocker and Lever Handle Switches
15 Jan 21
More results

Similar Description - E2018-CG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M2022SS2G13-BC ETC2-M2022SS2G13-BC Datasheet
215Kb / 7P
   Miniature Toggles
M2022ES1W01 ETC2-M2022ES1W01 Datasheet
1Mb / 12P
   Miniature Toggles
M2012S2A2G40 ETC2-M2012S2A2G40 Datasheet
343Kb / 10P
   Miniature Toggles
M2013SS1W01 ETC2-M2013SS1W01 Datasheet
1Mb / 12P
   Miniature Toggles
M-2011L ETC2-M-2011L Datasheet
1Mb / 12P
   Miniature Toggles
35-3170 ETC2-35-3170 Datasheet
3Mb / 4P
   HEAVY DUTY TOGGLES
logo
Nihon Kaiheiki Industry...
M2T12SA5W03 NKK-M2T12SA5W03 Datasheet
219Kb / 7P
   Process Sealed Miniature Toggles
JF01PC NKK-JF01PC Datasheet
45Kb / 1P
   Ultra-Miniature Fully Illuminated Toggles
G12JPC NKK-G12JPC Datasheet
123Kb / 4P
   Fully Illuminated Ultra-Miniature Toggles
G12AP NKK-G12AP Datasheet
126Kb / 4P
   Process Sealed Ultra-Miniature Toggles
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com