Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M2T13S4A5G03 Datasheet(PDF) 5 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # M2T13S4A5G03
Description  Process Sealed Miniature Toggles
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

M2T13S4A5G03 Datasheet(HTML) 5 Page - Nihon Kaiheiki Industry Co. Ltd.

  M2T13S4A5G03 Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. M2T13S4A5G03 Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. M2T13S4A5G03 Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. M2T13S4A5G03 Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. M2T13S4A5G03 Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. M2T13S4A5G03 Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. M2T13S4A5G03 Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Process Sealed Miniature Toggles
Series M2
(3.81)
.150
PC TERMINALS
Straight
.150” (3.81mm) Right Angle
03
30
.150” (3.81mm) Vertical
40
(3.81)
.150
(4.7) Typ
.185
(1.8) Dia Typ
.073
1
2
3
(12.7)
.500
(2.54) Typ
.100
(1.8) Dia Typ
.073
2
1
3
(4.7) Typ
.185
(2.54) Typ
.100
(12.7)
.500
5
4
6
(3.81)
.150
(12.7)
.500
(1.8) Dia Typ
.073
2
1
3
(2.54) Typ
.100
(3.81) Typ
.150
Straight with
.460” (11.7mm) Bracket
13
.425” (10.8mm)
Extended PC
05
.750” (19.05mm)
Extended PC
06
.964” (24.5mm)
Extended PC
07
2
1
3
(1.6) Typ
.063
(7.9) Typ
.311
(4.7) Typ
.185
(1.8) Dia Typ
.073
(1.5) Dia Typ
.059
(4.7) Typ
.185
(1.8) Dia Typ
.073
1
2
3
(4.7) Typ
.185
(1.8) Dia Typ
.073
1
2
3
(4.7) Typ
.185
(4.8)
.189
(1.8) Dia Typ
.073
1
2
3
6
5
4
(4.7) Typ
.185
(4.8)
.189
(1.8) Dia Typ
.073
1
2
3
6
5
4
Epoxy Seal
(4.8)
.189
(5.9)
.232
(1.17)
.046
Thk = (0.8)
.031
2
1
4
5
6
3
(1.6) Typ
.063
(2.4) Typ
.095
(7.9) Typ
.311
(4.7) Typ
.185
(1.8) Dia Typ
.073
(1.5) Dia Typ
.059
CL
Thk = (0.8)
.031
Epoxy Seal
A
(1.27)
.050
Dimension A = terminal lengths as shown beside the terminal codes at the left.
Single Pole
Single Pole
Single Pole
Single Pole
Double Pole
Double Pole
Double Pole
Double Pole
Single Pole
Double Pole
(5.9)
.232
(11.7)
.460
(2.4) Typ
.094
(1.8) Dia Typ
.073
1
2
3
(12.7)
.500
(2.54) Typ
.100
(3.81) Typ
.150
4
5
6


Similar Part No. - M2T13S4A5G03

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
M2T13S4A5G03 NKK-M2T13S4A5G03 Datasheet
184Kb / 8P
   General Specifications
More results

Similar Description - M2T13S4A5G03

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
G12AP NKK-G12AP Datasheet
126Kb / 4P
   Process Sealed Ultra-Miniature Toggles
logo
List of Unclassifed Man...
G13AH ETC2-G13AH Datasheet
121Kb / 4P
   Process Sealed Ultra-Miniature Toggles
G3TOGGLES ETC2-G3TOGGLES Datasheet
618Kb / 6P
   Process Sealed Ultra-Miniature SMT Toggles
logo
Nihon Kaiheiki Industry...
G3T12AP-R NKK-G3T12AP-R Datasheet
257Kb / 6P
   Ultra-Miniature Process Sealed SMT Toggles
logo
List of Unclassifed Man...
A18AV ETC2-A18AV Datasheet
980Kb / 8P
   Process Sealed Subminiature Toggles
A18EP ETC2-A18EP Datasheet
980Kb / 8P
   Process Sealed Subminiature Toggles
logo
Nihon Kaiheiki Industry...
A11A NKK-A11A Datasheet
243Kb / 7P
   Process Sealed Subminiature Toggles
logo
List of Unclassifed Man...
A22JB ETC2-A22JB Datasheet
213Kb / 7P
   Process Sealed Subminiature Toggles
A12EH ETC2-A12EH Datasheet
980Kb / 8P
   Process Sealed Subminiature Toggles
A2SHV ETC2-A2SHV Datasheet
213Kb / 7P
   Process Sealed Subminiature Toggles
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com