Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRB24H-C Datasheet(PDF) 4 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # MRB24H-C
Description  Miniature PCB Process Sealed Rotaries
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

MRB24H-C Datasheet(HTML) 4 Page - Nihon Kaiheiki Industry Co. Ltd.

  MRB24H-C Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. MRB24H-C Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. MRB24H-C Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. MRB24H-C Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. MRB24H-C Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Miniature PCB Process Sealed Rotaries
Series MRB
TYPICAL SWITCH DIMENSIONS
45° Indexing • SP3T & DP3T • Straight PC
MRB14B
Actuator shown in Position 1
Single pole model does not have terminals 4, 5, 6 & C2
90° Indexing • SPDT & DPDT • Straight PC
90° Indexing • SPDT • Right Angle PC
MRB12B
Actuator shown in Position 1
Single pole model does not have terminals 4, 5 & C2
MRB22H
Actuator shown in Position 1
90° Indexing • DPDT • Right Angle PC
MRB12H
Actuator shown in Position 1
POS 1
POS 3
(14.5)
.571
90
°
(2.28)
.090
(3.1) Dia
.122
Keyway
(11.0)
.433
(3.5)
.138
(2.54) Typ
.100
(5.08)
.200
(2.54)
.100
(0.5) Typ
.020
(10.0)
.394
M6 P0.75
(7.0)
.276
(7.62)
.300
(2.54)
.100
(5.08)
.200
(1.0) Dia Typ
.039
(2.54)
.100
(2.54) Typ
.100
1
2
CL
C1
(2.54) Typ
.100
(1.0) Dia Typ
.039
(5.08)
.200
(10.16)
.400
4
5
C2
1
2
C1
(2.54) Typ
.100
(1.0) Dia Typ
.039
(5.08)
.200
(10.16)
.400
4
5
C2
1
2
C1
3
6
(7.62)
.300
(2.54)
.100
(5.08)
.200
(1.0) Dia Typ
.039
(2.54)
.100
(2.54) Typ
.100
1
2
CL
C1
C2
4
5
(9.0)
.354
(16.3)
.642
(2.54) Typ
.100
(2.54)
.100
(5.08)
.200
(3.5)
.138
C1
1
2
(0.7) Dia Typ
.028
(15.74)
.620
(9.4)
.370
(0.7) Typ
.028
(7.62)
.300
(2.54)
.100
(10.0)
.394
Double Flat with
M6 P0.75
(7.0)
.276
90
°
(0.5) Typ
.020
POS 1
POS 3
(3.1) Dia
.122
Keyway
(2.28)
.090
(15.24)
.600
(9.0)
.354
(16.3)
.642
(2.54) Typ
.100
(2.54)
.100
(5.08)
.200
(3.5)
.138
C1
1
2
(0.7) Dia Typ
.028
C2
5
4
(15.74)
.620
(9.4)
.370
(0.7) Typ
.028
(7.62)
.300
(2.54)
.100
(2.54)
.100
(10.0)
.394
Double Flat with
M6 P0.75
(7.0)
.276
90
°
(0.5) Typ
.020
POS 1
POS 3
(3.1) Dia
.122
Keyway
(2.28)
.090
(15.24)
.600
(15.74)
.620
1
2
C1
C2
5
4
(0.7) Typ
.028
(10.16)
.400
(0.7) Dia Typ
.028
3
6
(11.0)
.433
(3.5)
.138
(2.54) Typ
.100
(5.08)
.200
(2.54) Typ
.100
(0.5) Typ
.020
(10.0)
.394
M6 P0.75
(7.0)
.276
45
°
45
°
POS 2
POS 1
POS 3
(14.5)
.571
(2.28)
.090
Keyway
(3.1) Dia
.122
(15.74)
.620
1
2
C1
C2
5
4
(0.7) Typ
.028
(10.16)
.400
(0.7) Dia Typ
.028


Similar Part No. - MRB24H-C

ManufacturerPart #DatasheetDescription
logo
ETA-USA
MRB24SA-U ETA-USA-MRB24SA-U Datasheet
490Kb / 3P
   50 WATT AC-DC CONVERTER
MRB24SB-U ETA-USA-MRB24SB-U Datasheet
518Kb / 4P
   50 WATT AC-DC CONVERTER
More results

Similar Description - MRB24H-C

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
NDFR10P NKK-NDFR10P Datasheet
121Kb / 4P
   8mm Process Sealed DIP Rotaries
MRA112-A NKK-MRA112-A Datasheet
390Kb / 6P
   Half-Inch Diameter Process Sealed Rotaries
logo
List of Unclassifed Man...
MRA112 ETC2-MRA112 Datasheet
262Kb / 6P
   Half-Inch Diameter Process Sealed Rotaries
logo
Nihon Kaiheiki Industry...
ND3FR10P NKK-ND3FR10P Datasheet
359Kb / 7P
   8mm Process Sealed SMT DIP Rotaries
M2B15AA5W03-F NKK-M2B15AA5W03-F Datasheet
231Kb / 7P
   Process Sealed Miniature Pushbuttons
M2T12TXW13-D NKK-M2T12TXW13-D Datasheet
253Kb / 7P
   Process Sealed Miniature Rockers
logo
List of Unclassifed Man...
M2T22TXG41-DC ETC2-M2T22TXG41-DC Datasheet
597Kb / 8P
   Process Sealed Miniature Rockers
M2B15AA5G30-FC ETC2-M2B15AA5G30-FC Datasheet
191Kb / 7P
   Process Sealed Miniature Pushbuttons
logo
Nihon Kaiheiki Industry...
M2T12SA5W03 NKK-M2T12SA5W03 Datasheet
219Kb / 7P
   Process Sealed Miniature Toggles
logo
List of Unclassifed Man...
GB15AP ETC2-GB15AP Datasheet
125Kb / 4P
   Process Sealed Ultra-Miniature Pushbuttons
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com